Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB6132-16-0M8 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RB6132-16-0M8
Description  EMC/EMI Chokes RB Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RB6132-16-0M8 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RB6132-16-0M8 Datasheet HTML 1Page - List of Unclassifed Manufacturers RB6132-16-0M8 Datasheet HTML 2Page - List of Unclassifed Manufacturers RB6132-16-0M8 Datasheet HTML 3Page - List of Unclassifed Manufacturers RB6132-16-0M8 Datasheet HTML 4Page - List of Unclassifed Manufacturers RB6132-16-0M8 Datasheet HTML 5Page - List of Unclassifed Manufacturers RB6132-16-0M8 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EMC/EMI Products > RB Series
Selection table
convection
*forced cooling
Inductance
Resistance
Choke
Ø Pin
Length
Weight
cooling nominal
3m/s nominal
L @25˚C
R @25˚C
Pin
current @60˚ C
current @60˚ C
[A]
[A]
[mH/path]
[m/path]
[size]
D [mm]
L [mm]
[g]
RB Series
RB6122-16-1M0
16
25
1.00
4.8
1
2.0 ± 0.1
4.5 ± 0.5
130
RB6122-25-0M6
25
39
0.64
2.7
1
2.4 ± 0.1
4.5 ± 0.5
135
RB6122-36-0M5
36
53
0.45
1.5
2
2.2 ± 0.1
4.5 ± 0.5
180
RB6122-50-0M3
50
80
0.25
0.9
2
2.5 ± 0.1
5.0 ± 0.5
172
RB6522-16-1M0
16
25
1.00
4.6
3
2.0 ± 0.1
4.5 ± 0.5
132
RB6522-25-0M6
25
39
0.64
2.6
3
2.4 ± 0.1
4.5 ± 0.5
126
RB6522-36-0M5
36
53
0.45
1.5
4
2.2 ± 0.1
4.5 ± 0.5
180
RB6522-50-0M3
50
80
0.25
0.9
4
2.5 ± 0.1
5.0 ± 0.5
175
RB8522-16-3M0
16
25
3.00
8.4
4
2.0 ± 0.1
4.5 ± 0.5
172
RB8522-25-2M0
25
39
2.00
4.2
5
2.6 ± 0.1
5.0 ± 0.5
268
RB8522-36-1M5
36
58
1.50
3.0
6
2.2 ± 0.1
4.5 ± 0.5
440
RB8522-50-0M8
50
83
0.75
1.7
6
2.5 ± 0.1
5.0 ± 0.5
430
RB6132-16-0M8
16
26.5
0.80
4.6
7
2.0 ± 0.1
4.5 ± 0.5
162
RB6132-25-0M5
25
41
0.47
2.4
7
2.5 ± 0.1
5.0 ± 0.5
175
RB6132-36-0M4
36
60
0.42
1.4
8
2.2 ± 0.1
4.5 ± 0.5
278
RB6132-50-0M2
50
81
0.18
0.9
8
2.5 ± 0.1
5.0 ± 0.5
264
RB6532-16-0M8
16
26.5
0.80
4.7
9
2.0 ± 0.1
4.5 ± 0.5
165
RB6532-25-0M5
25
41
0.47
2.4
9
2.5 ± 0.1
5.0 ± 0.5
180
RB6532-36-0M4
36
60
0.42
1.5
10
2.2 ± 0.1
4.5 ± 0.5
280
RB6532-50-0M2
50
81
0.18
0.8
10
2.5 ± 0.1
5.0 ± 0.5
268
RB8532-16-1M3
16
27
1.30
5.7
9
2.0 ± 0.1
4.5 ± 0.5
176
RB8532-25-0M9
25
41
0.94
3.0
11
2.6 ± 0.1
5.0 ± 0.5
282
RB8532-36-0M8
36
58
0.83
2.3
12
2.2 ± 0.1
4.5 ± 0.5
478
RB8532-50-0M3
50
82
0.33
1.2
12
2.5 ± 0.1
5.0 ± 0.5
442
Order Code:
Test conditions:
Measuring frequency: 1kHz; 500 A > 0.16mH < 1.6mH; 50 A > 1.6mH < 160mH
Inductance tolerance: +50%, – 30%
Resistance tolerance: max. ±15% @ 25°C; < 20m 1A
Electrical characteristics @ 25°C: ±2°C
* typical current for forced cooling with 3m/s. Due to the possible turbulences and degradation of the air stream within an equipment please consider
thermal validation.
RB xxxx-xx-xmx
Inductance value (e.g. 9M6 = 9.6 mH)
Nominal input current [A] (convection cooling)
Terminal type ( 2 for PCB pin)
2 = 2-wire choke
3 = 3-wire choke
1 = Horizonzal
5 = Vertical
8 = high inductance series
6 = low inductance series
Schaffner standard ring-core choke series RB
Examples:
RB8532-16-1M3: Vertical 3-wire high inductance choke with PCB pins, for 16A, with 1.3 mH
RB6122-50-0M3: Horizontal 2-wire low inductance choke with PCB pins, for 50A, with 0.3 mH


Similar Description - RB6132-16-0M8

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
RB SHARMA-RB Datasheet
349Kb / 2P
   RB Series
logo
API Technologies Corp
62-MTB-060-5-21 APITECH-62-MTB-060-5-21 Datasheet
226Kb / 2P
   EMI/EMC Filter
logo
DONG IL TECHNOLOGY LTD.
HP4 DIT-HP4 Datasheet
954Kb / 2P
   EMI/EMC FILTER
PC2 DIT-PC2 Datasheet
1Mb / 2P
   EMI/EMC FILTER
TB3 DIT-TB3 Datasheet
1Mb / 4P
   EMI/EMC FILTER
TBB DIT-TBB Datasheet
1Mb / 2P
   EMI/EMC FILTER
ES3 DIT-ES3 Datasheet
1Mb / 2P
   EMI/EMC FILTER
CA5 DIT-CA5 Datasheet
1Mb / 2P
   EMI/EMC FILTER
CN2-F30 DIT-CN2-F30 Datasheet
913Kb / 2P
   EMI/EMC FILTER
TB6-B DIT-TB6-B Datasheet
3Mb / 8P
   EMI/EMC FILTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com