Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB6532-25-0M5 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RB6532-25-0M5
Description  EMC/EMI Chokes RB Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RB6532-25-0M5 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RB6532-25-0M5 Datasheet HTML 1Page - List of Unclassifed Manufacturers RB6532-25-0M5 Datasheet HTML 2Page - List of Unclassifed Manufacturers RB6532-25-0M5 Datasheet HTML 3Page - List of Unclassifed Manufacturers RB6532-25-0M5 Datasheet HTML 4Page - List of Unclassifed Manufacturers RB6532-25-0M5 Datasheet HTML 5Page - List of Unclassifed Manufacturers RB6532-25-0M5 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EMC/EMI Products > RB Series
3-phase chokes
Size 7 (RB6132)
Size 9 (RB6532/RB8532)
Size 11 (RB8532)
Size 12 (RB8532)
Size 8 (RB6132)
Size 10 (RB6532)



©
SCHAFFNER EMV AG
http://www.schaffner.com
















 
811891






é


ä





















è


























é


































ééé










DSH



 
 







































For self tapping screw M4
L1
L2
L3
L1'
L2'
L3'







D
L
Dimensions (mm)
1
2
3
4
5
6
7
8
A
B
C
D
E
F
1
2
3
4
A
B
C
D
E
F
projection
scale
Copyright by
©
SCHAFFNER EMV AG
http://www.schaffner.com
Schaffner EMC
Shanghai China
date
name
drawn
ds approved
name
date
revision
ind
plot date
page
von
20.01.2011
fiona.chen
B
1
RB6532-25-0M5
B 50002499
811898
Datenblatt
(
)
date sheet
fiche technique
Fuer masse ohne Toleranz
for dimensions without tolerance
pour mesure sans tolérance
ISO2768-m/EN22768-m
Zusätzliche Angaben:
Additional remarks:
Remarques additionals:
pruefzeichen
CSA/C -US
UL 1283
C22.2 NO.8
approvals
CSA C 22.2 NO.8
homologations
ENEC IEC/EN 60939
VDE
UL VL 1283
Gewicht
Weight
Poids
Vergussmasse
potting compound
matière de moulage
Zusatzangaben
additional information
informations supplementaires
(IEC/CEI 60068-1)
/
/
-
°C bis/to/a
+
°C
@ 25 °C
max.
X
m0hm
Spannung P-E /Frequenz
VAC
Hz
Imax.
mA
Spannung P-P /Frequenz
VAC
Hz
Ityp.
mA
max.
Hz
max.
A
°C
Tol.
(%)
`3
Tol.
(%)
Tol.
(%)
+15
Daten (
)
data
charatéristiques
Nennstrom
bei umgebungstemp.
rated current
at an ambient temp.
courant nominal
à une température ambiante
Nennspannung
rate voltage
tension nominal
Betriebsfrequenz
operating frequency
fréquence de service
Ableitstrom im Betrieb
Operational leakage current
courant de fuite en fonction
maximaler Ableitstrom
Max leakage current
courant maximale de fuite
DC-Widerstand
DC-resistance
DC-résistance
pruefspannung
test voltage
tension d'essais
100% Schlusskontr.
100% final test
contrÔle final 100%
Wiederholung mit 80%
repetition with max.80%
répétition avec max. 80%
der angegebenen Werte
of the specified values
des valeurs spécifiques
Zulaessige Betriebstemp.
temperature range
gamme de température
klimatische pruefklasse
climatic test class
classe d'essais climatique
811898
B
RB6532-25-0M5
180
g
25
60
600
400
3
2.4
40
125
40
125
21
circuit diagram
Allgemeine Toleranzen
General tolerances
Tolérances en général
L
+50%
-30%
C±20%
R±10%
multi phase
multi phase
12.01.2012
Fiona
Type
Part-NO.
DSH
Type
811898
doc.approved
12.01.2012 Ice.li
12.01.2012 Ice.li
V.50/60Hz
non symmetrical voltage
Calculation with C-tol.
Spannungsunsymmetrie
(IEC 1000-2-4)
Berechnung mit C-Tol.
(IEC 1000-2-4)
(IEC 1000-2-4)
tension non symétric
Calculation avec C-tol.
Berechnung mit C-Tol.
Unterbruch von 2 Phasen
Calculation with C-tol.
2 phases open circuit
Calculation avec C-tol.
ouvert defecteux
2 phases circuit
L1 '
L2
L2 '
L3
L1
3x0.47 mH
L3'
For self tapping
screw M4
20.32
`0.30
40.64
`0.40
3.68
`0.20
44.32
58
n3.4
2x
x8.5
L1
L2
L3
L1'
L2'
L3'
P -> P
Factory test:
Guaranteed:
3.0kv / 50Hz
3.0kv / 50Hz
2sec
60sec
D
L
1
2
3
4
A
B
C
D
E
F
1
2
3
4
E
F
projection
scale
Copyright by
©
SCHAFFNER EMV AG
http://www.schaffner.com
Schaffner EMC
Shanghai China
date
name
drawn
ds approved
name
date
revision
ind
plot date
page
von
23.02.2011
fiona.chen
B
1
1
RB8532-25-0M9
B 50002499
811885
Datenblatt
(
)
date sheet
fiche technique
Fuer masse ohne Toleranz
for dimensions without tolerance
pour mesure sans tolérance
ISO2768-m/EN22768-m
Zusätzliche Angaben:
Additional remarks:
Remarques additionals:
pruefzeichen
CSA/C -US
UL 1283
C22.2 NO.8
approvals
CSA C 22.2 NO.8
homologations
ENEC IEC/EN 60939
VDE
UL VL 1283
Gewicht
Weight
Poids
Vergussmasse
potting compound
matière de moulage
(IEC/CEI 60068-1)
/
/
-
°C bis/to/a
+
°C
@ 25 °C
max.
X
m0hm
Spannung P-E /Frequenz
VAC
Hz
Imax.
mA
Spannung P-P /Frequenz
VAC
Hz
Ityp.
mA
max.
Hz
max.
A
°C
Tol.
(%)
`3
Tol.
(%)
Tol.
(%)
+15
Daten (
)
data
charatéristiques
Nennstrom
bei umgebungstemp.
rated current
at an ambient temp.
courant nominal
à une température ambiante
Nennspannung
rate voltage
tension nominal
Betriebsfrequenz
operating frequency
fréquence de service
Ableitstrom im Betrieb
Operational leakage current
courant de fuite en fonction
maximaler Ableitstrom
Max leakage current
courant maximale de fuite
DC-Widerstand
DC-resistance
DC-résistance
pruefspannung
test voltage
tension d'essais
100% Schlusskontr.
100% final test
contrÔle final 100%
Wiederholung mit 80%
repetition with max.80%
répétition avec max. 80%
der angegebenen Werte
of the specified values
des valeurs spécifiques
Zulaessige Betriebstemp.
temperature range
gamme de température
klimatische pruefklasse
climatic test class
classe d'essais climatique
811885
B
RB8532-25-0M9
282
g
25
60
600
400
3
3
40
125
40
125
21
circuit diagram
Allgemeine Toleranzen
General tolerances
Tolérances en général
L +50%
-30%
C±20%
R±10%
multi phase
multi phase
12.01.2012
Fiona
Type
Part-NO.
DSH
Type
811885
doc.approved
12.01.2012 Ice.li
12.01.2012 Ice.li
V.50/60Hz
non symmetrical voltage
Calculation with C-tol.
Spannungsunsymmetrie
(IEC 1000-2-4)
Berechnung mit C-Tol.
(IEC 1000-2-4)
(IEC 1000-2-4)
tension non symétric
Calculation avec C-tol.
Berechnung mit C-Tol.
Unterbruch von 2 Phasen
Calculation with C-tol.
2 phases open circuit
Calculation avec C-tol.
ouvert defecteux
2 phases circuit
L1 '
L2
L2 '
L3
L1
3x0.94mH
L3'
62
For self tapping
srew M4
20.32 `0.30
40.64 `0.40
45.72 `0.40
5.08 `0.20
5.68
46.32
L1
L2
L3
L1'
L2'
L3'
n3.4
2X
x8.5
P -> P
Factory test:
Guaranteed:
3.0kv / 50Hz
3.0kv / 50Hz
2sec
60sec
D
L
1
2
3
4
A
B
C
D
E
F
1
2
3
4
A
B
C
D
E
F
projection
scale
Copyright by
©
SCHAFFNER EMV AG
http://www.schaffner.com
Schaffner EMC
Shanghai China
date
name
drawn
ds approved
name
date
revision
ind
plot date
page
von
20.01.2011
fiona.chen
B
1
1
RB8532-50-0M3
B 50002499
811887
Datenblatt
(
)
date sheet
fiche technique
Fuer masse ohne Toleranz
for dimensions without tolerance
pour mesure sans tolérance
ISO2768-m/EN22768-m
Zusätzliche Angaben:
Additional remarks:
Remarques additionals:
pruefzeichen
CSA/C -US
UL 1283
C22.2 NO.8
approvals
CSA C 22.2 NO.8
homologations
ENEC IEC/EN 60939
VDE
UL VL 1283
Gewicht
Weight
Poids
Vergussmasse
potting compound
matière de moulage
Zusatzangaben
additional information
informations supplementaires
(IEC/CEI 60068-1)
/
/
-
°C bis/to/a
+
°C
@ 25 °C
max.
X
m0hm
Spannung P-E /Frequenz
VAC
Hz
Imax.
mA
Spannung P-P /Frequenz
VAC
Hz
Ityp.
mA
max.
Hz
max.
A
°C
Tol.
(%)
`3
Tol.
(%)
Tol.
(%)
+15
Daten (
)
data
charatéristiques
Nennstrom
bei umgebungstemp.
rated current
at an ambient temp.
courant nominal
à une température ambiante
Nennspannung
rate voltage
tension nominal
Betriebsfrequenz
operating frequency
fréquence de service
Ableitstrom im Betrieb
Operational leakage current
courant de fuite en fonction
maximaler Ableitstrom
Max leakage current
courant maximale de fuite
DC-Widerstand
DC-resistance
DC-résistance
pruefspannung
test voltage
tension d'essais
100% Schlusskontr.
100% final test
contrÔle final 100%
Wiederholung mit 80%
repetition with max.80%
répétition avec max. 80%
der angegebenen Werte
of the specified values
des valeurs spécifiques
Zulaessige Betriebstemp.
temperature range
gamme de température
klimatische pruefklasse
climatic test class
classe d'essais climatique
811887
B
RB8532-50-0M3
442
g
50
60
600
400
3
1.2
40
125
40
125
21
circuit diagram
Allgemeine Toleranzen
General tolerances
Tolérances en général
L
+50%
-30%
C±20%
R±10%
multi phase
multi phase
12.01.2012
Fiona
Type
Part-NO.
DSH
Type
811887
doc.approved
12.01.2012 Ice.li
12.01.2012 Ice.li
V.50/60Hz
non symmetrical voltage
Calculation with C-tol.
Spannungsunsymmetrie
(IEC 1000-2-4)
Berechnung mit C-Tol.
(IEC 1000-2-4)
(IEC 1000-2-4)
tension non symétric
Calculation avec C-tol.
Berechnung mit C-Tol.
Unterbruch von 2 Phasen
Calculation with C-tol.
2 phases open circuit
Calculation avec C-tol.
ouvert defecteux
2 phases circuit
L1 '
L2
L2 '
L3
L1
3x0.33 mH
L3'
For self tapping
screw M4
5.08
`0.20
25.4
`0.30
30.48
`0.30
50.8
`0.40
55.88
`0.40
63
1.44
`0.20
54.44
L1
L2
L3
L1'
L2'
L3'
n3.4
2X
x8.5
P -> P
Factory test:
Guaranteed:
3.0kv / 50Hz
3.0kv / 50Hz
2sec
60sec
D
L
max. 76
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
1
2
3
4
5
A
B
C
D
E
F
1
2
3
4
A
B
C
D
E
F
projection
scale
Copyright by
©
SCHAFFNER EMV AG
http://www.schaffner.com
Schaffner EMC
Shanghai China
date
name
drawn
ds approved
name
date
revision
ind
plot date
page
von
23.02.2011
fiona.chen
B
B
Datenblatt
(
)
date sheet
fiche technique
Fuer masse ohne Toleranz
for dimensions without tolerance
pour mesure sans tolérance
Zusätzliche Angaben:
Additional remarks:
Remarques additionals:
pruefzeichen
CSA/C -US
UL 1283
C22.2 NO.8
approvals
CSA C 22.2 NO.8
homologations
ENEC IEC/EN 60939
VDE
UL VL 1283
Gewicht
Weight
Poids
Vergussmasse
potting compound
matière de moulage
Zusatzangaben
additional information
informations supplementaires
(IEC/CEI 60068-1)
/
/
-
°C bis/to/a
+
°C
@ 25 °C
max.
X
m0hm
Spannung P-E /Frequenz
VAC
Hz
Imax.
mA
Spannung P-P /Frequenz
VAC
Hz
Ityp.
mA
max.
Hz
max.
A
°C
Tol.
(%)
`3
Tol.
(%)
Tol.
(%)
+15
Daten (
)
data
charatéristiques
Nennstrom
bei umgebungstemp.
rated current
at an ambient temp.
courant nominal
à une température ambiante
Nennspannung
rate voltage
tension nominal
Betriebsfrequenz
operating frequency
fréquence de service
Ableitstrom im Betrieb
Operational leakage current
courant de fuite en fonction
maximaler Ableitstrom
Max leakage current
courant maximale de fuite
DC-Widerstand
DC-resistance
DC-résistance
pruefspannung
test voltage
tension d'essais
100% Schlusskontr.
100% final test
contrÔle final 100%
Wiederholung mit 80%
repetition with max.80%
répétition avec max. 80%
der angegebenen Werte
of the specified values
des valeurs spécifiques
Zulaessige Betriebstemp.
temperature range
gamme de température
klimatische pruefklasse
climatic test class
classe d'essais climatique
B
circuit diagram
Allgemeine Toleranzen
General tolerances
Tolérances en général
L +50%
-30%
C±20%
R±10%
Type
Part-NO.
DSH
Type
doc.approved
V.50/60Hz
non symmetrical voltage
Calculation with C-tol.
Spannungsunsymmetrie
(IEC 1000-2-4)
Berechnung mit C-Tol.
(IEC 1000-2-4)
(IEC 1000-2-4)
tension non symétric
Calculation avec C-tol.
Berechnung mit C-Tol.
Unterbruch von 2 Phasen
Calculation with C-tol.
2 phases open circuit
Calculation avec C-tol.
ouvert defecteux
2 phases circuit
page
von
DSH
Part-NO.
homologations
ENEC IEC/EN 60939
UL VL 1283
Poids
fiche technique
VDE
doc.approved
for dimensions without tolerance
fiona.chen
plot date
date sheet
pour mesure sans tolérance
matière de moulage
informations supplementaires
B
approvals
CSA C 22.2 NO.8
Zusätzliche Angaben:
Additional remarks:
Remarques additionals:
additional information
date
name
Type
drawn
potting compound
Weight
scale
projection
Fuer masse ohne Toleranz
pruefzeichen
CSA/C -US
Datenblatt
(
)
ds approved
23.02.2011
name
date
UL 1283
C22.2 NO.8
Copyright by
©
SCHAFFNER EMV AG
http://www.schaffner.com
Zusatzangaben
Schaffner EMC
Shanghai China
revision
B
ind
100% Schlusskontr.
100% final test
contrÔle final 100%
DC-Widerstand
DC-resistance
DC-résistance
Type
Tol.
(%)
+15
@ 25 °C
max.
X
m0hm
Nennstrom
bei umgebungstemp.
Unterbruch von 2 Phasen
Berechnung mit C-Tol.
Berechnung mit C-Tol.
(IEC 1000-2-4)
Spannungsunsymmetrie
maximaler Ableitstrom
Max leakage current
courant maximale de fuite
pruefspannung
test voltage
tension d'essais
2 phases open circuit
Calculation avec C-tol.
Calculation with C-tol.
Wiederholung mit 80%
repetition with max.80%
répétition avec max. 80%
der angegebenen Werte
of the specified values
des valeurs spécifiques
2 phases circuit
ouvert defecteux
Daten (
)
data
charatéristiques
Tol.
(%)
(IEC 1000-2-4)
Calculation with C-tol.
non symmetrical voltage
Calculation avec C-tol.
tension non symétric
(IEC 1000-2-4)
Tol.
(%)
`3
klimatische pruefklasse
climatic test class
classe d'essais climatique
Zulaessige Betriebstemp.
temperature range
gamme de température
°C
Imax.
mA
VAC
Hz
/
/
(IEC/CEI 60068-1)
-
°C bis/to/a
+
-30%
Ityp.
mA
VAC
Hz
Spannung P-P /Frequenz
max.
Hz
Spannung P-E /Frequenz
rated current
at an ambient temp.
Betriebsfrequenz
operating frequency
fréquence de service
Nennspannung
rate voltage
tension nominal
Ableitstrom im Betrieb
Operational leakage current
courant de fuite en fonction
V.50/60Hz
B
A
°C
courant nominal
à une température ambiante
max.
C±20%
R±10%
Vergussmasse
Gewicht
L +50%
Tolérances en général
General tolerances
Allgemeine Toleranzen
circuit diagram
L1 '
L2
L2 '
L3
L1
3x0.18 mH
L3'
For self tapping
screw M4
50
60
600
400
3
0.8
40
125
40
125
21
RB6532-50-0M2
811900
268
g
RB6532-50-0M2
811900
811900
12.01.2012 Ice.li
12.01.2012 Ice.li
1
1
30.48
`0.30
50.8
`0.40
55.88
`0.40
1.94
`0.20
53.94
62
n3.4
2X
x8.5
L1
L2
L3
L1'
L2'
L3'
5.08
`0.20
25.4
`0.30
50002499
12.01.2012
Fiona
P -> P
Factory test:
Guaranteed:
3.0kv / 50Hz
3.0kv / 50Hz
2sec
60sec
multi phase
D
L
Dimensions (mm)



©
SCHAFFNER EMV AG
http://www.schaffner.com
















 
811893






é


ä





















è






















é


































ééé










DSH



 
 














































For self tapping screw M4
L1
L2
L3
L1'
L2'
L3'








D
L
Dimensions (mm)


Similar Description - RB6532-25-0M5

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
RB SHARMA-RB Datasheet
349Kb / 2P
   RB Series
logo
API Technologies Corp
62-MTB-060-5-21 APITECH-62-MTB-060-5-21 Datasheet
226Kb / 2P
   EMI/EMC Filter
logo
DONG IL TECHNOLOGY LTD.
HP4 DIT-HP4 Datasheet
954Kb / 2P
   EMI/EMC FILTER
PC2 DIT-PC2 Datasheet
1Mb / 2P
   EMI/EMC FILTER
TB3 DIT-TB3 Datasheet
1Mb / 4P
   EMI/EMC FILTER
TBB DIT-TBB Datasheet
1Mb / 2P
   EMI/EMC FILTER
ES3 DIT-ES3 Datasheet
1Mb / 2P
   EMI/EMC FILTER
CA5 DIT-CA5 Datasheet
1Mb / 2P
   EMI/EMC FILTER
CN2-F30 DIT-CN2-F30 Datasheet
913Kb / 2P
   EMI/EMC FILTER
TB6-B DIT-TB6-B Datasheet
3Mb / 8P
   EMI/EMC FILTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com