Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRC06ZO Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NRC06ZO
Description  Thick Film Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRC06ZO Datasheet(HTML) 5 Page - NIC-Components Corp.

  NRC06ZO Datasheet HTML 1Page - NIC-Components Corp. NRC06ZO Datasheet HTML 2Page - NIC-Components Corp. NRC06ZO Datasheet HTML 3Page - NIC-Components Corp. NRC06ZO Datasheet HTML 4Page - NIC-Components Corp. NRC06ZO Datasheet HTML 5Page - NIC-Components Corp. NRC06ZO Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Thick Film Chip Resistors
NRC Series
(3) EMBOSSED PLASTIC TAPE SPECIFICATION
FIG. B.
P
1
A
F
1.1 Max.
W
B
D
P
0
0.2 ±0.05
Cover tape
E
* Same for JUMPER (ZO) types.
1. Leader tape : Approximately
250 m/m (160mm for 0201 case
size)leader shall be provided at each
end of the tape.
2. Accumulative tolerance of feeding
hole and chip pocket shall not exceed
0.2mm over 10 pitches.
(4) REEL SPECIFICATIONS
FIG. C.
21
± 0.8
2.0
± 0.5
2.0
± 0.5
L
Type
EIA Size
L (mm)
NRC01*
01005
9.0 ± 0.3
NRC02*
0201
10.0 ±1.5
NRC04*
0402
10.0 ±1.5
NRC06*
0603
10.0 ±1.5
NRC10*
0805
10.0 ±1.5
NRC12*
1206
10.0 ±1.5
NRC25
1210
10.0 ±1.5
NRC50
2010
13.5 ±1.5
NRC100*
2512
13.5 ±1.5
(2) PAPER TAPE DIMENSIONS (mm)
FIG. A
* Same for JUMPER (ZO) types.
P
2
P
1
A
F
T1
W
B
D
P
0
T2
Cover tape
E
P
3
Type
EIA Size
A
B
D
E
F
P
o
P
1
P
2
P
3
T
1
T
2
W
NRC01*
01005
0.25 ± 0.05
0.45 ± 0.05
1.5
+ 0.1
1.75
± 0.1
3.5
± 0.05
4.0
± 0.1
2.0 ± 0.05
N/A
2.0 ± 0.05
0.39 max. 0.31 ± 0.03
8.0
± 0.2
NRC02*
0201
0.41 ±0.1
0.71 ±0.1
2.0 ± 0.1
2.0 ± 0.1
1.0 max.
0.5 max.
NRC04*
0402
0.65 ± 0.1
1.15 ±0.1
2.0 ± 0.05
2.0 ± 0.05
1.1 max.
1.0 max.
NRC06*
0603
1.135 ± 0.05
1.95 ± 0.05
N/A
4.0
± 0.05 4.0 ± 0.05
NRC10*
0805
1.65 ±0.2
2.4 ±0.2
NRC12*
1206
2.0 ±0.2
3.6 ±0.2
Type
EIA Size
A
B
D
E
F
P
0
P
1
W
Qty per 7" Reel
NRC25*
1210
2.9 ± 0.2
3.6 ± 0.2
1.5 ± 0.1
1.5 ± 0.1 5.65 ± 0.05 4.0 ± 0.1
4.0 ± 0.05 12.0 ± 0.1
4,000
NRC50*
2010
2.9 ± 0.1
5.4 ± 0.1
4,000
NRC100*
2512
3.6 ± 0.1
6.9 ± 0.1
4,000
* Same for JUMPER (ZO) types.


Similar Part No. - NRC06ZO

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRC06ZO NIC-NRC06ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
NRC06ZO NIC-NRC06ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
NRC06ZO NIC-NRC06ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
NRC06ZO NIC-NRC06ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
logo
List of Unclassifed Man...
NRC06ZO ETC-NRC06ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
More results

Similar Description - NRC06ZO

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com