Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSM05S93E5-A Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # PSM05S93E5-A
Description  Dual-In-Line Package Intelligent Power Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PSM05S93E5-A Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PSM05S93E5-A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PSM05S93E5-A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PSM05S93E5-A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PSM05S93E5-A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PSM05S93E5-A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PSM05S93E5-A Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PSM05S93E5-A Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PSM05S93E5-A Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PSM05S93E5-A Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Publication Date : October 2013
1
< Dual-In-Line Package Intelligent Power Module >
PSM05S93E5-A
TRANSFER MOLDING TYPE
INSULATED TYPE
OUTLINE
MAIN FUNCTION AND RATINGS
 3 phase DC/AC inverter
 500V / 5A (MOSFET)
 N-side MOSFET open source
 Built-in bootstrap diodes with current limiting resistor
APPLICATION
 AC 100~240Vrms(DC voltage:400V or below) class
low power motor control
TYPE NAME
PSM05S93E5-A
With over temperature protection
INTEGRATED DRIVE, PROTECTION AND SYSTEM CONTROL FUNCTIONS
● For P-side
: Drive circuit, High voltage high-speed level shifting, Control supply under-voltage (UV) protection
● For N-side
: Drive circuit, Control supply under-voltage protection (UV), Short circuit protection (SC),
Over temperature protection (OT)
● Fault signaling : Corresponding to SC fault (N-side MOSFET), UV fault (N-side supply) and OT fault
● Input interface : 3, 5V line, Schmitt trigger receiver circuit (High Active)
●UL Recognized : UL1557 File E323585
INTERNAL CIRCUIT
VUFB(2)
VVFB(3)
VWFB(4)
W(21)
VP(6)
WP(7)
UP(5)
VP1(8)
VNC(9)
UN(10)
VN(11)
WN(12)
FO(14)
VN1(13)
VNC(16)
NW(18)
CIN(15)
NU(20)
NV(19)
V(22)
U(23)
P(24)
LVIC
MOSFET1
MOSFET2
MOSFET3
HVIC
MOSFET4
MOSFET5
MOSFET6


Similar Part No. - PSM05S93E5-A

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PSM050S-05A10KA TTELEC-PSM050S-05A10KA Datasheet
376Kb / 3P
   Miniature Slide Potentiometer
12/2021
PSM050S-05A10KB TTELEC-PSM050S-05A10KB Datasheet
376Kb / 3P
   Miniature Slide Potentiometer
12/2021
PSM050S-05A1KA TTELEC-PSM050S-05A1KA Datasheet
376Kb / 3P
   Miniature Slide Potentiometer
12/2021
PSM050S-05A1KB TTELEC-PSM050S-05A1KB Datasheet
376Kb / 3P
   Miniature Slide Potentiometer
12/2021
PSM050S-05A20KA TTELEC-PSM050S-05A20KA Datasheet
376Kb / 3P
   Miniature Slide Potentiometer
12/2021
More results

Similar Description - PSM05S93E5-A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS22A76 MITSUBISHI-PS22A76 Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS21767-V MITSUBISHI-PS21767-V Datasheet
147Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PSM03S93E5-A MITSUBISHI-PSM03S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSS50S71F6 MITSUBISHI-PSS50S71F6 Datasheet
423Kb / 12P
   Dual-In-Line Package Intelligent Power Module
logo
Alpha & Omega Semicondu...
AIM5D05K060M2S AOSMD-AIM5D05K060M2S Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev. 1. 1 October 2018
AIM5D10B060M1 AOSMD-AIM5D10B060M1 Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev.1.2 June 2018
logo
Mitsubishi Electric Sem...
PS22A78-E MITSUBISHI-PS22A78-E Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS219B3-S MITSUBISHI-PS219B3-S Datasheet
541Kb / 13P
   Dual-In-Line Package Intelligent Power Module
PS21963-4S MITSUBISHI-PS21963-4S_09 Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PS21993-4E MITSUBISHI-PS21993-4E Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com