Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM3U1918VBK Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # RM3U1918VBK
Description  Extruded Aluminum Frame - Type 6063
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RM3U1918VBK Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  RM3U1918VBK Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSEMBLY - VIEW FROM TOP
ASSEMBLY - VIEW FROM FRONT
ASSEMBLY - VIEW FROM SIDE
SECTION A-A
SECTION B-B
1427P1BK
RM3U18BRKT
RM3U1918VBK
Four Self Adhesive Rubber Feet - 1421T3
ACCESSORIES
Extruded Aluminum Frame - Type 6063
2 Panels - .064" Aluminum (5052-H32) Powder Coat
8 Screws - Counter Sunk Head 6-32 x 3/8"
16 Screws - Flat Head 4-40 x 3/8"
REAR BRACKET KIT
4 Screws - Counter Sunk Head 10-32 x 3/8"
2 Mounting Brackets - .125" Aluminum
PULL HANDLES
16 Nuts - #4 Speed Nuts
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
A
A
B
B
RM3U1918VBK
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
415.30 mm
[16.350 in]
128.99 mm
[5.078 in]
450.85 mm
[17.750 in]
132.59 mm
[5.220 in]
466.10 mm
[18.350 in]
4.37 mm
[0.172 in]
6.35 mm
[0.250 in]
120.65 mm
[4.750 in]
HANDLE
MOUNTING
HOLES
457.20 mm
[18.000 in]
482.61 mm
[19.000 in]
421.65 mm
[16.600 in]
304.43 mm
[11.985 in]
3.18 mm
[0.125 in]
R3.18 mm
[0.125 in]
457.20 mm
[18.000 in]
1.80 mm
[0.071 in]
127.00 mm
[5.000 in]
373.06 mm
[14.688 in]
7.94 mm
[0.313 in]
7.94 mm
[0.313 in]


Similar Part No. - RM3U1918VBK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RM3U1918SBK HAMMOND-RM3U1918SBK Datasheet
196Kb / 1P
   Extruded Aluminum Frame - Type 6063
More results

Similar Description - RM3U1918VBK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RM1U1913VBK HAMMOND-RM1U1913VBK Datasheet
486Kb / 1P
   Extruded Aluminum Frame - Type 6063
RM3U1918SBK HAMMOND-RM3U1918SBK Datasheet
196Kb / 1P
   Extruded Aluminum Frame - Type 6063
RM1U1913SBK HAMMOND-RM1U1913SBK Datasheet
195Kb / 1P
   Extruded Aluminum Frame - Type 6063
RM2U1913VBK HAMMOND-RM2U1913VBK Datasheet
410Kb / 1P
   Extruded Aluminum Frame - Type 6063
RM2U1918SBK HAMMOND-RM2U1918SBK Datasheet
181Kb / 1P
   Extruded Aluminum Frame - Type 6063
RM2U1908SBK HAMMOND-RM2U1908SBK Datasheet
198Kb / 1P
   Extruded Aluminum Frame - Type 6063
RM2U1908VBK HAMMOND-RM2U1908VBK Datasheet
467Kb / 1P
   Extruded Aluminum Frame - Type 6063
RM3U1908SBK HAMMOND-RM3U1908SBK Datasheet
215Kb / 1P
   Extruded Aluminum Frame - Type 6063
RM3U1913SBK HAMMOND-RM3U1913SBK Datasheet
209Kb / 1P
   Extruded Aluminum Frame - Type 6063
RM1U1908SBK HAMMOND-RM1U1908SBK Datasheet
196Kb / 1P
   Extruded Aluminum Frame - Type 6063
RM3U1908VBK HAMMOND-RM3U1908VBK Datasheet
446Kb / 1P
   Extruded Aluminum Frame - Type 6063
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com