Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST-90 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SST-90
Description  SST-90 LEDs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SST-90 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SST-90 Datasheet HTML 4Page - List of Unclassifed Manufacturers SST-90 Datasheet HTML 5Page - List of Unclassifed Manufacturers SST-90 Datasheet HTML 6Page - List of Unclassifed Manufacturers SST-90 Datasheet HTML 7Page - List of Unclassifed Manufacturers SST-90 Datasheet HTML 8Page - List of Unclassifed Manufacturers SST-90 Datasheet HTML 9Page - List of Unclassifed Manufacturers SST-90 Datasheet HTML 10Page - List of Unclassifed Manufacturers SST-90 Datasheet HTML 11Page - List of Unclassifed Manufacturers SST-90 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
PDS-001342Rev 09
© 2011 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
1100 Technology Park Drive • Billerica, MA 01821
SST-90 Product Datasheet
SST-90 RGB Bins Structure
SST-90 RGB LEDs are specified for luminous flux and wavelength at a drive current of 3.15 A (0.35 A/mm2) and placed into one of the
following luminous flux (FF) and wavelength (WW) bins:
Note 1: Luminus maintains a +/- 6% tolerance on flux measurements.
Note 2: Only specific bins are available for large order, contact Luminus sales team for more information.
Color
Luminous Flux Bin (FF)
Minimum Flux (lm) @
3.15A
Maximum Flux (lm) @
3.15A
Red
BG
275
350
BH
350
475
Green
CF
640
775
CG
775
940
Blue
DE
90
120
DF
120
160
DG
160
200
Flux Bins
Color
Wavelength Bin (FF)
Minimum Wavelength
@ 3.15A
Maximum Wavelength
@ 3.15A
Red
R2
611
615
R3
615
619
R4
619
623
R5
623
627
R6
627
631
R7
631
635
Green
G2
510
515
G3
515
520
G4
520
525
G5
525
530
G6
530
535
G7
535
540
G8
540
545
Blue
B4
450
455
B5
455
460
B6
460
465
B7
465
470
B8
470
475
Wavelength Bins


Similar Part No. - SST-90

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
SST-90-R LUMINUS-SST-90-R Datasheet
1Mb / 14P
   Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
SST-90-R-F11-HG LUMINUS-SST-90-R-F11-HG Datasheet
1Mb / 14P
   Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
SST-90-R-F11-HH LUMINUS-SST-90-R-F11-HH Datasheet
1Mb / 14P
   Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
SST-90-R-F11-HJ LUMINUS-SST-90-R-F11-HJ Datasheet
1Mb / 14P
   Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
SST-90-R-R11-HG LUMINUS-SST-90-R-R11-HG Datasheet
1Mb / 14P
   Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
More results

Similar Description - SST-90

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1102 SMSC-EMC1102_08 Datasheet
231Kb / 3P
   SST Compliant Hardware Monitor
EMC1103 SMSC-EMC1103_08 Datasheet
331Kb / 3P
   SST Compliant Hardware Monitor
logo
Sonardyne sound in dept...
8035 SONARDYNE-8035 Datasheet
104Kb / 2P
   Small Seismic Transponder (SST)
logo
Cypress Semiconductor
CY7B952 CYPRESS-CY7B952_11 Datasheet
466Kb / 16P
   SST??SONET/SDH Serial Transceiver
logo
Bel Fuse Inc.
SSQC250 BEL-SSQC250 Datasheet
101Kb / 2P
   Replaceable SSQ/SST with Integral Clips
logo
Advantech Co., Ltd.
VEGA-1020D ADVANTECH-VEGA-1020D Datasheet
192Kb / 1P
   1x2 DisplayPort 1.2 SST Hub/Splitter
1-Dec-2021
logo
Molex Electronics Ltd.
1120300007 MOLEX-1120300007_V01 Datasheet
36Kb / 1P
   SST DN3/4 Software option for SST-DNx Cards, Configuration & Diagnostic Engineering Console, USB Dongle
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Analog Devices
ADT7484A AD-ADT7484A Datasheet
413Kb / 16P
   Digital Temperature Sensor with SST Interface
REV. 0
logo
Bel Fuse Inc.
SSQC250 BEL-SSQC250_11 Datasheet
209Kb / 1P
   Replaceable SSQ/SST with Integral Clips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com