Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2588SX-5.0 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM2588SX-5.0
Description  LM2588 SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2588SX-5.0 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2588SX-5.0 Datasheet HTML 4Page - Texas Instruments LM2588SX-5.0 Datasheet HTML 5Page - Texas Instruments LM2588SX-5.0 Datasheet HTML 6Page - Texas Instruments LM2588SX-5.0 Datasheet HTML 7Page - Texas Instruments LM2588SX-5.0 Datasheet HTML 8Page - Texas Instruments LM2588SX-5.0 Datasheet HTML 9Page - Texas Instruments LM2588SX-5.0 Datasheet HTML 10Page - Texas Instruments LM2588SX-5.0 Datasheet HTML 11Page - Texas Instruments LM2588SX-5.0 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
LM2588
SNVS117D – APRIL 1998 – REVISED APRIL 2013
www.ti.com
All Output Voltage Versions Electrical Characteristics
(1) (continued)
Specifications with standard type face are for TJ = 25°C, and those in bold type face apply over full Operating Temperature
Range. Unless otherwise specified, VIN = 5V.
Symbol
Parameters
Conditions
Typical
Min
Max
Units
IEAO
Error Amp Output
See(4)
165
110/70
260/320
μA
Current (Source or
Sink)
ISS
Soft Start Current
VFEEDBACK = 0.92V
11.0
8.0/7.0
17.0/19.0
μA
VCOMP = 1.0V
DMAX
Maximum Duty Cycle
RLOAD = 100Ω
(3)
98
93/90
%
IL
Switch Leakage
Switch Off
15
300/600
μA
Current
VSWITCH = 60V
VSUS
Switch Sustaining
dV/dT = 1.5V/ns
65
V
Voltage
VSAT
Switch Saturation
ISWITCH = 5.0A
0.7
1.1/1.4
V
Voltage
ICL
NPN Switch Current
6.5
5.0
9.5
A
Limit
VSTH
Synchronization
FSYNC = 200 kHz
0.75
0.625/0.40
0.875/1.00
V
Threshold Voltage
VCOMP = 1V, VIN = 5V
ISYNC
Synchronization
VIN = 5V
100
200
μA
Pin Current
VCOMP = 1V, VSYNC = VSTH
VSHTH
ON /OFF Pin (Pin 1)
VCOMP = 1V
(5)
1.6
1.0/0.8
2.2/2.4
V
Threshold Voltage
ISH
ON /OFF Pin (Pin 1)
VCOMP = 1V
40
15/10
65/75
μA
Current
VSH = VSHTH
θJA
Thermal Resistance
NDZ Package, Junction to Ambient(6)
65
θJA
NDZ Package, Junction to Ambient(7)
45
θJC
NDZ Package, Junction to Case
2
θJA
KTW Package, Junction to Ambient(8)
56
°C/W
θJA
KTW Package, Junction to Ambient(9)
35
θJA
KTW Package, Junction to
26
θJC
Ambient(10)
2
KTW Package, Junction to Case
(4)
To measure the worst-case error amplifier output current, the LM2588 is tested with the feedback voltage set to its low value (specified
in Note 3 under the All Output Voltage Versions Electrical Characteristics() table) and at its high value (specified in Note 2 under the All
Output Voltage Versions Electrical Characteristics() table).
(5)
When testing the minimum value, do not sink current from this pin—isolate it with a diode. If current is drawn from this pin, the frequency
adjust circuit will begin operation (see Figure 54).
(6)
Junction to ambient thermal resistance (no external heat sink) for the 7 lead TO-220 package mounted vertically, with ½ inch leads in a
socket, or on a PC board with minimum copper area.
(7)
Junction to ambient thermal resistance (no external heat sink) for the 7 lead TO-220 package mounted vertically, with ½ inch leads
soldered to a PC board containing approximately 4 square inches of (1 oz.) copper area surrounding the leads.
(8)
Junction to ambient thermal resistance for the 7 lead TO-263 mounted horizontally against a PC board area of 0.136 square inches (the
same size as the TO-263 package) of 1 oz. (0.0014 in. thick) copper.
(9)
Junction to ambient thermal resistance01242001 for the 7 lead TO-263 mounted horizontally against a PC board area of 0.4896 square
inches (3.6 times the area of the TO-263 package) of 1 oz. (0.0014 in. thick) copper.
(10) Junction to ambient thermal resistance for the 7 lead TO-263 mounted horizontally against a PC board copper area of 1.0064 square
inches (7.4 times the area of the TO-263 package) of 1 oz. (0.0014 in. thick) copper. Additional copper area will reduce thermal
resistance further. See the thermal model in Switchers Made Simple® software.
8
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM2588


Similar Part No. - LM2588SX-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2588SX-5.0 NSC-LM2588SX-5.0 Datasheet
786Kb / 29P
   SIMPLE SWITCHER 5A Flyback Regulator with
LM2588SX-5.0 NSC-LM2588SX-5.0 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2588SX-5.0 TI1-LM2588SX-5.0 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
LM2588SX-5.0/NOPB TI1-LM2588SX-5.0/NOPB Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
More results

Similar Description - LM2588SX-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2588 TI1-LM2588 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2588 NSC-LM2588 Datasheet
786Kb / 29P
   SIMPLE SWITCHER 5A Flyback Regulator with
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2587T-ADJ TI1-LM2587T-ADJ Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER 5A Flyback Regulator
LM2586T-ADJ TI-LM2586T-ADJ Datasheet
2Mb / 38P
[Old version datasheet]   LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com