Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2937ES-2.5 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2937ES-2.5
Description  LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2937ES-2.5 Datasheet(HTML) 3 Page - Texas Instruments

  LM2937ES-2.5 Datasheet HTML 1Page - Texas Instruments LM2937ES-2.5 Datasheet HTML 2Page - Texas Instruments LM2937ES-2.5 Datasheet HTML 3Page - Texas Instruments LM2937ES-2.5 Datasheet HTML 4Page - Texas Instruments LM2937ES-2.5 Datasheet HTML 5Page - Texas Instruments LM2937ES-2.5 Datasheet HTML 6Page - Texas Instruments LM2937ES-2.5 Datasheet HTML 7Page - Texas Instruments LM2937ES-2.5 Datasheet HTML 8Page - Texas Instruments LM2937ES-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LM2937-2.5, LM2937-3.3
www.ti.com
SNVS015E – FEBRUARY 1998 – REVISED APRIL 2013
Electrical Characteristics
(1)
VIN = VNOM + 5V, IOUTmax = 500 mA for the TO-220 and DDPAK/TO-263 packages, IOUTmax=400mA for the SOT-223 package,
COUT = 10 μF unless otherwise indicated. Boldface limits apply over the entire operating temperature range, of the
indicated device, all other specifications are for TA = TJ = 25°C.
Output Voltage (VOUT)
2.5V
3.3V
Units
Parameter
Conditions
Typ
Limit
Typ
Limit
Output Voltage
5 mA
≤ IOUT ≤ IOUTmax
2.42
3.20
V (Min)
2.5
2.38
3.3
3.14
V(Min)
2.56
3.40
V(Max)
2.62
3.46
V(Max)
Line Regulation(2)
4.75V
≤ VIN ≤ 26V,
7.5
25
9.9
33
mV(Max)
IOUT = 5 mA
Load Regulation
5 mA
≤ IOUT ≤ IOUTmax
2.5
25
3.3
33
mV(Max)
Quiescent Current
7V
≤ VIN ≤ 26V,
2
10
2
10
mA(Max)
IOUT = 5 mA
VIN = (VOUT + 5V),
10
20
10
20
mA(Max)
IOUT = IOUTmax
VIN = 5V, IOUT = IOUTmax
66
100125
66
100125
mA(Max)
Output Noise Voltage
10 Hz–100 kHz,
75
99
μVrms
IOUT = 5 mA
Long Term Stability
1000 Hrs.
10
13.2
mV
Short-Circuit Current
1.0
0.6
1.0
0.6
A(Min)
Peak Line Transient Voltage
tf < 100 ms, RL = 100Ω
75
60
75
60
V(Min)
Maximum Operational Input
26
26
V(Min)
Voltage
Reverse DC Input Voltage
VOUT ≥ −0.6V, RL = 100Ω
−30
−15
−30
−15
V(Min)
Reverse Transient Input
tr < 1 ms, RL = 100Ω
−75
−50
−75
−50
V(Min)
Voltage
(1)
Typicals are at TJ = 25°C and represent the most likely parametric norm.
(2)
The minimum input voltage required for proper biasing of these regulators is 4.75V. Below this level the outputs will fall out of regulation.
This effect is not the normal dropout characteristic where the output falls out of regulation due to the PNP pass transistor entering
saturation. If a value for worst case effective input to output dropout voltage is required in a specification, the values should be 2.37V
maximum for the LM2937-2.5 and 1.6V maximum for the LM2937-3.3.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2937-2.5 LM2937-3.3


Similar Part No. - LM2937ES-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2937ES-2.5 NSC-LM2937ES-2.5 Datasheet
293Kb / 10P
   400mA and 500mA Voltage Regulators
logo
Texas Instruments
LM2937ES-2.5 TI1-LM2937ES-2.5 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
LM2937ES-2.5/NOPB TI1-LM2937ES-2.5/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
More results

Similar Description - LM2937ES-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2937ES-3.3 TI1-LM2937ES-3.3 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
LM2937-2.5 TI-LM2937-2.5_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2937 2.5-V and 3.3-V 400-mA and 500-mA Voltage Regulators
logo
National Semiconductor ...
LM2937-25 NSC-LM2937-25 Datasheet
293Kb / 10P
   400mA and 500mA Voltage Regulators
LM2937-2.5 NSC-LM2937-2.5 Datasheet
309Kb / 10P
   400mA and 500mA Voltage Regulators
logo
Texas Instruments
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
logo
Zetex Semiconductors
ZMR ZETEX-ZMR_07 Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR ZETEX-ZMR_08 Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Diodes Incorporated
ZMR DIODES-ZMR Datasheet
187Kb / 7P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
ZMR250 DIODES-ZMR250 Datasheet
107Kb / 11P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
LND4808 ETC1-LND4808 Datasheet
119Kb / 4P
   400mA Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com