Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCB16P15B-4AA Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # SCB16P15B-4AA
Description  Snap Switch Pushbuttons
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

SCB16P15B-4AA Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  SCB16P15B-4AA Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. SCB16P15B-4AA Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. SCB16P15B-4AA Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series SCB
Snap Switch Pushbuttons
www.nkk.com
C132
C
A
(10.0)
.394
BUSHINGS
TERMINALS
Plastic
(for Momentary only)
.187” (4.75mm)
Quick Connect
P
A
B
Steel
S
Maximum Effective Panel Thickness:
Momentary: .177” (4.5mm) without Shroud
.157” (4.0mm) with Shroud
Alternate Action: .354” (9.0mm)
Standard Hardware Provided with Caps
Cap Option 3: AT504M Knurled Face Nut, AT508 Lockwasher, AT527M Hex Mounting Nut
Cap Options 4 & 5: AT508 Lockwasher & AT527M Hex Mounting Nut
“A” =
11.2mm
Momentary
15.5mm
Alternate Action
Maximum Effective Panel Thickness:
.165” (4.2mm) without Shroud
.157” (4.0mm) with Shroud
.250” (6.35mm)
Quick Connect
(6.35)
.250
(4.06)
.160
(8.38)
.330
(10.54)
.415
Thk = (0.81)
.032
(4.75)
.187
(3.18)
.125
(10.16)
.400
(9.78)
.385
Thk = (0.5)
.020
(12.5) Dia
.492
(11.5)
.453
(1.5)
.060
(12.5) Dia
.492
(11.5)
.453
(1.5)
.060
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Normal
Down
Normal
Down
Note: Terminal numbers are
actually on the switch.
SP
SCB15
SCB16
ON
ON
(ON)
ON
1-2
1-3
SPDT
DP
SCB25
SCB26
ON
ON
(ON)
ON
1-2 1-2
1-3 1-3
SP with
2 switches
POLES & CIRCUITS
1
3
2
1
3
2
1
3
2
Keyway
Keyway


Similar Part No. - SCB16P15B-4AA

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
SCB16P15B-4A NKK-SCB16P15B-4A Datasheet
189Kb / 3P
   Snap Switch Pushbuttons
More results

Similar Description - SCB16P15B-4AA

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
SCB15P15A-1A NKK-SCB15P15A-1A Datasheet
189Kb / 3P
   Snap Switch Pushbuttons
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
MB2411A2W13 NKK-MB2411A2W13 Datasheet
255Kb / 8P
   Snap-Action Pushbuttons
MB2411E1W01 NKK-MB2411E1W01 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
logo
GREATECS
LB15SKW01-12-CJ GREATECS-LB15SKW01-12-CJ Datasheet
460Kb / 10P
   Standard Size Snap-in Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com