Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5102MM Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5102MM
Description  LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5102MM Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5102MM Datasheet HTML 6Page - Texas Instruments LM5102MM Datasheet HTML 7Page - Texas Instruments LM5102MM Datasheet HTML 8Page - Texas Instruments LM5102MM Datasheet HTML 9Page - Texas Instruments LM5102MM Datasheet HTML 10Page - Texas Instruments LM5102MM Datasheet HTML 11Page - Texas Instruments LM5102MM Datasheet HTML 12Page - Texas Instruments LM5102MM Datasheet HTML 13Page - Texas Instruments LM5102MM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
0.1
1.0
10.0
100.0
1000.0
SWITCHING FREQUENCY (kHz)
0.001
0.010
0.100
1.000
CL = 4400 pF
CL = 2200 pF
CL = 0 pF
CL = 470 pF
CL = 1000 pF
LM5102
SNVS268A – MAY 2004 – REVISED MARCH 2013
www.ti.com
LAYOUT CONSIDERATIONS
The optimum performance of high and low side gate drivers cannot be achieved without taking due
considerations during circuit board layout. Following points are emphasized.
1. A low ESR/ESL capacitor must be connected close to the IC, and between VDD and VSS pins and between
HB and HS pins to support high peak currents being drawn from VDD during turn-on of the external MOSFET.
2. To prevent large voltage transients at the drain of the top MOSFET, a low ESR electrolytic capacitor must be
connected between MOSFET drain and ground (VSS).
3. In order to avoid large negative transients on the switch node (HS) pin, the parasitic inductances in the
source of top MOSFET and in the drain of the bottom MOSFET (synchronous rectifier) must be minimized.
4. Grounding considerations:
The first priority in designing grounding connections is to confine the high peak currents from charging
and discharging the MOSFET gate in a minimal physical area. This will decrease the loop inductance and
minimize noise issues on the gate terminal of the MOSFET. The MOSFETs should be placed as close as
possible to the gate driver.
The second high current path includes the bootstrap capacitor, the bootstrap diode, the local ground
referenced bypass capacitor and low side MOSFET body diode. The bootstrap capacitor is recharged on
the cycle-by-cycle basis through the bootstrap diode from the ground referenced VDD bypass capacitor.
The recharging occurs in a short time interval and involves high peak current. Minimizing this loop length
and area on the circuit board is important to ensure reliable operation.
5. The resistors on the RT1 and RT2 timer pins must be placed very close to the IC and seperated from high
current paths to avoid noise coupling to the time delay generator which could disrupt timer operation.
POWER DISSIPATION CONSIDERATIONS
The total IC power dissipation is the sum of the gate driver losses and the bootstrap diode losses. The gate
driver losses are related to the switching frequency (f), output load capacitance on LO and HO (CL), and supply
voltage (VDD) and can be roughly calculated as:
PDGATES = 2 • f • CL • VDD
2
(1)
There are some additional losses in the gate drivers due to the internal CMOS stages used to buffer the LO and
HO outputs. The following plot shows the measured gate driver power dissipation versus frequency and load
capacitance. At higher frequencies and load capacitance values, the power dissipation is dominated by the
power losses driving the output loads and agrees well with the above equation. This plot can be used to
approximate the power losses due to the gate drivers.
Figure 19. Gate Driver Power Dissipation (LO + HO)
VCC = 12V, Neglecting Diode Losses
10
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM5102


Similar Part No. - LM5102MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5102MM NSC-LM5102MM Datasheet
368Kb / 13P
   High Voltage Half-Bridge Gate Driver with Programmable Delay
LM5102MMX NSC-LM5102MMX Datasheet
368Kb / 13P
   High Voltage Half-Bridge Gate Driver with Programmable Delay
More results

Similar Description - LM5102MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5102 TI-LM5102_15 Datasheet
957Kb / 22P
[Old version datasheet]   LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
logo
National Semiconductor ...
LM5102 NSC-LM5102 Datasheet
368Kb / 13P
   High Voltage Half-Bridge Gate Driver with Programmable Delay
logo
Texas Instruments
LM5104 TI-LM5104_15 Datasheet
959Kb / 23P
[Old version datasheet]   High-Voltage Half-Bridge Gate Driver With Adaptive Delay
logo
National Semiconductor ...
LM5104 NSC-LM5104 Datasheet
375Kb / 12P
   High Voltage Half-Bridge Gate Driver with Adaptive Delay
logo
Texas Instruments
SM74104 TI-SM74104 Datasheet
1Mb / 25P
[Old version datasheet]   SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
logo
National Semiconductor ...
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
   100V Half Bridge Gate Driver with Programmable
logo
Diodes Incorporated
DGD0506 DIODES-DGD0506 Datasheet
914Kb / 14P
   HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
June 2021
DGD0506A DIODES-DGD0506A_V01 Datasheet
845Kb / 13P
   HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
Rev. 4 - 2 November 2019
DGD05463 DIODES-DGD05463_V01 Datasheet
914Kb / 14P
   HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
Rev. 6 - 2 July 2021
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
[Old version datasheet]   Half Bridge Gate Driver with Programmable Dead-Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com