Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3872EMP-3.3 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP3872EMP-3.3
Description  LP3872/LP3875 1.5A Fast Ultra Low Dropout Linear Regulators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3872EMP-3.3 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3872EMP-3.3 Datasheet HTML 7Page - Texas Instruments LP3872EMP-3.3 Datasheet HTML 8Page - Texas Instruments LP3872EMP-3.3 Datasheet HTML 9Page - Texas Instruments LP3872EMP-3.3 Datasheet HTML 10Page - Texas Instruments LP3872EMP-3.3 Datasheet HTML 11Page - Texas Instruments LP3872EMP-3.3 Datasheet HTML 12Page - Texas Instruments LP3872EMP-3.3 Datasheet HTML 13Page - Texas Instruments LP3872EMP-3.3 Datasheet HTML 14Page - Texas Instruments LP3872EMP-3.3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LP3872, LP3875
www.ti.com
SNVS227F – FEBRUARY 2003 – REVISED APRIL 2013
Figure 19. Error Flag Operation
SENSE PIN
In applications where the regulator output is not very close to the load, LP3875 can provide better remote load
regulation using the SENSE pin. Figure 20 depicts the advantage of the SENSE option. LP3872 regulates the
voltage at the output pin. Hence, the voltage at the remote load will be the regulator output voltage minus the
drop across the trace resistance. For example, in the case of a 3.3V output, if the trace resistance is 100m
Ω, the
voltage at the remote load will be 3.15V with 1.5A of load current, ILOAD. The LP3875 regulates the voltage at the
sense pin. Connecting the sense pin to the remote load will provide regulation at the remote load, as shown in
Figure 20. If the sense option pin is not required, the sense pin must be connected to the VOUT pin.
Figure 20. Improving Remote Load Regulation Using LP3875
SHUTDOWN OPERATION
A CMOS Logic level signal at the shutdown ( SD) pin will turn-off the regulator. Pin SD must be actively
terminated through a 10k
Ω pull-up resistor for a proper operation. If this pin is driven from a source that actively
pulls high and low (such as a CMOS rail to rail comparator), the pull-up resistor is not required. This pin must be
tied to Vin if not used.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3872 LP3875


Similar Part No. - LP3872EMP-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3872EMP-3.3 NSC-LP3872EMP-3.3 Datasheet
742Kb / 18P
   1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3872EMP-3.3 TI1-LP3872EMP-3.3 Datasheet
2Mb / 28P
[Old version datasheet]   1.5-A Fast Ultra-Low-Dropout Linear Regulators
LP3872EMP-3.3/NOPB TI1-LP3872EMP-3.3/NOPB Datasheet
2Mb / 28P
[Old version datasheet]   1.5-A Fast Ultra-Low-Dropout Linear Regulators
More results

Similar Description - LP3872EMP-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3875-ADJ NSC-LP3875-ADJ Datasheet
694Kb / 15P
   1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3872 NSC-LP3872 Datasheet
742Kb / 18P
   1.5A Fast Ultra Low Dropout Linear Regulators
LP3962EP NSC-LP3962EP Datasheet
897Kb / 20P
   1.5A Fast Ultra Low Dropout Linear Regulators
LP3962 NSC-LP3962 Datasheet
484Kb / 22P
   1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3962 TI-LP3962_15 Datasheet
4Mb / 34P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
LP3892 TI1-LP3892 Datasheet
1Mb / 18P
[Old version datasheet]   1.5A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3892 NSC-LP3892 Datasheet
315Kb / 12P
   1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3852 NSC-LP3852 Datasheet
384Kb / 19P
   1.5A Fast Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3855-ADJ TI-LP3855-ADJ_15 Datasheet
2Mb / 22P
[Old version datasheet]   1.5A Fast Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com