Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA309ASPWT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PGA309ASPWT
Description  VOLTAGE OUTPUT PROGRAMMABLE SENSOR CONDITIONER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA309ASPWT Datasheet(HTML) 11 Page - Texas Instruments

Back Button PGA309ASPWT Datasheet HTML 7Page - Texas Instruments PGA309ASPWT Datasheet HTML 8Page - Texas Instruments PGA309ASPWT Datasheet HTML 9Page - Texas Instruments PGA309ASPWT Datasheet HTML 10Page - Texas Instruments PGA309ASPWT Datasheet HTML 11Page - Texas Instruments PGA309ASPWT Datasheet HTML 12Page - Texas Instruments PGA309ASPWT Datasheet HTML 13Page - Texas Instruments PGA309ASPWT Datasheet HTML 14Page - Texas Instruments PGA309ASPWT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
90
80
70
60
50
40
30
20
10
0
-10
Frequency (Hz)
10
100
1k
10k
100k
1M
Small-Signal
V
and V
Enabled
V
= 2.5V
PSRR at V
REF
EXT
REF
OUT
80
60
40
20
0
Frequency (Hz)
10
100
1k
10k
100k
1M
G
= Output Amplifier Gain
OUTAMP
G
= 9V/V
G
= 128V/V
OUTAMP
FRONT
G
= 9V/V
G
= 32V/V
OUTAMP
FRONT
G
= 2V/V
G
= 32V/V
OUTAMP
FRONT
G
= 2V/V
G
= 8V/V
OUTAMP
FRONT
Temperature ( C)
°
-55 -35 -15
5
25
45
65
85
105 125 145
9
8
7
6
5
4
3
2
1
0
Average
70
60
50
40
30
20
10
0
-10
-20
-30
Frequency (Hz)
10
100
1k
10k
100k
1M
RTO of Front- End PGA
Average
4.090
4.085
4.080
4.075
4.070
4.065
4.060
Temperature ( C)
°
-55 -35 -15
5
25
45
65
85
105 125 145
Temperature ( C)
°
-55 -35 -15
5
25
45
65
85
105 125 145
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
Average, nA
PGA309-HT
www.ti.com
SBOS687A – OCTOBER 2013 – REVISED DECEMBER 2013
TYPICAL CHARACTERISTICS
At TA = +25°C, VSA = VSD = +5V (VSA = VSUPPLY ANALOG, VSD = VSUPPLY DIGITAL, VSA must equal VSD), GNDD = GNDA = 0, and
VREF = REFIN/REFOUT = +5V, unless otherwise noted.
VREF vs TEMPERATURE
IB CURRENT vs TEMPERATURE
Figure 2.
Figure 3.
ITEMP CURRENT vs TEMPERATURE
COMMON-MODE REJECTION RATIO vs FREQUENCY
Figure 4.
Figure 5.
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
CLOSED
−LOOP GAIN vs FREQUENCY
Figure 6.
Figure 7.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: PGA309-HT


Similar Part No. - PGA309ASPWT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA309AIPWR BURR-BROWN-PGA309AIPWR Datasheet
298Kb / 20P
   Voltage Output PROGRAMMABLE SENSOR CONDITIONER
PGA309AIPWR BURR-BROWN-PGA309AIPWR Datasheet
478Kb / 22P
   Voltage Output PROFRAMMABLE SENSOR CONDITIONER
logo
Texas Instruments
PGA309AIPWR TI-PGA309AIPWR Datasheet
812Kb / 24P
[Old version datasheet]   Voltage Output Programmable Sensor Conditioner
PGA309AIPWR TI1-PGA309AIPWR Datasheet
812Kb / 25P
[Old version datasheet]   Voltage Output Programmable Sensor Conditioner
logo
Burr-Brown (TI)
PGA309AIPWRG4 BURR-BROWN-PGA309AIPWRG4 Datasheet
478Kb / 22P
   Voltage Output PROFRAMMABLE SENSOR CONDITIONER
More results

Similar Description - PGA309ASPWT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA309 BURR-BROWN-PGA309 Datasheet
298Kb / 20P
   Voltage Output PROGRAMMABLE SENSOR CONDITIONER
logo
Texas Instruments
PGA309 TI-PGA309_11 Datasheet
812Kb / 24P
[Old version datasheet]   Voltage Output Programmable Sensor Conditioner
PGA309 TI1-PGA309_14 Datasheet
812Kb / 25P
[Old version datasheet]   Voltage Output Programmable Sensor Conditioner
logo
Burr-Brown (TI)
PGA309 BURR-BROWN-PGA309_05 Datasheet
478Kb / 22P
   Voltage Output PROFRAMMABLE SENSOR CONDITIONER
logo
Integrated Device Techn...
ZSC31010 IDT-ZSC31010 Datasheet
436Kb / 43P
   Analog Output Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZSC31014 ZMD-ZSC31014 Datasheet
239Kb / 2P
   Digital Output Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSC31014 IDT-ZSC31014 Datasheet
706Kb / 58P
   Digital Output Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31014 RENESAS-ZSC31014 Datasheet
1Mb / 59P
   RBicilite??Digital Output Sensor Signal Conditioner
ZSC31010 RENESAS-ZSC31010 Datasheet
575Kb / 44P
   RBicLiteTM Analog Output Sensor Signal Conditioner
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
   Automotive Sensor Signal Conditioner with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com