Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA192IDGKT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA192IDGKT
Description  High Voltage, Rail-to-Rail Input/Output, Precision Operational Amplifiers, e-trim Series
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA192IDGKT Datasheet(HTML) 4 Page - Texas Instruments

  OPA192IDGKT Datasheet HTML 1Page - Texas Instruments OPA192IDGKT Datasheet HTML 2Page - Texas Instruments OPA192IDGKT Datasheet HTML 3Page - Texas Instruments OPA192IDGKT Datasheet HTML 4Page - Texas Instruments OPA192IDGKT Datasheet HTML 5Page - Texas Instruments OPA192IDGKT Datasheet HTML 6Page - Texas Instruments OPA192IDGKT Datasheet HTML 7Page - Texas Instruments OPA192IDGKT Datasheet HTML 8Page - Texas Instruments OPA192IDGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
OPA192
OPA2192
OPA4192
SBOS620A – DECEMBER 2013 – REVISED JANUARY 2014
www.ti.com
ELECTRICAL CHARACTERISTICS: VS= ±2.25 V to ±4 V (VS= +4.5 V to +8 V)
At TA = +25°C, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2, unless otherwise noted.
OPA192
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VCM = (V+) – 3 V
±5
±25
µV
See Common-Mode Voltage Range
VCM = VS / 2
µV
section
VOS
Input offset voltage
VCM = (V+) – 1.5 V
±10
±25
µV
TA = –40°C to +125°C, VCM = (V+) – 3 V
±75
µV
(V–) – 0.1 V < VCM <
±0.2
±0.5
µV/°C
(V+) – 1.5 V
dVOS/dT
Input offset voltage drift
TA = –40°C to +125°C
(V+) – 1.5 V < VCM < (V+)
±0.5
±3
µV/°C
+ 0.1 V
VCM = (V-)
±0.5
µV/V
PSRR
Power-supply rejection ratio
TA = –40°C to +125°C
±1
µV/V
INPUT BIAS CURRENT
±5
±20
pA
IB
Input bias current
TA = –40°C to +125°C
±5
nA
±2
±20
pA
IOS
Input offset current
TA = –40°C to +125°C
±2
nA
NOISE
(V–) – 0.1 V < VCM < (V+) – 3 V, f = 0.1 Hz to 10 Hz
1.30
µVPP
En
Input voltage noise
(V+) – 1.5 V < VCM < (V+) + 0.1 V, f = 0.1 Hz to 10 Hz
4
µVPP
f = 100 Hz
10.5
nV/
√Hz
(V–) – 0.1 V < VCM < (V+) – 3 V
f = 1 kHz
5.5
nV/
√Hz
en
Input voltage noise density
f = 100 Hz
32
nV/
√Hz
(V+) – 1.5 V < VCM < (V+) + 0.1 V
f = 1 kHz
12.5
nV/
√Hz
in
Input current noise density
f = 1kHz
1.5
fA/
√Hz
INPUT VOLTAGE
VCM
Common-mode voltage range
(V–) – 0.1
(V+) + 0.1
V
(V–) – 0.1 V < VCM <
94
110
dB
(V+) – 3 V
(V+) – 3 V < VCM <
See Typical Characteristics
dB
(V+) – 1.5 V
CMRR
Common-mode rejection ratio
(V+) – 1.5V < VCM < (V+)
100
120
dB
+ 0.1 V
(V–) – 0.1 V < VCM <
TA = –40°C to +125°C
90
104
dB
(V+) – 3 V
INPUT IMPEDANCE
ZID
Differential
100 || 1.6
M
Ω || pF
ZIC
Common-mode
1 || 6.4
1013
Ω || pF
OPEN-LOOP GAIN
(V–) + 0.6 V < VO < (V+) – 0.6 V
RLOAD = 2 kΩ
110
120
dB
(V–) + 0.6 V < VO < (V+) – 0.6 V
RLOAD = 2 kΩ
100
114
dB
TA = –40 °C to +125 °C
AOL
Open-loop voltage gain
(V–) + 0.3 V < VO < (V+) – 0.3 V
RLOAD = 10 kΩ
110
126
dB
(V–) + 0.3 V < VO < (V+) – 0.3 V
RLOAD = 10 kΩ
110
120
dB
TA = –40°C to +125°C
FREQUENCY RESPONSE
GBW
Unity gain bandwidth
10
MHz
SR
Slew rate
G = 1, 10-V step
20
V/µs
VS = ±3 V, G = 1, 5-V
ts
Settling time
To 0.01%
1
µs
step
tOR
Overload recovery time
VIN× G = VS
200
ns
4
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: OPA192 OPA2192 OPA4192


Similar Part No. - OPA192IDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA192IDGKT TI1-OPA192IDGKT Datasheet
3Mb / 52P
[Old version datasheet]   Low Input Bias Current Op Amp
More results

Similar Description - OPA192IDGKT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP484 AD-OP484_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
logo
Texas Instruments
OPA197-Q1 TI-OPA197-Q1_V01 Datasheet
3Mb / 45P
[Old version datasheet]   OPAx197-Q1 36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current e-trim??Operational Amplifiers
OPA928 TI-OPA928 Datasheet
1Mb / 24P
[Old version datasheet]   OPA928 16-V, Femtoampere Input Bias, Precision, Rail-to-Rail Input/Output, e-trim™ Operational Amplifier
MARCH 2023
logo
Analog Devices
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com