Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40050PWP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40050PWP
Description  IDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40050PWP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS40050PWP Datasheet HTML 4Page - Texas Instruments TPS40050PWP Datasheet HTML 5Page - Texas Instruments TPS40050PWP Datasheet HTML 6Page - Texas Instruments TPS40050PWP Datasheet HTML 7Page - Texas Instruments TPS40050PWP Datasheet HTML 8Page - Texas Instruments TPS40050PWP Datasheet HTML 9Page - Texas Instruments TPS40050PWP Datasheet HTML 10Page - Texas Instruments TPS40050PWP Datasheet HTML 11Page - Texas Instruments TPS40050PWP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
TPS40050
TPS40051
TPS40053
SLUS540F − DECEMBER 2002 − REVISED JUNE 2004
www.ti.com
8
APPLICATION INFORMATION
PROGRAMMING THE RAMP GENERATOR CIRCUIT
The ramp generator circuit provides the actual ramp used by the PWM comparator. The ramp generator
provides voltage feed-forward control by varying the PWM ramp slope with line voltage, while maintaining a
constant ramp magnitude. Varying the PWM ramp directly with line voltage provides excellent response to line
variations since the PWM does not have to wait for loop delays before changing the duty cycle. (See Figure 1).
RAMP
COMP
SW
VIN
UDG−02131
VIN
SW
COMP
RAMP
VPEAK
VVALLEY
T2
tON1 >tON2 and d1 >d2
tON2
tON1
d
+
t
ON
T
T1
Figure 1. Voltage Feed-Forward Effect on PWM Duty Cycle
The PWM ramp must be faster than the master clock frequency or the PWM is prevented from starting. The
PWM ramp time is programmed via a single resistor (RKFF) pulled up to VIN. RKFF is related to RT, and the
minimum input voltage, VIN(min) through the following:
R
KFF + VIN (min) * 3.5
58.14
R
T ) 1340 W
where:
D VIN(min) is the ensured minimum start-up voltage. The actual start-up voltage is nominally about 10% lower
at 25
°C.
D RT is the timing resistance in kΩ
The curve showing the RKFF required for a given switching frequency, fSW, is shown in Figure 3.
For low input voltage and high duty cycle applications, the voltage feed-forward may limit the duty cycle
prematurely. This does not occur for most applications. The voltage control loop controls the duty cycle and
regulates the output voltage. For more information on large duty cycle operation, refer to Application Note
(SLUA310).
(2)


Similar Part No. - TPS40050PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050PWP TI-TPS40050PWP Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40050PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM1480 HMSEMI-HM1480 Datasheet
1Mb / 10P
   Input range synchronous buck controller
logo
Texas Instruments
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM1489 HMSEMI-HM1489 Datasheet
1Mb / 11P
   Input range synchronous buck controller
logo
Texas Instruments
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com