Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40053PWPG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS40053PWPG4
Description  IDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40053PWPG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS40053PWPG4 Datasheet HTML 7Page - Texas Instruments TPS40053PWPG4 Datasheet HTML 8Page - Texas Instruments TPS40053PWPG4 Datasheet HTML 9Page - Texas Instruments TPS40053PWPG4 Datasheet HTML 10Page - Texas Instruments TPS40053PWPG4 Datasheet HTML 11Page - Texas Instruments TPS40053PWPG4 Datasheet HTML 12Page - Texas Instruments TPS40053PWPG4 Datasheet HTML 13Page - Texas Instruments TPS40053PWPG4 Datasheet HTML 14Page - Texas Instruments TPS40053PWPG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
TPS40050
TPS40051
TPS40053
SLUS540F − DECEMBER 2002 − REVISED JUNE 2004
www.ti.com
11
APPLICATION INFORMATION
UDG−03034
DA
CA
470 pF
RA
562 k
W
RKFF
182 k
W
1
2
3
4
16
15
14
13
ILIM
VIN
BOOST
HDRV
KFF
RT
BP5
SYNC
TPS40050PWP
TPS40051PWP
5
6
7
8
12
11
10
9
SW
BP10
LDRV
PGND
SGND
SS
VFB
COMP
VIN
+
PWP
1N914, 1N4150
Type Signal Diode
Figure 5. Hysteresis for Programmable UVLO
BP5 AND BP10 INTERNAL VOLTAGE REGULATORS
Start-up characteristics of the BP5 and BP10 regulators over different temperature ranges are shown in
Figures 6 and 7. Slight variations in the BP5 occurs dependent upon the switching frequency. Variation in the
BP10 regulation characteristics is also based on the load presented by switching the external MOSFETs.
28
46
12
10
1
2
3
4
5
6
INPUT VOLTAGE
vs
BP5 VOLTAGE
25
°C
110
°C
−55
°C
Figure 6.
VIN− Input Voltage − V
28
46
12
10
0
2
4
6
8
10
INPUT VOLTAGE
vs
BP10 VOLTAGE
Figure 7.
VIN− Input Voltage − V
−55
°C
110
°C
25
°C


Similar Part No. - TPS40053PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40053PWP TI-TPS40053PWP Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40053PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM1480 HMSEMI-HM1480 Datasheet
1Mb / 10P
   Input range synchronous buck controller
logo
Texas Instruments
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM1489 HMSEMI-HM1489 Datasheet
1Mb / 11P
   Input range synchronous buck controller
logo
Texas Instruments
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com