Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3875EMP-5.0 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP3875EMP-5.0
Description  LP3872/LP3875 1.5A Fast Ultra Low Dropout Linear Regulators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3875EMP-5.0 Datasheet(HTML) 5 Page - Texas Instruments

  LP3875EMP-5.0 Datasheet HTML 1Page - Texas Instruments LP3875EMP-5.0 Datasheet HTML 2Page - Texas Instruments LP3875EMP-5.0 Datasheet HTML 3Page - Texas Instruments LP3875EMP-5.0 Datasheet HTML 4Page - Texas Instruments LP3875EMP-5.0 Datasheet HTML 5Page - Texas Instruments LP3875EMP-5.0 Datasheet HTML 6Page - Texas Instruments LP3875EMP-5.0 Datasheet HTML 7Page - Texas Instruments LP3875EMP-5.0 Datasheet HTML 8Page - Texas Instruments LP3875EMP-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LP3872, LP3875
www.ti.com
SNVS227F – FEBRUARY 2003 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS – LP3872/LP3875
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = VO(NOM) + 1V, IL = 10 mA, COUT = 10µF, VSD = 2V.
Typ (1)
LP3872/5 (2)
Symbol
Parameter
Conditions
Units
Min
Max
Output Voltage Tolerance (3)
-1.5
+1.5
VO
VOUT +1V ≤ VIN ≤ 7.0V, 10 mA ≤ IL ≤ 1.5A
0
%
-3.0
+3.0
Output Voltage Line Regulation (3)
0.02
ΔV OL
VOUT + 1V ≤ VIN ≤ 7.0V
%
0.06
ΔVO/
Output Voltage Load Regulation (3)
0.06
10 mA
≤ IL ≤ 1.5A
%
ΔIOUT
0.12
50
IL = 150 mA
38
60
VIN -
Dropout Voltage (4)
mV
VOUT
450
IL = 1.5A
380
550
9
IL = 150 mA
5
10
Ground Pin Current In Normal
IGND
mA
Operation Mode
14
IL = 1.5A
6
15
Ground Pin Current In Shutdown
VSD ≤ 0.3V
0.01
10
µA
IGND
Mode
-40°C
≤ TJ ≤ 85°C
50
IO(PK)
Peak Output Current
VO ≥ VO(NOM) - 4%
1.8
A
Short Circuit Protection
ISC
Short Circuit Current
3.2
A
Shutdown Input
Output = High
VIN
2
VSDT
Shutdown Threshold
V
Output = Low
0
0.3
TdOFF
Turn-off delay
IL = 1.5A
20
µs
TdON
Turn-on delay
IL = 1.5A
25
µs
ISD
SD Input Current
VSD = VIN
1
nA
Error Flag
VT
Threshold
See (5)
10
5
16
%
VTH
Threshold Hysteresis
See (5)
5
2
8
%
VEF(Sat)
Error Flag Saturation
Isink = 100µA
0.02
0.1
V
Td
Flag Reset Delay
1
µs
Ilk
Error Flag Pin Leakage Current
1
nA
Imax
Error Flag Pin Sink Current
VError = 0.5V
1
mA
AC Parameters
VIN = VOUT + 1V, COUT = 10µF
73
VOUT = 3.3V, f = 120Hz
PSRR
Ripple Rejection
dB
VIN = VOUT + 0.5V, COUT = 10µF
57
VOUT = 3.3V, f = 120Hz
ρn(l/f)
Output Noise Density
f = 120Hz
0.8
µV
BW = 10Hz – 100kHz, VOUT = 2.5V
150
µV
en
Output Noise Voltage
(rms)
BW = 300Hz – 300kH, VOUT = 2.5V
100
(1)
Typical numbers are at 25°C and represent the most likely parametric norm.
(2)
Limits are specified by testing, design, or statistical correlation.
(3)
Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in the input line voltage.
Output voltage load regulation is defined as the change in output voltage from the nominal value due to change in load current. The line
and load regulation specification contains only the typical number. However, the limits for line and load regulation are included in the
output voltage tolerance specification.
(4)
Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2% below the nominal value.
Dropout voltage specification applies only to output voltages of 2.5V and above. For output voltages below 2.5V, the drop-out voltage is
nothing but the input to output differential, since the minimum input voltage is 2.5V.
(5)
Error Flag threshold and hysteresis are specified as percentage of regulated output voltage. See Application Hints.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3872 LP3875


Similar Part No. - LP3875EMP-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3875EMP-5.0 NSC-LP3875EMP-5.0 Datasheet
742Kb / 18P
   1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3875EMP-5.0/NOPB TI1-LP3875EMP-5.0/NOPB Datasheet
2Mb / 28P
[Old version datasheet]   1.5-A Fast Ultra-Low-Dropout Linear Regulators
More results

Similar Description - LP3875EMP-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3875-ADJ NSC-LP3875-ADJ Datasheet
694Kb / 15P
   1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3872 NSC-LP3872 Datasheet
742Kb / 18P
   1.5A Fast Ultra Low Dropout Linear Regulators
LP3962EP NSC-LP3962EP Datasheet
897Kb / 20P
   1.5A Fast Ultra Low Dropout Linear Regulators
LP3962 NSC-LP3962 Datasheet
484Kb / 22P
   1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3962 TI-LP3962_15 Datasheet
4Mb / 34P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
LP3892 TI1-LP3892 Datasheet
1Mb / 18P
[Old version datasheet]   1.5A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3892 NSC-LP3892 Datasheet
315Kb / 12P
   1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3852 NSC-LP3852 Datasheet
384Kb / 19P
   1.5A Fast Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3855-ADJ TI-LP3855-ADJ_15 Datasheet
2Mb / 22P
[Old version datasheet]   1.5A Fast Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com