Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5GTH9 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 5GTH9
Description  high temperature -40/160쨘 C
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5GTH9 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 5GTH9 Datasheet HTML 5Page - List of Unclassifed Manufacturers 5GTH9 Datasheet HTML 6Page - List of Unclassifed Manufacturers 5GTH9 Datasheet HTML 7Page - List of Unclassifed Manufacturers 5GTH9 Datasheet HTML 8Page - List of Unclassifed Manufacturers 5GTH9 Datasheet HTML 9Page - List of Unclassifed Manufacturers 5GTH9 Datasheet HTML 10Page - List of Unclassifed Manufacturers 5GTH9 Datasheet HTML 11Page - List of Unclassifed Manufacturers 5GTH9 Datasheet HTML 12Page - List of Unclassifed Manufacturers 5GTH9 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.mec.dk
Distributor:
The 1GAS/1GCS caps are optimised for use with
foil overlays.
Compared to conventional membrane panels it
provides an extremely rugged and a long-term
cost-effective solution with increased reliability,
enhanced product life and improved tactile feel.
The new caps have 9 standard colour options:
blue, green, grey, yellow, white, red, black, trans-
parent and frosted white.
Even more, the under part of the new cap series
has been cleared, so the caps in transparent and
frosted white can provide excellent illumination.
When used with the 2SS variable height extend-
er, the 1GAS/1GCS caps can be to any required
operating height between 17.5-22.5mm.
1GAS/1GCS


Similar Part No. - 5GTH9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5GTH920011IS00110.4 ETC2-5GTH920011IS00110.4 Datasheet
4Mb / 2P
   1SS/1LS/1IS
5GTH920011TS16 ETC2-5GTH920011TS16 Datasheet
1Mb / 3P
   through-hole or SMD
More results

Similar Description - 5GTH9

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
HVPB112 MARATHON-HVPB112 Datasheet
140Kb / 3P
   Temperature rating: -40°C to 110°C (UL RTI)
REV-D 04/20/20
HVPB114 MARATHON-HVPB114 Datasheet
152Kb / 3P
   Temperature rating: -40°C to 110°C (UL RTI)
REV-D 04/20/20
MFH6 MARATHON-MFH6 Datasheet
176Kb / 3P
   Insulator base temperature rating: -40°C to 125°C (UL RTI)
REV-C 05/22/18
6T400AXB MARATHON-6T400AXB Datasheet
340Kb / 3P
   Insulator base temperature rating: -40°C to 125°C (UL RTI)
09/07/2022
6T600AXB MARATHON-6T600AXB Datasheet
418Kb / 3P
   Insulator base temperature rating: -40°C to 125°C (UL RTI)
09/07/2022
logo
STMicroelectronics
TN4015H-6G STMICROELECTRONICS-TN4015H-6G Datasheet
401Kb / 9P
   High temperature 40 A SCRs
August 2016 Rev 1
TN4015H-6T STMICROELECTRONICS-TN4015H-6T Datasheet
398Kb / 9P
   High temperature 40 A SCRs
September 2016 Rev 1
TN4015H-6I STMICROELECTRONICS-TN4015H-6I Datasheet
380Kb / 9P
   High temperature 40 A SCRs
November 2016 Rev 2
logo
Molex Electronics Ltd.
10-89-7401 MOLEX-10-89-7401 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 40
10-89-7402 MOLEX-10-89-7402 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 40
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com