Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG1117AG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # REG1117AG4
Description  800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG1117AG4 Datasheet(HTML) 2 Page - Texas Instruments

  REG1117AG4 Datasheet HTML 1Page - Texas Instruments REG1117AG4 Datasheet HTML 2Page - Texas Instruments REG1117AG4 Datasheet HTML 3Page - Texas Instruments REG1117AG4 Datasheet HTML 4Page - Texas Instruments REG1117AG4 Datasheet HTML 5Page - Texas Instruments REG1117AG4 Datasheet HTML 6Page - Texas Instruments REG1117AG4 Datasheet HTML 7Page - Texas Instruments REG1117AG4 Datasheet HTML 8Page - Texas Instruments REG1117AG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
REG1117
REG1117A
SBVS001D − OCTOBER 1992 − REVISED JULY 2004
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Power Dissipation
Internally Limited
. . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage
+15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range
−40
°C to +125°C
. . . . . . . .
Storage Temperature Range
−65
°C to +150°C
. . . . . . . . . . . . . . . . .
Lead Temperature (soldering, 10s)(2)
+300
°C
. . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
(2) See Soldering Methods section.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
CONNECTION DIAGRAM
Front View
Plastic SOT−223
Plastic DDPAK
Tab is V
OUT
V
IN
V
OUT
Ground
(Adj.)(1)
Tab is
V
OUT
V
IN
V
OUT
Ground
(Adj.)(1)
NOTE: (1) Adjustable−Voltage Model.


Similar Part No. - REG1117AG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG1117AG4 BURR-BROWN-REG1117AG4 Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117AG4 BURR-BROWN-REG1117AG4 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117AG4 BURR-BROWN-REG1117AG4 Datasheet
667Kb / 23P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results

Similar Description - REG1117AG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117 BURR-BROWN-REG1117_1 Datasheet
667Kb / 23P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117 BURR-BROWN-REG1117 Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Anpec Electronics Corop...
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com