Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-134G7210300CA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R-134G7210300CA
Description  Cable Assembly U.FL - SMA, RP, 300mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R-134G7210300CA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R-134G7210300CA Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
26/11/12
Cable Assembly
U.FL - SMA, RP, 300mm
Specifications:
Connector Type A
: U.FL
Connector Type B
: SMA, RP
Cable Assembly Type
: RF Coaxial
Impedance
: 50Ω
Frequency Range
: DC to 3GHz
Maximum Working Voltage
: 60V rms
Min. Dielectric Withstanding Voltage : 200V rms
Min. Insulation Resistance
: 500MΩ
Cable Length
: 300mm
External Diameter
: 1.37mm
Jacket Colour
: Black
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Part Number
Cable, U.FL - SMA, RP, 300mm
R-134G7210300CA
Cable, U.FL - SMA, IP67, RP, 300mm R-134G7210300CB
Part Number Table
Item
Description
1
RP-SMA B/H Jack for ϕ1.37mm Cable (Nut × 1, Washer × 1)
2
Heat Shrink Tube F32 ϕ2.5mm L = 15mm Colour: Black
3
ϕ1.37mm Cable Colour: Black
4
U.FL-LP-088 Shell for ϕ1.37mm Cable
5
U.FL-LP-088 Terminal for ϕ1.37mm Cable


Similar Part No. - R-134G7210300CA

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
R-1 CDIL-R-1 Datasheet
229Kb / 5P
   R-1 Axial Plastic Package
logo
YENYO TECHNOLOGY Co., L...
R-1 YENYO-R-1 Datasheet
330Kb / 1P
   Dimensions in inches and
logo
TE Connectivity Ltd
R-10224-16 TEC-R-10224-16 Datasheet
118Kb / 3P
   Temperature Sensor
R-10256-23 TEC-R-10256-23 Datasheet
149Kb / 3P
   MEAS STATOR RTD
R-10494-3 TEC-R-10494-3 Datasheet
118Kb / 3P
   Temperature Sensor
More results

Similar Description - R-134G7210300CA

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CSI-RSFE-YYY-UFFR LINX-CSI-RSFE-YYY-UFFR Datasheet
87Kb / 1P
   CABLE ASSEMBLY, U.FL TO FEM. BLKHD RP-SMA, 1.13mm CBL
26-MAR-14
CSI-RGFB-100-UFFR LINX-CSI-RGFB-100-UFFR Datasheet
87Kb / 1P
   CABLE ASSEMBLY, U.FL TO FEM. BLKHD RP-SMA, 1.13mm CBL
CSI-RGFI-100-UFFR LINX-CSI-RGFI-100-UFFR Datasheet
87Kb / 1P
   CABLE ASSEMBLY, U.FL TO FEM. BLKHD RP-SMA, 1.13mm CBL
CSI-RGFE-CCC-UFFR-P LINX-CSI-RGFE-CCC-UFFR-P Datasheet
90Kb / 1P
   CABLE ASSEMBLY, U.FL TO FEM. BLKHD RP-SMA, 1.13mm CBL
26-JUL-17
CSH-SGFB-CCC-UFFR LINX-CSH-SGFB-CCC-UFFR Datasheet
762Kb / 6P
   SMA Bulkhead Jack to U.FL Plug Cable Assembly
2020
CSI-SGFB-100-UFFR LINX-CSI-SGFB-100-UFFR Datasheet
87Kb / 1P
   CABLE ASSEMBLY, U.FL TO FEM. BLKHD SMA, 1.13mm CBL
26-JUL-17
CSI-UFFR-100-UFFR LINX-CSI-UFFR-100-UFFR Datasheet
71Kb / 1P
   CABLE ASSEMBLY, U.FL TO U.FL 1.13mm CBL
26-JUL-17
CSI-SAFB-YYY-UFFR LINX-CSI-SAFB-YYY-UFFR Datasheet
84Kb / 1P
   CABLE ASSEMBLY, U.FL TO FEM. BLKHD SMA, 1.13mm CBL
26-MAR-14
CSI-SGFI-100-UFFR LINX-CSI-SGFI-100-UFFR Datasheet
87Kb / 1P
   CABLE ASSEMBLY, U.FL TO FEM. BLKHD SMA, 1.13mm CBL
26-JUL-17
CSI-SAFE-100-UFFR LINX-CSI-SAFE-100-UFFR Datasheet
87Kb / 1P
   CABLE ASSEMBLY, U.FL TO FEM BLKHD SMA, 1.13mm CBL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com