Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCB15P15A-4AB Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # SCB15P15A-4AB
Description  Snap Switch Pushbuttons
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

SCB15P15A-4AB Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  SCB15P15A-4AB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. SCB15P15A-4AB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. SCB15P15A-4AB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series SCB
Snap Switch Pushbuttons
www.nkk.com
C133
C
(10.3)
.406
(22.23)
.875
(22.1)
.870
(7.85) Max
.309
NO 3
NC 2
(0.5) Typ
.020
(5.84)
.230
(13.97)
.550
(1.02)
.040
COM
1
(21.2)
.835
(0.6)
.024
(12.0)
.472
(2.0)
.079
M12 P1
Shown with (4.0) Panel
.157
(24.0) Dia
.945
(17.7) Dia
.697
(11.2)
.441
(21.6)
.850
(10.3)
.406
M12 P1
NO 3
NC 2
(0.5) Typ
.020
(5.84)
.230
(4.5)
.177
COM
1
(13.97)
.550
(22.23)
.875
(7.85) Max
.309
(1.02)
.040
(14.2)
.559
(11.0)
.433
(13.2) Dia
.520
Keyway
CL
CL
(14.0)
.551
(15.4)
.606
(21.0)
.827
(20.7)
.815
Keyway
(12.0)
.472
(2.0)
.079
(10.3)
.406
M12 P1
(0.81) Typ
.032
Shown with (4.0) Panel
.157
(26.2)
1.031
(19.4)
.764
(14.35)
.565
(8.08)
.318
(22.23)
.875
COM
1
(21.6)
.850
(7.85) Max
.309
(48.1)
1.893
NC 2 NO 3
(1.02)
.040
TYPICAL SWITCH DIMENSIONS
.520” (13.2mm) Dia. Cap • .187” (4.75mm) Quick Connect
Rectangular Cap & Shroud • .250” (6.35mm) Quick Connect
SCB25P15A-4CA
SCB26S15B-5CA
Round Cap & Shroud • .187” (4.75mm) Quick Connect
SCB15S15A-3C
(28.0)
1.102
(10.16)
.400
(18.0)
.709
(4.75)
.187 (3.18)
.125
(28.83)
1.135
(10.16)
.400
(9.78)
.385
(4.75) Typ
.187
(28.83)
1.135
(3.18)
.125
(9.78)
.385
(10.16)
.400
(28.2)
1.110
(20.32)
.800
(27.0)
1.063
(6.35) Typ
.250
(28.83)
1.135
(20.32)
.800
(27.0)
1.063
(4.06)
.160
(8.38)
.330
(10.54)
.415
(28.4)
1.118


Similar Part No. - SCB15P15A-4AB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
SCB15P15A-4A NKK-SCB15P15A-4A Datasheet
189Kb / 3P
   Snap Switch Pushbuttons
More results

Similar Description - SCB15P15A-4AB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
SCB15P15A-1A NKK-SCB15P15A-1A Datasheet
189Kb / 3P
   Snap Switch Pushbuttons
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
MB2411A2W13 NKK-MB2411A2W13 Datasheet
255Kb / 8P
   Snap-Action Pushbuttons
MB2411E1W01 NKK-MB2411E1W01 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
logo
GREATECS
LB15SKW01-12-CJ GREATECS-LB15SKW01-12-CJ Datasheet
460Kb / 10P
   Standard Size Snap-in Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com