Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC10A Datasheet(PDF) 5 Page - Ruilongyuan Electronics Co.,Ltd

Part # 1.5SMC10A
Description  Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

1.5SMC10A Datasheet(HTML) 5 Page - Ruilongyuan Electronics Co.,Ltd

  1.5SMC10A Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 1.5SMC10A Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 1.5SMC10A Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 1.5SMC10A Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 1.5SMC10A Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 1.5SMC10A Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd 1.5SMC10A Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Transient Voltage Suppressors - 1.5SMC Series
Circuit Protection
System
Page:4
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Soldering Parameters
Feflow Condition
Lead-free assembly
Pre Heat
- Temperature Min (T s(min))
150°C
- Temperature Max (T s(min))
200°C
- Time (min to max) (t s)
60-180 secs
Average ramp up rate (Liquidus Temp (TL) to peak
3°C/second max
TS(max) to TL - Ramp-up Rate
3°C/second max
Reflow
- Temperature (T L) (Liquidus)
217°C
- Time (min to max) (t s)
60-150 seconds
Peak Temperature (T P)
260+0/-5 °C
Time within 5°C of actual peak Temperature (t p)
20-40 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peak Temperature (T P)
8 minutes Max.
Do not exceed
280°C
Time (t)
Ts(min)
Ts(max)
TL
TP
ts
Preheat
tL
tp
e
n
o
Z
l
a
c
it
ir
C
p
u
-
p
m
a
R
TL to T
P
Ramp-down
Physical Specifications
Weight
0.007 ounce, 0.21 grams
Case
JEDEC DO214AA. Molded plastic body
over glass passivated junction
Polarity
Color band denotes cathode except
Bidirectional.
Termina
Matte Tin-plated leads, Solderable per
JESD22-B102D
Environmental Specifications
Temperature Cycle
JESD22-A104
Pressure Cooker
JESD 22-A102
High Temp. Storage
JESD22-A103
HTRB
JESD22-A108
Thermal Shock
JESD22-A106


Similar Part No. - 1.5SMC10A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5SMC10A CENTRAL-1.5SMC10A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Bourns Electronic Solut...
1.5SMC10A BOURNS-1.5SMC10A Datasheet
377Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
Nantong Hornby Electron...
1.5SMC10A HORNBY-1.5SMC10A Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
1.5SMC10A VISHAY-1.5SMC10A Datasheet
113Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Gaomi Xinghe Electronic...
1.5SMC10A GXELECTRONICS-1.5SMC10A Datasheet
200Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 1.5SMC10A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com