Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5.0SMDJ28A Datasheet(PDF) 3 Page - Ruilongyuan Electronics Co.,Ltd

Part # 5.0SMDJ28A
Description  Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

5.0SMDJ28A Datasheet(HTML) 3 Page - Ruilongyuan Electronics Co.,Ltd

  5.0SMDJ28A Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 5.0SMDJ28A Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 5.0SMDJ28A Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 5.0SMDJ28A Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 5.0SMDJ28A Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 5.0SMDJ28A Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd 5.0SMDJ28A Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Transient Voltage Suppressors - 5.0SMDJ Series
Circuit Protection
System
Page:2
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Electriacl Characteristics
Type Number
Device Marking
Code
Reverse
Stand-Off
Voltage
Breakdown Voltage@IT
Test
Current
Maximum
Clamping
Voltage@IPP
Peak Pulse
Current
Reverse
Leakage
@VRWM
(UNI)
(BI)
UNI
BI
VRWM(V) VBR MIN.(V) VBR MAX.(V) IT(mA)
VC(V)
IPP(A)
IR(µA)
5.0SMDJ12A 5.0SMDJ12CA 5PEP 5BEP
12.0
13.30
14.70
10
19.9
252.00
800
5.0SMDJ13A 5.0SMDJ13CA 5PEQ 5BEQ
13.0
14.40
15.90
10
21.5
233.00
500
5.0SMDJ14A 5.0SMDJ14CA 5PER 5BER
14.0
15.60
17.20
10
23.2
216.00
200
5.0SMDJ15A 5.0SMDJ15CA 5PES 5BES
15.0
16.70
18.50
1
24.4
205.00
100
5.0SMDJ16A 5.0SMDJ16CA 5PET 5BET
16.0
17.80
19.70
1
26.0
193.00
50
5.0SMDJ17A 5.0SMDJ17CA 5PEU 5BEU
17.0
18.90
20.90
1
27.6
181.00
20
5.0SMDJ18A 5.0SMDJ18CA 5PEV 5BEV
18.0
20.00
22.10
1
29.2
172.00
10
5.0SMDJ20A 5.0SMDJ20CA 5PEW 5BEW
20.0
22.20
24.50
1
32.4
155.00
5.0
5.0SMDJ22A 5.0SMDJ22CA 5PEX 5BEX
22.0
24.40
26.90
1
35.5
141.00
5.0
5.0SMDJ24A 5.0SMDJ24CA 5PFZ 5BFZ
24.0
26.70
29.50
1
38.9
129.00
5.0
5.0SMDJ26A 5.0SMDJ26CA 5PFE 5BFE
26.0
28.90
31.90
1
42.1
119.00
5.0
5.0SMDJ28A 5.0SMDJ28CA 5PFG 5BFG
28.0
31.10
34.40
1
45.4
110.00
5.0
5.0SMDJ30A 5.0SMDJ30CA 5PFK 5BFK
30.0
33.30
36.80
1
48.4
103.00
5.0
5.0SMDJ33A 5.0SMDJ33CA 5PFM 5BFM
33.0
36.70
40.60
1
53.3
93.90
5.0
5.0SMDJ36A 5.0SMDJ36CA 5PFP 5BFP
36.0
40.00
44.20
1
58.1
86.10
5.0
5.0SMDJ40A 5.0SMDJ40CA 5PFR 5BFR
40.0
44.40
49.10
1
64.5
77.60
5.0
5.0SMDJ43A 5.0SMDJ43CA 5PFT 5BFT
43.0
47.80
52.80
1
69.4
72.10
5.0
5.0SMDJ45A 5.0SMDJ45CA 5PFV 5BFV
45.0
50.00
55.30
1
72.7
68.80
5.0
5.0SMDJ48A 5.0SMDJ48CA 5PFX 5BFX
48.0
53.30
58.90
1
77.4
64.70
5.0
5.0SMDJ51A 5.0SMDJ51CA 5PFZ 5BFZ
51.0
56.70
62.70
1
82.4
60.70
5.0
5.0SMDJ54A 5.0SMDJ54CA 5PGE 5BGE
54.0
60.00
66.30
1
87.1
57.50
5.0
5.0SMDJ58A 5.0SMDJ58CA 5PGG 5BGG
58.0
64.40
71.20
1
93.6
53.50
5.0
5.0SMDJ60A 5.0SMDJ60CA 5PGK 5BGK
60.0
66.70
73.70
1
96.8
51.70
5.0
5.0SMDJ64A 5.0SMDJ64CA 5PGM 5BGM
64.0
71.10
78.60
1
103.0
48.60
5.0
5.0SMDJ70A 5.0SMDJ70CA 5PGP 5BGP
70.0
77.80
86.00
1
113.0
44.30
5.0
5.0SMDJ75A 5.0SMDJ75CA 5PGR 5BGR
75.0
83.30
92.10
1
121.0
41.40
5.0
5.0SMDJ78A 5.0SMDJ78CA 5PGT 5BGT
78.0
86.70
95.80
1
126.0
39.70
5.0
5.0SMDJ85A 5.0SMDJ85CA 5PGV 5BGV
85.0
94.40
104.00
1
137.0
36.50
5.0
5.0SMDJ90A 5.0SMDJ90CA 5PGX 5BGX
90.0
100.00
111.00
1
146.0
34.30
5.0
5.0SMDJ100A 5.0SMDJ100CA 5PHZ 5BHZ
100.0
111.00
123.00
1
162.0
30.90
5.0
5.0SMDJ110A 5.0SMDJ110CA 5PHE 5BHE
110.0
122.00
135.00
1
177.0
28.30
5.0
5.0SMDJ120A 5.0SMDJ120CA 5PHG 5BHG
120.0
133.00
147.00
1
193.0
26.00
5.0
5.0SMDJ130A 5.0SMDJ130CA 5PHK 5BHK
130.0
140.00
159.00
1
209.0
24.00
5.0
5.0SMDJ150A 5.0SMDJ150CA 5PHM 5BHM
150.0
167.00
185.00
1
243.0
20.60
5.0
5.0SMDJ160A 5.0SMDJ160CA 5PHP 5BHP
160.0
178.00
197.00
1
259.0
19.30
5.0
5.0SMDJ170A 5.0SMDJ170CA 5PHR 5BHR
170.0
189.00
209.00
1
275.0
18.20
5.0
For bidirectional type having VR of 10 volts and less, the IR limit is double.
For parts without A, the VBR is +10% and VC is 5% higher than with A parts.


Similar Part No. - 5.0SMDJ28A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
5.0SMDJ28A MDE-5.0SMDJ28A Datasheet
110Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
First Silicon Co., Ltd
5.0SMDJ28A FS-5.0SMDJ28A Datasheet
312Kb / 3P
   Surface Mount Transient Voltage Suppressor Rectifiers
2019. 12. 06 Revision No : 0
logo
Nanjing International G...
5.0SMDJ28A DGNJDZ-5.0SMDJ28A Datasheet
102Kb / 4P
   Plastic material has UL flammability classification 94V-O
logo
Shenzhen Luguang Electr...
5.0SMDJ28A LUGUANG-5.0SMDJ28A Datasheet
2Mb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Littelfuse
5.0SMDJ28A LITTELFUSE-5.0SMDJ28A Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - 5.0SMDJ28A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com