Selected language     English  Ôľ╝


LCE33A Datasheet(PDF) 5 Page - Ruilongyuan Electronics Co.,Ltd

Part No. LCE33A
Description  Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RUILON [Ruilongyuan Electronics Co.,Ltd]
Homepage  http://www.rulion.com
Logo 

   
 5 page
background image
Transient Voltage Suppressors - LCE Series
Circuit Protection
System
Page:4
Speci´Čücations are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Soldering Parameters
Feflow Condition
Lead-free assembly
Pre Heat
- Temperature Min (T s(min))
150┬░C
- Temperature Max (T s(min))
200┬░C
- Time (min to max) (t s)
60-180 secs
Average ramp up rate (Liquidus Temp (TL) to peak
3┬░C/second max
TS(max) to TL - Ramp-up Rate
3┬░C/second max
Reflow
- Temperature (T L) (Liquidus)
217┬░C
- Time (min to max) (t s)
60-150 seconds
Peak Temperature (T P)
260+0/-5 ┬░C
Time within 5┬░C of actual peak Temperature (t p)
20-40 seconds
Ramp-down Rate
6┬░C/second max
Time 25┬░C to peak Temperature (T P)
8 minutes Max.
Do not exceed
280┬░C
Time (t)
Ts(min)
Ts(max)
TL
TP
ts
Preheat
tL
tp
e
n
o
Z
l
a
c
it
ir
C
p
u
-
p
m
a
R
TL to T
P
Ramp-down
Physical Specifications
Weight
0.045oz., 1.2g
Case
JEDEC DO-201 molded plastic body over
passivated junction.
Polarity
Color band denotes the cathode except Bipolar.
Termina
Matte Tin axial leads, solderable per
JESD22-B102D.
Flow/Wave Soldering
Peak Temperature :
265┬░C
Dipping Time :
10 seconds
Soldering :
1 time
Environmental Specifications
Temperature Cycle
JESD22-A104
Pressure Cooker
JESD 22-A102
High Temp. Storage
JESD22-A103
HTRB
JESD22-A108
Thermal Shock
JESD22-A106




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl