Selected language     English  Ôľ╝


LCE48A Datasheet(PDF) 4 Page - Ruilongyuan Electronics Co.,Ltd

Part No. LCE48A
Description  Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RUILON [Ruilongyuan Electronics Co.,Ltd]
Homepage  http://www.rulion.com
Logo 

   
 4 page
background image
Circuit Protection
System
Page:3
Speci´Čücations are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Transient Voltage Suppressors - LCE Series
Ratings and Characteristic Curves
Figure 1 - Peak Pulse Power Rating Curve
Figure 2 - Pulse Derating Curve
Figure 3 - Pulse Waveform
Figure 4 - Typical Junction Capacitance
Figure 5 - Steady State Power Derating Curve
0.1
1
10
100
1000
0.0000010.00001
0.00010.001
t
d-Pluse Width (Sec.)
0
25
50
75
100
02550751
T
L-Lead Temperature (┬║C
Peak Power
(Single Pulse)
0
0
50
100
150
1.02.0
3.04.0
tr=10┬Ásec
Peak Value
IPPM
IPPM
2
TJ=25┬░C
as the point where the peak
current decays to 5 0% of IPPM
10/1000┬Ásec. Waveform
td
t-Time (ms)
Half Value
IPPM
( )
Application Note:
Device must be used
with two units in parrellel, opposite in polarity
as shown on circuit for AC signal lin
protection.
Low Capacitance
TVC
+
+
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
0255075100 125150 175200
T
L-Lead Temperature (┬║C)




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl