Electronic Components Datasheet Search |
|
15KPA43CA Datasheet(PDF) 2 Page - Ruilongyuan Electronics Co.,Ltd |
|
15KPA43CA Datasheet(HTML) 2 Page - Ruilongyuan Electronics Co.,Ltd |
2 / 7 page Circuit Protection System Page:1 Specifications are subject to change without notice. Please refer to http://www.ruilon.com for current information. Transient Voltage Suppressors - 15KPA Series Features Mechanical Characteristics Rating Symbol Value Units Peak Pulse Power Dissipation by 10x1000μs test waveform (Fig.1)(Note 1) P PPM 15000 Watts Steady State Power Dissipation on inifinite heat sink at TL=75°C (Fig. 5) P D 8 Watts Peak Forward Surge Current, 8.3ms Single Half Sine Wave Unidirectional only (Note 2) IFSM 400 Amps Maximum Instantaneous Forward Voltage at 25A for Unidirectional only (Note 3) V F 3.5/5.0 V Operating junction and Storage Temperature Range. T J,TSTG -55°C to 175°C °C Typical Thermal Resistance Junction to Lead R uJL 8.0 °C/W Typical Thermal Resistance Junction to Ambient R uJA 40 °C/W Notes: 1. Non-repetitive current pulse , per Fig. 3 and derated above TA = 25°C per Fig. 2. 2. Measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 perminute maximum. 1. Halogen-free 2. Rohs compliant 3. Typical maximum temperature coefficient 4. ΔVBR =0.1%xVBR@25°C x ΔT 5. Glass passivated Chip junction in P600 package 6. 5000W peak pulse capadility at 10x1000μs waveform,repetition rate (duty cycles):0.01% 7. Fast response time:typically less than 1.0ps from 0 Volts to BV min 8. Excellent clamping capability 9. Low incremental surge resistance 10. Typical IR less than 5μA above 12V 11. High temperature soldering guaranteed: 260°C/40 seconds / 0.375”, \(9.5mm) lead length, 5lbs., (2.3kg)tension 12. Plastic package has underwriters laboratory flammability classification 94v-0 TVS devices are ideal for the protection of I/O interfaces,VCC bus and other vulnerable circuits used in telecom, computer, industrial and consumer electronic applications. UNI BI UNI BI Anode Cathode Applications |
Similar Part No. - 15KPA43CA |
|
Similar Description - 15KPA43CA |