Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SVR730750R0400 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 1SVR730750R0400
Description  Voltage monitoring relay CM-EFS.2 For single-phase AC/DC voltages
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1SVR730750R0400 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  1SVR730750R0400 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1SVR730750R0400 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1SVR730750R0400 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1SVR730750R0400 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1SVR730750R0400 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1SVR730750R0400 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1SVR730750R0400 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1SVR730750R0400 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1SVR730750R0400 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4 - Voltage monitoring relay CM-EFS.2 | Data sheet
Function diagrams
Voltage window monitoring 1x2 c/o (SPDT) contacts
j ON-delayed A without latching e
Open-circuit principle
h
The voltage to be monitored (measured value) is applied to terminals B-C. The control supply voltage applied to terminals
A1-A2 is displayed by the glowing green LED.
If the measured value exceeds the threshold valuemax (>U) or drops below the threshold valuemin (<U), the tripping delay TV
starts and the red LED glows (overvoltage), or flashes
W (undervoltage) respectively.
Timing of TV is displayed by the flashing W green LED.
When TV is complete and the measured value still exceeds the threshold valuemax minus the fixed hysteresis (5 %) or is still
below the threshold valuemin plus the fixed hysteresis (5 %), the output relays energize and the yellow LED (relay energized)
glows.
If the measured value decreases below the threshold valuemax minus the fixed hysteresis (5 %) or exceeds the threshold
valuemin plus the fixed hysteresis (5 %), the output relays de-energize and the red and yellow LEDs turn off.
If control supply voltage is interrupted, the green LED turns off.
Closed-circuit principle
g
The voltage to be monitored (measured value) is applied to terminals B-C. When control supply voltage is applied to
terminals A1-A2, the output relays energize and the green and yellow LED (relays energized) glow.
If the measured value exceeds the threshold valuemax (>U) or drops below the threshold valuemin (<U), the tripping delay TV
starts and the red LED glows (overvoltage), or flashes
W (undervoltage) respectively.
Timing of TV is displayed by the flashing W green LED.
When TV is complete and the measured value still exceeds the threshold valuemax minus the fixed hysteresis (5 %) or is
still below the threshold valuemin plus the fixed hysteresis (5 %), the output relays de-energize and the yellow LED (relays
energized) turns off.
If the measured value decreases below the threshold valuemax minus the fixed hysteresis (5 %) or exceeds the threshold
valuemin plus the fixed hysteresis (5 %), the output relays re-energize, the yellow LED glows and the red LED turns off.
If control supply voltage is interrupted, the output relays de-energize and the yellow and green LEDs turn off.
A1-A2
11-14 (15-18)
11-12 (15-16)
21-24 (25-28)
21-22 (25-26)
11-14 (15-18)
11-12 (15-16)
21-24 (25-28)
21-22 (25-26)
open
closed
Thresholdmax
Hysteresis
green LED
red LED
yellow LED
green LED
red LED
yellow LED
Open-circuit principle
Closed-circuit principle
TV
< TV
Hysteresis
Measured value
Thresholdmin
< TV


Similar Part No. - 1SVR730750R0400

ManufacturerPart #DatasheetDescription
logo
ABB
1SVR730840R0600 ABB-1SVR730840R0600 Datasheet
104Kb / 4P
   CM-SRS.M1S Current monitoring relay 2c/o, BC= 3mA-1A RMS, 24-240VAC/DC
More results

Similar Description - 1SVR730750R0400

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2866048 PHOENIX-2866048 Datasheet
152Kb / 8P
   Electronic monitoring relay for voltage monitoring of direct and alternating voltages in single-phase networks
2903523 PHOENIX-2903523 Datasheet
138Kb / 6P
   Electronic monitoring relay for undervoltage monitoring of direct and alternating voltages in single-phase networks
2866035 PHOENIX-2866035 Datasheet
126Kb / 5P
   Monitoring relay for monitoring 1-phase voltages of 0??00 V AC/DC, undervoltage, supply voltage can be selected using power module, 1PDT
EMD-BL-3V-400 PHOENIX-EMD-BL-3V-400 Datasheet
143Kb / 6P
   Electronic monitoring relay for voltage monitoring in three-phase networks
EMD-FL-3V-230 PHOENIX-EMD-FL-3V-230 Datasheet
158Kb / 8P
   Electronic monitoring relay for voltage monitoring in three-phase networks
EMD-FL-3V-690 PHOENIX-EMD-FL-3V-690 Datasheet
167Kb / 8P
   Electronic monitoring relay for voltage monitoring in three-phase networks
EMD-SL-3V-400 PHOENIX-EMD-SL-3V-400 Datasheet
139Kb / 6P
   Electronic monitoring relay for voltage monitoring in three-phase networks
EMD-FL-3V-400 PHOENIX-EMD-FL-3V-400 Datasheet
157Kb / 8P
   Electronic monitoring relay for voltage monitoring in three-phase networks
2885773 PHOENIX-2885773 Datasheet
153Kb / 8P
   Electronic monitoring relay for voltage monitoring in three-phase networks
logo
List of Unclassifed Man...
DUA01C724500V ETC2-DUA01C724500V Datasheet
197Kb / 4P
   Monitoring Relays 1-Phase AC/DC Over Voltage - AC Over Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com