Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SVR730006R0000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1SVR730006R0000
Description  Voltage monitoring relay CM-EFS.2 For single-phase AC/DC voltages
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1SVR730006R0000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1SVR730006R0000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1SVR730006R0000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1SVR730006R0000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1SVR730006R0000 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1SVR730006R0000 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1SVR730006R0000 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1SVR730006R0000 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1SVR730006R0000 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1SVR730006R0000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Data sheet | Voltage monitoring relay CM-EFS.2 - 3
Functions
Operating controls
1 Adjustment of the threshold value >U for overvoltage
2 Adjustment of the threshold value <U for undervoltage
3 Indication of operational states
U/T: green LED – control supply voltage/timing
R: yellow LED – relay status
U: red LED – over- / undervoltage
4 Adjustment of the measuring range
5 Adjustment of the tripping delay TV
6 DIP switches (see DIP switch functions)
Application
The voltage monitoring relays CM-EFS.2 are designed for use in single-phase AC and/or DC systems for the simultaneous
monitoring of over- or undervoltages as well as detection of phase loss. Depending on the configuration, one c/o (SPDT)
contact each or both c/o (SPDT) contacts in parallel can be used for the over- and undervoltage monitoring. The devices
operate over an universal range of supply voltages and provide an adjustable tripping delay. Open or closed-circuit principle
as well as ON of OFF delay tripping are configurable.
Operating mode
The CM-EFS.2 have 2 c/o (SPDT) contacts and include 4 measuring ranges: 3-30 V, 6-60 V, 30-300 V and 60-600 V.
The units are adjusted with front-face operating controls. The selection of: ON-delay A or OFF-delay B, open- h or
closed-circuit principle g, latching function ON f or OFF e and 2x1 c/o i or 1x2 c/o (SPDT) contacts j is made
with DIP switches. Potentiometers, with direct reading scale, allow the adjustment of the threshold valuemax (>U) for
overvoltage, the threshold valuemin (<U) for undervoltage and the tripping delay TV . The tripping delay TV is adjustable over
a range of instantaneous to a 30 s delay. The hysteresis is fixed at 5 %. Timing is displayed by a flashing green LED labelled
U/T.
1
3
2
4
5
6
! Whencomparedwithourpreviousversion,the
position of the adjustment potentiometers 4 and 5
have changed places.


Similar Part No. - 1SVR730006R0000

ManufacturerPart #DatasheetDescription
logo
ABB
1SVR730840R0600 ABB-1SVR730840R0600 Datasheet
104Kb / 4P
   CM-SRS.M1S Current monitoring relay 2c/o, BC= 3mA-1A RMS, 24-240VAC/DC
More results

Similar Description - 1SVR730006R0000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2866048 PHOENIX-2866048 Datasheet
152Kb / 8P
   Electronic monitoring relay for voltage monitoring of direct and alternating voltages in single-phase networks
2903523 PHOENIX-2903523 Datasheet
138Kb / 6P
   Electronic monitoring relay for undervoltage monitoring of direct and alternating voltages in single-phase networks
2866035 PHOENIX-2866035 Datasheet
126Kb / 5P
   Monitoring relay for monitoring 1-phase voltages of 0??00 V AC/DC, undervoltage, supply voltage can be selected using power module, 1PDT
EMD-BL-3V-400 PHOENIX-EMD-BL-3V-400 Datasheet
143Kb / 6P
   Electronic monitoring relay for voltage monitoring in three-phase networks
EMD-FL-3V-230 PHOENIX-EMD-FL-3V-230 Datasheet
158Kb / 8P
   Electronic monitoring relay for voltage monitoring in three-phase networks
EMD-FL-3V-690 PHOENIX-EMD-FL-3V-690 Datasheet
167Kb / 8P
   Electronic monitoring relay for voltage monitoring in three-phase networks
EMD-SL-3V-400 PHOENIX-EMD-SL-3V-400 Datasheet
139Kb / 6P
   Electronic monitoring relay for voltage monitoring in three-phase networks
EMD-FL-3V-400 PHOENIX-EMD-FL-3V-400 Datasheet
157Kb / 8P
   Electronic monitoring relay for voltage monitoring in three-phase networks
2885773 PHOENIX-2885773 Datasheet
153Kb / 8P
   Electronic monitoring relay for voltage monitoring in three-phase networks
logo
List of Unclassifed Man...
DUA01C724500V ETC2-DUA01C724500V Datasheet
197Kb / 4P
   Monitoring Relays 1-Phase AC/DC Over Voltage - AC Over Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com