Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80WP0015 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 80WP0015
Description  Contact selector guide
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

80WP0015 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  80WP0015 Datasheet HTML 1Page - List of Unclassifed Manufacturers 80WP0015 Datasheet HTML 2Page - List of Unclassifed Manufacturers 80WP0015 Datasheet HTML 3Page - List of Unclassifed Manufacturers 80WP0015 Datasheet HTML 4Page - List of Unclassifed Manufacturers 80WP0015 Datasheet HTML 5Page - List of Unclassifed Manufacturers 80WP0015 Datasheet HTML 6Page - List of Unclassifed Manufacturers 80WP0015 Datasheet HTML 7Page - List of Unclassifed Manufacturers 80WP0015 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
44
UTS Series
First Mate Last Break contacts
Contact
size
Type
Wire size
Part number
Max
wire Ø
Max
insulator Ø
Color band
Plating
available
AWG
mm²
Male
Female
Front
Rear
#16
Ø1.6 mm
Longer male
contact
(+1mm)
Machined
30-28
0.05-0.08
RM28M1GE1
-
0.55
1.1
-
Red
□ =
K, J or T
26-24
0.13-0.2
RM24M9GE1
0.8
1.6
Red
Red
22-20
0.32-0.52
RM20M13GE1
1.18
1.8
Black
Red
RM20M12 GE1
2.2
Blue
Red
20-16
0.52-1.5 RM16M23 GE1
1.8
3.2
-
Red
16-14
1.5-2.5
RM14M50 GE1
2.05
-
-
Red
16-14
1.5-2.5
RM14M30 GE1
2.28
-
-
Red
#16
Ø1.6 mm
Shorter fe-
male contact
(-0.7mm)
Machined
30-28
0.05-0.08
-
RC28M1GE7
0.55
1.1
-
Blue
□ =
K, J or T
26-24
0.13-0.2
RC24M9GE7
0.8
1.6
Red
Blue
22-20
0.32-0.52
RC20M13GE7
1.18
1.8
Black
Blue
RC20M12GE7
2.2
Blue
Blue
20-16
0.52-1.5
RC16M23GE7
1.8
3.2
-
Blue
16-14
1.5-2.5
RC14M50GE7
2.05
-
-
Blue
16-14
1.5-2.5
RC14M30GE7
2.28
-
-
Blue
Contact 1
Contact 2
Standard male
contact
Standard female
contact
Longer male
contact
Standard male
contact
Standard female
contact
FMLB
Shorter female
contact
LMFB
First Mate Last Break contacts should
be chosen only if the cavity is not
marked with the earth symbol. For
cavities marked with the earth symbol,
standard contacts will fulfill the same
role as a first mate, last break contact
used in a standard cavity.
Ground symbol
How to make FMLB / LMFB connection
Crimp contacts


Similar Part No. - 80WP0015

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
80W-12A DBLECTRO-80W-12A Datasheet
1Mb / 2P
   80W 60Amp Series
80W-4A DBLECTRO-80W-4A Datasheet
4Mb / 2P
   80W 25Amp Series
logo
LinkCom Manufacturing C...
80W-LCCH LINKCOM-80W-LCCH Datasheet
496Kb / 4P
   80W Power Supply
More results

Similar Description - 80WP0015

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
Silicon Laboratories
SI5374B-A-GL SILABS-SI5374B-A-GL Datasheet
1Mb / 20P
   Timing Selector Guide
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
597-7701-507F DIALIGHT-597-7701-507F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
logo
Microchip Technology
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
598-8070-102F DIALIGHT-598-8070-102F Datasheet
1Mb / 16P
   Surface Mount LED Selector Guide
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com