Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC411299C Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CC411299C
Description  POW-R-BLOKT Single & Dual Diode Isolated Module 100 Amperes / Up to 1800 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CC411299C Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CC411299C Datasheet HTML 1Page - Powerex Power Semiconductors CC411299C Datasheet HTML 2Page - Powerex Power Semiconductors CC411299C Datasheet HTML 3Page - Powerex Power Semiconductors CC411299C Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
http://www.pwrx.com
Single & Dual Diode Isolated Module
100 Amperes / Up to 1800 Volts
Revision Date: 08/31/2011
CD41__99C, CS41__99C
CC41__99C, CN41__99C
®
Outline Dimensions
Dimension
Inches
Millimeters
A
3.62
92
B
0.83
21
C
3.15
80
D
1.18
30
F
0.83
21
G
0.79
20
H
0.79
20
K
0.24
6.2
L
0.63
16
M
0.51
13
N
0.33
8.5
U
M5
M5
Note: Dimensions are for reference only.
Ordering Information:
Select the complete nine digit module
part number from the table below.
Example: CD411699C is a 1600Volt,
100 Ampere Dual Diode Isolated
POW-R-BLOK
TM Module
Type
Voltage
Volts
(x100)
Current
Amperes
Version
CD41
CS41
CC41
CN41
08
12
14
16
18
99
(100 A)
C
CD41__99C, CS41_99C,
CC41__99C, CN41_99C
Single & Dual Diode Isolated
POW-R-BLOK
TM Module
100 Amperes / Up to 1800 Volts
Description:
Powerex Single and Dual Diode
Modules are designed for use in
applications requiring rectification and
isolated packaging. The modules are
isolated for easy mounting with other
components on a common heatsink.
Features:
 Electrically Isolated Heatsinking
 Compression bonded construction
 Low Thermal Impedance
for Improved Current Capability
 RoHS Compliant
 UL Recognized (E78240)
Benefits:
 No Additional Insulation
Components Required
 Easy Installation
 No Clamping Components
Required
 Reduce Engineering Time
Applications:
 Power Supplies
 Bridge Circuits
 AC & DC Motor Drives
 Battery Supplies
 Large IGBT Circuit Front Ends
 Lighting Control
 Heat & Temperature Control
 Welders


Similar Part No. - CC411299C

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CC411299 POWEREX-CC411299 Datasheet
105Kb / 4P
   POW-R-BLOK Dual & Single Diode Isolated Module 100 Amperes / Up to 1600 Volts
More results

Similar Description - CC411299C

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CC410899C POWEREX-CC410899C Datasheet
476Kb / 4P
   POW-R-BLOKT Single & Dual Diode Isolated Module 100 Amperes / Up to 1800 Volts
CC411099C POWEREX-CC411099C Datasheet
476Kb / 4P
   POW-R-BLOKT Single & Dual Diode Isolated Module 100 Amperes / Up to 1800 Volts
CD410899C POWEREX-CD410899C Datasheet
476Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 100 Amperes / Up to 1800 Volts
PS413620 POWEREX-PS413620 Datasheet
349Kb / 5P
   POW-R-BLOKT Single Diode Isolated Module 2000 Amperes / Up to 4000 Volts
CD420840B POWEREX-CD420840B Datasheet
118Kb / 4P
   POW-R-BLOKTM Dual SCR/Diode Isolated Module 40 Amperes / Up to 1800 Volts
PD471207 POWEREX-PD471207 Datasheet
373Kb / 5P
   POW-R-BLOKTM Dual Diode / SCR Isolated Module 700 Amperes / Up to 1800 Volts
PD4707 POWEREX-PD4707 Datasheet
98Kb / 5P
   POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
PD4207 POWEREX-PD4207 Datasheet
98Kb / 5P
   POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
logo
Power Integrations, Inc...
CD421690B POWERINT-CD421690B Datasheet
120Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1800 Volts
logo
Powerex Power Semicondu...
PD421407 POWEREX-PD421407 Datasheet
376Kb / 5P
   POW-R-BLOKTM Dual SCR / Diode Isolated Module 700 Amperes, Up to 1800 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com