Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT5406 Datasheet(PDF) 10 Page - Texas Instruments

Part # PT5406
Description  Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5406 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PT5406 Datasheet HTML 6Page - Texas Instruments PT5406 Datasheet HTML 7Page - Texas Instruments PT5406 Datasheet HTML 8Page - Texas Instruments PT5406 Datasheet HTML 9Page - Texas Instruments PT5406 Datasheet HTML 10Page - Texas Instruments PT5406 Datasheet HTML 11Page - Texas Instruments PT5406 Datasheet HTML 12Page - Texas Instruments PT5406 Datasheet HTML 13Page - Texas Instruments PT5406 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Application Notes continued
For technical support and further information, visit http://power.ti.com
ISR ADJUSTMENT RESISTOR VALUES
Series Pt. No.
PT5401
PT5402/8
PT5403
PT5404
PT5405
PT5406
PT5407
Vo (nom)
3.3 V
2.5 V
2 V
1.8 V
1.5 V
1.2 V
1 V
Va (req.d)
0.97
(8.7) k
1.0
1.05
164.0 k
1.1
(2.2) k
72.7 k
1.15
(32.4) k
42.4 k
1.2
27.2 k
1.25
156.0 k
18.2 k
1.3
(2.7) k
68.8 k
12.1 k
1.35
(13.0) k
39.8 k
7.8 k
1.4
(33.7) k
25.3 k
4.5 k
1.45
(95.8) k
16.6 k
2.0 k
1.5
(2.1) k
10.8 k
1.55
(8.2) k
164.0 k
6.7 k
1.6
(17.3) k
72.7 k
3.5 k
1.65
(3.5) k
(32.4) k
42.4 k
1.1 k
1.7
(8.8) k
(62.7) k
27.2 k
1.75
(16.2) k
(154.0) k
18.2 k
1.8
(27.3) k
12.1 k
1.85
(45.7) k
160.0 k
7.8 k
1.9
(82.7) k
70.9 k
4.5 k
1.95
(194.0) k
41.2 k
2.0 k
2.0
(4.4) k
26.4 k
2.05
(8.1) k
160.0 k
Ω (3)
17.4 k
Ω (3)
2.1
(12.6) k
70.9 k
11.5 k
2.15
(18.5) k
41.2 k
7.3 k
2.2
(26.3) k
26.4 k
4.1 k
2.25
(37.2) k
17.4 k
1.6 k
2.3
(53.7) k
11.5 k
2.35
(81.0) k
7.3 k
2.4
(136.0) k
4.1 k
2.45
(300.0) k
1.6 k
2.5
2.55
( Note 4) 164.0 k
2.6
72.7 k
2.65
42.4 k
2.7
27.2 k
2.75
18.2 k
2.8
12.1 k
2.85
7.8 k
2.9
(33.0) k
4.5 k
2.95
(41.8) k
2.0 k
3.0
(53.5) k
3.05
(69.9) k
3.1
(94.5) k
3.15
(135.0) k
3.2
(217.0) k
3.25
(463.0) k
3.3
3.35
164.0 k
3.4
72.7 k
3.45
42.4 k
3.48
32.3 k
3.50
27.2 k
R1 = (Blue)
R2 = Black
Table 4-2
PT5400 Series


Similar Part No. - PT5406

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5406 TI-PT5406 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT5406 TI-PT5406 Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
PT5406 TI-PT5406 Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5406A TI-PT5406A Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
PT5406C TI-PT5406C Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
More results

Similar Description - PT5406

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5401C TI-PT5401C Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5406A TI-PT5406A Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
PT5406 TI-PT5406 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT5405 TI-PT5405 Datasheet
218Kb / 11P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT??Power Module
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
TPS51313 TI-TPS51313 Datasheet
1Mb / 19P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
   CMOS-compatible input (3.3 or 5 V)
logo
Analog Devices
AD7943BRZ AD-AD7943BRZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplyingnull
REV. B
ADCMP573BCPZ-R2 AD-ADCMP573BCPZ-R2 Datasheet
410Kb / 16P
   Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
ADCMP572 AD-ADCMP572_15 Datasheet
410Kb / 16P
   Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com