Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2526 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UC2526
Description  Regulating Pulse Width Modulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2526 Datasheet(HTML) 2 Page - Texas Instruments

  UC2526 Datasheet HTML 1Page - Texas Instruments UC2526 Datasheet HTML 2Page - Texas Instruments UC2526 Datasheet HTML 3Page - Texas Instruments UC2526 Datasheet HTML 4Page - Texas Instruments UC2526 Datasheet HTML 5Page - Texas Instruments UC2526 Datasheet HTML 6Page - Texas Instruments UC2526 Datasheet HTML 7Page - Texas Instruments UC2526 Datasheet HTML 8Page - Texas Instruments UC2526 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS (Note 1, 2)
Input Voltage (+VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +40V
Collector Supply Voltage (+VC) . . . . . . . . . . . . . . . . . . . . . +40V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +5.5V
Analog Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +VIN
Source/Sink Load Current (each output) . . . . . . . . . . . . . 200mA
Reference Load Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Logic Sink Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15mA
Power Dissipation at TA = +25°C (Note 2) . . . . . . . . . . 1000mW
Power Dissipation at TC = +25°C (Note 2) . . . . . . . . . . 3000mW
Operating Junction Temperature . . . . . . . . . . . . . . . . . . +150°C
Storage Temperature Range . . . . . . . . . . . . . . -65°C to +150°C
Lead Temperature (soldering, 10 seconds) . . . . . . . . . . +300°C
Note 1: Values beyond which damage may occur.
Note 2: Consult packaging section of databook for thermal
limitations and considerations of package.
CONNECTION DIAGRAMS
UC1526
UC2526
UC3526
DIL-18, SOIC-18 (TOP VIEW)
J or N Package, DW Package
RECOMMENDED OPERATING CONDITIONS (Note 3)
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8V to +35V
Collector Supply Voltage . . . . . . . . . . . . . . . . . . . +4.5V to +35V
Sink/Source Load Current (each output) . . . . . . . . . 0 to 100mA
Reference Load Current . . . . . . . . . . . . . . . . . . . . . . 0 to 20mA
Oscillator Frequency Range . . . . . . . . . . . . . . . . 1Hz to 400kHz
Oscillator Timing Resistor . . . . . . . . . . . . . . . . . . . 2k
Ω to 150kΩ
Oscillator Timing Capacitor . . . . . . . . . . . . . . . . . . . 1nF to 20
µF
Available Deadtime Range at 40kHz . . . . . . . . . . . . . 3% to 50%
Operating Ambient Temperature Range
UC1526 . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
UC2526 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25°C to +85°C
UC3526 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0°C to +70°C
Note 3: Range over which the device is functional and
parameter limits are guaranteed.
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
+Error
2
-Error
3
Comp.
4
CSS
5
Reset
______
6
- Current Sense
7
+ Current Sense
8
Shutdown
_________
9
RTIMING
10
CT
11
RD
12
Sync
13
Output A
14
VC
15
N/C
16
Ground
17
Output B
18
+VIN
19
VREF
20
PLCC-20, LCC-20
(TOP VIEW)
Q and L Packages
ELECTRICAL CHARACTERISTICS:
PARAMETER
TEST CONDITIONS
UC1526 / UC2526
UC3526
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Reference Section (Note 4)
Output Voltage
TJ = + 25°C
4.95
5.00
5.05
4.90
5.00
5.10
V
Line Regulation
+VIN = 8 to 35V
10
20
10
30
mV
Load Regulation
IL = 0 to 20mA
10
30
10
50
mV
Temperature Stability
Over Operating TJ
15
50
15
50
mV
Total Output
Voltage Range
Over Recommended
Operating Conditions
4.90
5.00
5.10
4.85
5.00
5.15
V
Short Circuit Current
VREF = 0V
25
50
100
25
50
100
mA
Under -Voltage Lockout
RESET
_______
Output Voltage
VREF = 3.8V
0.2
0.4
0.2
0.4
V
VREF = 4.8V
2.4
4.8
2.4
4.8
V
Note 4: IL = 0mA.
+VIN = 15V, and over operating ambient temperature, unless otherwise
specified, TA = TJ.
2


Similar Part No. - UC2526

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2526 TI-UC2526 Datasheet
614Kb / 11P
[Old version datasheet]   Regulating Pulse Width Modulator
UC2526 TI-UC2526 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
UC2526 TI1-UC2526 Datasheet
615Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
UC2526 TI-UC2526 Datasheet
678Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
UC2526A TI-UC2526A Datasheet
594Kb / 11P
[Old version datasheet]   Regulating Pulse Width Modulator
More results

Similar Description - UC2526

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com