Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT5403A Datasheet(PDF) 4 Page - Texas Instruments

Part # PT5403A
Description  Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5403A Datasheet(HTML) 4 Page - Texas Instruments

  PT5403A Datasheet HTML 1Page - Texas Instruments PT5403A Datasheet HTML 2Page - Texas Instruments PT5403A Datasheet HTML 3Page - Texas Instruments PT5403A Datasheet HTML 4Page - Texas Instruments PT5403A Datasheet HTML 5Page - Texas Instruments PT5403A Datasheet HTML 6Page - Texas Instruments PT5403A Datasheet HTML 7Page - Texas Instruments PT5403A Datasheet HTML 8Page - Texas Instruments PT5403A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
For technical support and further information, visit http://power.ti.com
PT5408
6-A 5-V/3.3-V Input Adjustable
SWIFT™ Power Module
SLTS169C - MAY 2002 - REVISED OCTOBER 2003
Electrical Specifications (PT5408 only)
Unless otherwise stated, Ta =25 °C, Vin =3.3 V, C1 =100 µF, C2 =0 µF, and Io =Iomax
PT5408
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Vin =3.3 V
0
6 (1)
Input Voltage Range
Vin
Over Io range
3.1
3.6
Set-Point Voltage Tolerance
Vo tol
±2
%Vo
Temperature Variation
∆Regtemp
–40 °C <Ta < +85 °C
±0.5
%Vo
Line Regulation
∆Regline
Over Vin range
±5
mV
Load Regulation
∆Regload
Over Io range
±10
mV
Total Output Variation
∆Regtot
Includes set-point, line, load,
——±3
%Vo
–40 °C
≤ Ta ≤ +85 °C
Efficiency
η
Io =4 A
92
Vo Ripple (pk-pk)
Vr
20 MHz bandwidth
15
mVpp
Transient Response
1 A/µs load step, 50 to 100 % Iomax,
C2 =100 µF
ttr
Recovery time
50
µSec
∆Vtr
Vo over/undershoot
50
mV
Current Limit Threshold
Ilim
∆Vo = –50 mV
13
A
Output Voltage Adjust
Vo adj
±10
%
Switching Frequency
ƒs
Over Vin and Io ranges
700
kHz
Under-Voltage Lockout
UVLO
Vin increasing
2.95
V
Vin decreasing
2.8
Inhibit Control (pin1)
Referenced to GND (pin3)
Input High Voltage
VIH
Vin –0.5
Open (2)
V
Input Low Voltage
VIL
–0.2
0.8
Input Low Current
IIL
Pin 1 to GND
–10
µA
Standby Input Current
Iin standby
pins 1 & 3 connected
1
mA
External Input Capacitance
C1
100 (3)
——µF
External Output Capacitance
C2
0
100 (4)
1,000
µF
Reliability
MTBF
Per Bellcore TR-332
48
——106 Hrs
50 % stress, Ta =40 °C, ground benign
Notes: (1) See SOA curves or consult factory for the appropriate derating.
(2) The Inhibit control (pin 1) has an internal pull-up, and if left open-circuit the module will operate when input power is applied. A small low-leakage
(<100 nA) MOSFET is recommended to control this input. See application notes for more information.
(3) The regulator requires a minimum of 100 µF input capacitor with a minimum 300 mArms ripple current rating. For further information, consult the
related application note on Capacitor Recommendations.
(4) An external output capacitor is not required for basic operation. Adding 100 µF of distributed capacitance at the load will improve the transient response.


Similar Part No. - PT5403A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5403A TI-PT5403A Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
PT5403A TI-PT5403A Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
More results

Similar Description - PT5403A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5401A TI-PT5401A Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5406A TI-PT5406A Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
PT5406 TI-PT5406 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT5405 TI-PT5405 Datasheet
218Kb / 11P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT??Power Module
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
TPS51313 TI-TPS51313 Datasheet
1Mb / 19P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
   CMOS-compatible input (3.3 or 5 V)
logo
Analog Devices
AD7943BRZ AD-AD7943BRZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplyingnull
REV. B
ADCMP573BCPZ-R2 AD-ADCMP573BCPZ-R2 Datasheet
410Kb / 16P
   Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
ADCMP572 AD-ADCMP572_15 Datasheet
410Kb / 16P
   Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com