Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2730T Datasheet(PDF) 2 Page - Texas Instruments

Part # UC2730T
Description  Thermal Monitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2730T Datasheet(HTML) 2 Page - Texas Instruments

  UC2730T Datasheet HTML 1Page - Texas Instruments UC2730T Datasheet HTML 2Page - Texas Instruments UC2730T Datasheet HTML 3Page - Texas Instruments UC2730T Datasheet HTML 4Page - Texas Instruments UC2730T Datasheet HTML 5Page - Texas Instruments UC2730T Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1-3
ALARM DELAY
4
ALARM OUTPUT
5
+VIN
6
GND
7
N/C
8-13
PTAT+
14
PTAT-
15
2.5V REFERENCE
16
2.5V REFERENCE
17
ALARM
THRESHOLD SET
18
N/C
19-20
Input Supply Voltage, (+VIN). . . . . . . . . . . . . . . . . . . . . . . 40V
Alarm Output Voltage (8-Pin Version Only) . . . . . . . . . . . 40V
Alarm Delay Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10V
Alarm Threshold Set Voltage . . . . . . . . . . . . . . . . . . . . . . 10V
2.5V Reference Output Current . . . . . . . . . . . . . . . . . -400 mA
Alarm Output Current (8-Pin Version Only) . . . . . . . . . . 0 mA
Power Dissipation at TA = 25°C (Note 2) . . . . . . . . . 1000 mW
Power Dissipation at TC = 25°C (Note 2) . . . . . . . . . 2000 mW
Thermal Resistance Junction to Ambient
N, 8-Pin Plastic DIP . . . . . . . . . . . . . . . . . . . . . . . . . 110°C/W
J, 8-Pin Ceramic DIP . . . . . . . . . . . . . . . . . . . . . . . . 110°C/W
T, 5-Pin Plastic DIP TO-220 . . . . . . . . . . . . . . . . . . . . 65°C/W
Thermal Resistance Junction to Case
N, 8-Pin Plastic DIP . . . . . . . . . . . . . . . . . . . . . . . . . . . 60°C/W
J, 8-Pin Ceramic DIP . . . . . . . . . . . . . . . . . . . . . . . . . . 40°C/W
T, 5-Pin Plastic TO-220 . . . . . . . . . . . . . . . . . . . . . . . . . 5°C/W
Operating Junction Temperature . . . . . . . . . -55°C to +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . -65°C to +150°C
Lead Temperature (Soldering, 10 Seconds). . . . . . . . . 300°C
Note 1: Voltages are referenced to ground. Currents are posi-
tive into, negative out of, the specified terminals.
Note 2: Consult Packaging section of Databook for thermal
limitations and considerations of package.
DIL-8 (TOP VIEW)
N or J Package
5-PIN TO-220 (TOP VIEW)
T Package
UC1730
UC2730
UC3730
CONNECTION DIAGRAMS
PLCC-20 (TOP VIEW)
Q Package
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS:
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLY
Supply Current
+VIN = 35V
2.8
4.0
mA
+VIN = 5V
2.3
3.5
mA
REFERENCE
Output Voltage
TJ = 25°C
2.475
2.5
2.525
V
Over Temperature
2.46
2.54
V
Load Regulation
IOUT = 0 to 250mA
8.0
25
mV
Line Regulation
+VIN = 5 to 25V
1.0
5.0
mV
TEMPERATURE COMPARATOR
Temperature Comparator Threshold at 300°K (26.85°C), Nominally 5mV/°K,
VINPUT High to Low
1.475
1.50
1.525
V
Temperature Error
-10
10
°C
Threshold Line Regulation
+VIN = 5 to 25V
0.005
0.02
%/V
Temperature Linearity
Note 2
2.0
5.0
°C
Threshold Hysteresis
3.0
8.0
15
mV
Input Bias Current
VINPUT at 1.5V
-0.5
-0.1
µA
Max Output Current
VOUT = 1V
1.2
3.0
mA
Output Sat Voltage
IOUT = 100
µA
0.05
0.25
V
Unless otherwise stated, these specifications apply for TJ = 0°C to +100°C for the
UC3730, -25°C to + 100°C for the UC2730 and -55°C to +125°C for the UC1730,
+VIN = + 5V, and PTAT– = 0V. TA = TJ.
2


Similar Part No. - UC2730T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2730 TI-UC2730 Datasheet
284Kb / 5P
[Old version datasheet]   Thermal Monitor
More results

Similar Description - UC2730T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1730 TI-UC1730 Datasheet
284Kb / 5P
[Old version datasheet]   Thermal Monitor
logo
ON Semiconductor
NVT224 ONSEMI-NVT224 Datasheet
618Kb / 58P
   Remote Thermal Monitor
August, 2012 ??Rev. 1
logo
Analog Microelectronics
ATTM01 AME-ATTM01 Datasheet
144Kb / 18P
   Processor Thermal Monitor
logo
uPI Group Inc.
UP1905 UPI-UP1905 Datasheet
282Kb / 11P
   High Accuracy Thermal Monitor
logo
ON Semiconductor
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
ADT7476A ONSEMI-ADT7476A_16 Datasheet
541Kb / 69P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 7
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7473 ONSEMI-ADT7473_16 Datasheet
624Kb / 73P
   Remote Thermal Monitor and Fan Control
November, 2016 ??Rev. 11
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com