Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2817L Datasheet(PDF) 11 Page - Texas Instruments

Part # UCC2817L
Description  BCMOS POWER FACTOR PREREGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2817L Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC2817L Datasheet HTML 7Page - Texas Instruments UCC2817L Datasheet HTML 8Page - Texas Instruments UCC2817L Datasheet HTML 9Page - Texas Instruments UCC2817L Datasheet HTML 10Page - Texas Instruments UCC2817L Datasheet HTML 11Page - Texas Instruments UCC2817L Datasheet HTML 12Page - Texas Instruments UCC2817L Datasheet HTML 13Page - Texas Instruments UCC2817L Datasheet HTML 14Page - Texas Instruments UCC2817L Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
UCC2817, UCC2818, UCC3817, UCC3818
BiCMOS POWER FACTOR PREREGULATOR
SLUS395J - FEBRUARY 2000 - REVISED MARCH 2009
11
www.ti.com
APPLICATION INFORMATION
multiplier (continued)
IMOUT(max) for this design is approximately 315 µA. The RMOUT resistor can then be determined by:
R
MOUT +
V
RSENSE
I
MOUT(max)
In this example VRSENSE was selected to give a dynamic operating range of 1.25 V, which gives an RMOUT of
roughly 3.91 k
Ω.
voltage loop
The second major source of harmonic distortion is the ripple on the output capacitor at the second harmonic
of the line frequency. This ripple is fed back through the error amplifier and appears as a 3rd harmonic ripple
at the input to the multiplier. The voltage loop must be compensated not just for stability but also to attenuate
the contribution of this ripple to the total harmonic distortion of the system. (refer to Figure 2).
RIN
RD
+
Rf
Cf
VREF
VOUT
CZ
Figure 2. Voltage Amplifier Configuration
The gain of the voltage amplifier, GVA, can be determined by first calculating the amount of ripple present on
the output capacitor. The peak value of the second harmonic voltage is given by the equation:
V
OPK +
P
IN
2
p
f
R
C
OUT
V
OUT
In this example VOPK is equal to 3.91 V. Assuming an allowable contribution of 0.75% (1.5% peak to peak) from
the voltage loop to the total harmonic distortion budget we set the gain equal to:
G
VA +
DV
VAOUT
(0.015)
2
V
OPK
where
∆VVAOUT is the effective output voltage range of the error amplifier (5 V for the UCC3817). The network
needed to realize this filter is comprised of an input resistor, RIN, and feedback components Cf, CZ, and Rf. The
value of RIN is already determined because of its function as one half of a resistor divider from VOUT feeding
back to the voltage amplifier for output voltage regulation. In this case the value was chosen to be 1 M
Ω. This
high value was chosen to reduce power dissipation in the resistor. In practice, the resistor value would be
realized by the use of two 500-k
Ω resistors in series because of the voltage rating constraints of most standard
1/4-W resistors. The value of Cf is determined by the equation:


Similar Part No. - UCC2817L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2817-EP TI-UCC2817-EP_15 Datasheet
477Kb / 24P
[Old version datasheet]   UCC2818A-Q1 BiCMOS Power-Factor Preregulator
UCC2817A TI-UCC2817A Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817A TI1-UCC2817A Datasheet
946Kb / 31P
[Old version datasheet]   BiMOS POWER FACTOR PREREGULATOR
More results

Similar Description - UCC2817L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2818D TI-UCC2818D Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com