Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28070PWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28070PWR
Description  Interleaving Continuous Conduction Mode PFC Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28070PWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC28070PWR Datasheet HTML 7Page - Texas Instruments UCC28070PWR Datasheet HTML 8Page - Texas Instruments UCC28070PWR Datasheet HTML 9Page - Texas Instruments UCC28070PWR Datasheet HTML 10Page - Texas Instruments UCC28070PWR Datasheet HTML 11Page - Texas Instruments UCC28070PWR Datasheet HTML 12Page - Texas Instruments UCC28070PWR Datasheet HTML 13Page - Texas Instruments UCC28070PWR Datasheet HTML 14Page - Texas Instruments UCC28070PWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
-60 -40
-20
0
60
80
120 140
T
J -Temperature-
0C
0
2
12
20
40
100
4
6
8
10
SUPPLY CURRENT
vs
TEMPERATURE
I
VCC,VCC=12V,enabled
I
VCC,VCC=12V,disabled
-60
-10
90
140
T
J -Temperature-
0C
5.82
5.88
6.18
40
5.94
6.00
6.06
6.12
REFERENCEVOLTAGE
vs
TEMPERATURE
VREF(I
VREF =0mA)
-60
-10
90
140
T
J -Temperature-
0C
0
0.10
0.50
40
0.15
0.25
0.35
0.40
I
VSENSE BIASCURRENT
vs
TEMPERATURE
0.05
0.20
0.30
0.45
-60
-20
100
140
T
J - Temperature -
0C
2.94
2.96
3.06
40
2.98
3.00
3.02
3.04
VSENSE REGULATION
vs
TEMPERATURE
-40
0
20
60
80
120
UCC28070
www.ti.com
SLUS794E
– NOVEMBER 2007 – REVISED APRIL 2011
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
Figure 3.
Figure 4.
Copyright
© 2007–2011, Texas Instruments Incorporated
11


Similar Part No. - UCC28070PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070PWR TI-UCC28070PWR Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
UCC28070PWR TI-UCC28070PWR Datasheet
723Kb / 39P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
More results

Similar Description - UCC28070PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
logo
Renesas Technology Corp
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104-114 RENESAS-R2A20104-114 Datasheet
354Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114BFP RENESAS-R2A20114BFP Datasheet
1,002Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP_16 Datasheet
406Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104 RENESAS-R2A20104 Datasheet
353Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
Jan 08, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com