Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC29002D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC29002D
Description  ADVANCED 8-PIN LOAD-SHARE CONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC29002D Datasheet(HTML) 2 Page - Texas Instruments

  UCC29002D Datasheet HTML 1Page - Texas Instruments UCC29002D Datasheet HTML 2Page - Texas Instruments UCC29002D Datasheet HTML 3Page - Texas Instruments UCC29002D Datasheet HTML 4Page - Texas Instruments UCC29002D Datasheet HTML 5Page - Texas Instruments UCC29002D Datasheet HTML 6Page - Texas Instruments UCC29002D Datasheet HTML 7Page - Texas Instruments UCC29002D Datasheet HTML 8Page - Texas Instruments UCC29002D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
UCC29002
UCC29002/1
UCC39002
SLUS495H − SEPTEMBER 2001 − REVISED AUGUST 2007
2
www.ti.com
DESCRIPTION (continued)
The functionality of the UCC29002/1 differs slightly compared to the UCC39002. The UCC39002 will force the
maximum adjustment range at start up to quickly engage load sharing; the UCC29002/1 ADJ amplifier will
operate in a linear mode during start up, resulting in a more gradual load sharing at turn on.
During transient conditions while adding or removing power supplies, the UCC39002 protects the system by
keeping the load share bus disconnected from the remaining supplies. By disabling the adjust function in case
a short of the load share bus occurs to either GND or the supply rail, it also provides protection for the system
against erroneous output voltage adjustment.
The UCC39002 also meets Intel’s SSI (Server System Infrastructure) loadshare specifications of a single-line
load share bus and scalable load share voltage for any level of output currents.
The UCC39002 family is offered in 8-pin MSOP (DGK), SOIC (D), and PDIP (P) packages.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)}w
Supply voltage, current limited (VDD)
−0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, voltage source (VDD)
−0.3 V to 13.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, current sense amplifier (VCS+, VCS−)
−0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current sense amplifier output voltage (VCSO)
−0.3 V to VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Load share bus voltage (VLS)
−0.3 V to VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply current (IDD + IZENER)
10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Adjust pin input voltage (VADJ)VEAO +1 V < VADJ ≤ VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Adjust pin sink current (IADJ)
6 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature, Tsol (Soldering, 10 seconds)
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
§ All voltages are with respect to GND. Currents are positive into, negative out of the specified terminal.
CSO
LS
EAO
ADJ
8
7
6
5
1
2
3
4
CS−
CS+
VDD
GND
SOIC (D) OR MSOP (DGK) PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
CS−
CS+
VDD
GND
CSO
LS
EAO
ADJ
PDIP (P) PACKAGE
(TOP VIEW)
AVAILABLE OPTIONS
PACKAGED DEVICES
TA = TJ
SOIC−8
(D)†
MSOP−8
(DGK)†
PDIP−8
(P)
−40
°C to 105°C
UCC29002D
UCC29002DGK
UCC29002P
−40
°C to 105°C
UCC29002D/1
UCC29002DGK/1
NA
0
°C to 70°C
UCC39002D
UCC39002DGK
UCC39002P
† The D and DGK packages are available taped and reeled. Add R suffix to device type (e.g.
UCC39002DR) to order quantities of 2,500 devices per reel.


Similar Part No. - UCC29002D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29002D TI-UCC29002D Datasheet
272Kb / 19P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002D TI-UCC29002D Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002D TI1-UCC29002D Datasheet
1Mb / 30P
[Old version datasheet]   Advanced 8-Pin Load-Share Controller
UCC29002D/ TI1-UCC29002D/ Datasheet
1Mb / 30P
[Old version datasheet]   Advanced 8-Pin Load-Share Controller
UCC29002D/1 TI1-UCC29002D/1 Datasheet
1Mb / 30P
[Old version datasheet]   Advanced 8-Pin Load-Share Controller
More results

Similar Description - UCC29002D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC39002DR TI1-UCC39002DR Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002 TI1-UCC29002_16 Datasheet
1Mb / 30P
[Old version datasheet]   Advanced 8-Pin Load-Share Controller
UCC39002 TI-UCC39002 Datasheet
272Kb / 19P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DRG4 TI1-UCC39002DRG4 Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002D TI-UCC29002D Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UC1902 TI-UC1902 Datasheet
147Kb / 6P
[Old version datasheet]   Load Share Controller
UC1907 TI-UC1907 Datasheet
169Kb / 8P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3902D TI1-UC3902D Datasheet
305Kb / 10P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3907N TI1-UC3907N Datasheet
357Kb / 12P
[Old version datasheet]   LOAD SHARE CONTROLLER
logo
Linear Technology
LTC4350 LINER-LTC4350 Datasheet
186Kb / 16P
   Hot Swappable Load Share Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com