Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491D157K010AT Datasheet(PDF) 5 Page - Kemet Corporation

Part # T491D157K010AT
Description  Standard MnO2 Tantalum Surface Mount Capacitors T491 Industrial Grade MnO2 Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491D157K010AT Datasheet(HTML) 5 Page - Kemet Corporation

  T491D157K010AT Datasheet HTML 1Page - Kemet Corporation T491D157K010AT Datasheet HTML 2Page - Kemet Corporation T491D157K010AT Datasheet HTML 3Page - Kemet Corporation T491D157K010AT Datasheet HTML 4Page - Kemet Corporation T491D157K010AT Datasheet HTML 5Page - Kemet Corporation T491D157K010AT Datasheet HTML 6Page - Kemet Corporation T491D157K010AT Datasheet HTML 7Page - Kemet Corporation T491D157K010AT Datasheet HTML 8Page - Kemet Corporation T491D157K010AT Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2005-1 • 5/18/2011
55
Standard MnO
2 Tantalum Surface Mount Capacitors – T491 Industrial Grade MnO2 Series
1) To complete KEMET part number, insert M for ± 20% or K for ± 10%. Designates Capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum). Designates
Termination Finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked
with the higher voltage rating. Substitutions can include better than series.
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
85ºC
120Hz
KEMET/EIA
(See below for
part options)
µAmps +20ºC +20ºC 120Hz +20ºC 100kHz
+25ºC
100kHz
+85ºC
100kHz
+125ºC
100kHz
Temp≤260ºC
VDC
µF
max/5min
% Max
Ohms
mAmps
mAmps
mAmps
J-STD-020D
2.5
100
T/3528-12
T491T107(1)2R5A(2)
2.5
24.0
3.9
134
121
54
1
2.5
220
D/7343-31
T491D227(1)2R5A(2)
5.5
8.0
0.3
707
636
283
1
3
33
A/3216-18
T491A336(1)003A(2)
1.0
6.0
4.0
137
123
55
1
4
3.3
A/3216-18
T491A335(1)004A(2)
0.1
6.0
8.0
97
87
39
1
4
4.7
A/3216-18
T491A475(1)004A(2)
0.2
6.0
8.0
97
87
39
1
4
6.8
A/3216-18
T491A685(1)004A(2)
0.3
6.0
6.0
112
101
45
1
4
6.8
S/3216-12
T491S685(1)004A(2)
0.3
6.0
15.0
63
57
25
1
4
10
B/3528-21
T491B106(1)004A(2)
0.4
6.0
3.5
156
140
62
1
4
10
A/3216-18
T491A106(1)004A(2)
0.4
6.0
6.0
112
101
45
1
4
10
S/3216-12
T491S106(1)004A(2)
0.4
6.0
15.0
63
57
25
1
4
10
R/2012-12
T491R106(1)004A(2)
0.4
8.0
10.0
50
45
20
1
4
15
B/3528-21
T491B156(1)004A(2)
0.6
6.0
3.5
156
140
62
1
4
15
A/3216-18
T491A156(1)004A(2)
0.6
6.0
4.0
137
123
55
1
4
15
T/3528-12
T491T156(1)004A(2)
0.6
6.0
5.0
118
106
47
1
4
15
S/3216-12
T491S156(1)004A(2)
0.6
10.0
15.0
63
57
25
1
4
22
C/6032-28
T491C226(1)004A(2)
0.9
6.0
1.8
247
222
99
1
4
22
B/3528-21
T491B226(1)004A(2)
0.9
6.0
3.5
156
140
62
1
4
22
A/3216-18
T491A226(1)004A(2)
0.9
6.0
4.0
137
123
55
1
4
22
T/3528-12
T491T226(1)004A(2)
0.9
6.0
5.0
118
106
47
1
4
22
S/3216-12
T491S226(1)004A(2)
0.9
10.0
10.0
77
69
31
1
4
33
C/6032-28
T491C336(1)004A(2)
1.3
6.0
1.8
247
222
99
1
4
33
U/6032-15
T491U336(1)004A(2)
1.3
6.0
1.8
224
202
90
1
4
33
B/3528-21
T491B336(1)004A(2)
1.3
6.0
3.5
156
140
62
1
4
33
A/3216-18
T491A336(1)004A(2)
1.3
6.0
4.0
137
123
55
1
4
33
T/3528-12
T491T336(1)004A(2)
1.3
8.0
5.0
118
106
47
1
4
47
C/6032-28
T491C476(1)004A(2)
1.9
6.0
1.8
247
222
99
1
4
47
U/6032-15
T491U476(1)004A(2)
1.9
6.0
1.8
224
202
90
1
4
47
B/3528-21
T491B476(1)004A(2)
1.9
6.0
3.0
168
151
67
1
4
47
A/3216-18
T491A476(M)004A(2)
1.9
12.0
2.5
173
156
69
1
4
47
T/3528-12
T491T476(M)004A(2)
1.9
12.0
6.0
108
97
43
1
4
68
D/7343-31
T491D686(1)004A(2)
2.7
6.0
0.8
433
390
173
1
4
68
C/6032-28
T491C686(1)004A(2)
2.7
6.0
1.6
262
236
105
1
4
68
U/6032-15
T491U686(1)004A(2)
2.7
6.0
1.8
224
202
90
1
4
68
B/3528-21
T491B686(1)004A(2)
2.7
6.0
3.5
156
140
62
1
4
68
A/3216-18
T491A686(1)004A(2)
2.7
30.0
4.0
137
123
55
1
4
100
D/7343-31
T491D107(1)004A(2)
4.0
8.0
0.8
433
390
173
1
4
100
C/6032-28
T491C107(1)004A(2)
4.0
8.0
1.2
303
273
121
1
4
100
U/6032-15
T491U107(1)004A(2)
4.0
10.0
1.8
224
202
90
1
4
100
B/3528-21
T491B107(M)004A(2)
4.0
8.0
0.9
307
276
123
1
4
100
A/3216-18
T491A107(M)004A(2)
4.0
30.0
4.0
137
123
55
1
4
100
T/3528-12
T491T107(M)004A(2)
4.0
30.0
5.0
118
106
47
1
4
150
D/7343-31
T491D157(1)004A(2)
6.0
8.0
0.8
433
390
173
1
4
150
U/6032-15
T491U157(1)004AT
6.0
8.0
1.3
263
237
105
1
4
150
V/7343-20
T491V157(1)004A(2)
6.0
8.0
0.7
423
381
169
1
4
150
C/6032-28
T491C157(1)004A(2)
6.0
8.0
1.2
303
273
121
1
4
150
B/3528-21
T491B157(M)004A(2)
6.0
12.0
2.0
206
185
82
1
VDC
µF
KEMET/EIA
(See below for
part options)
max/5min
% Max
Ohms
mAmps
mAmps
mAmps
J-STD-020D
85ºC
120Hz
µAmps +20ºC +20ºC 120Hz +20ºC 100kHz
+25ºC
100kHz
+85ºC
100kHz
+125ºC
100kHz
Temp≤260ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
Table 1 – Ratings & Part Number Reference
T
491
X
157
K
020
A
T
Capacitor
Class
Series
Case Size
Capacitance
Code (pF)
Capacitance
Tolerance
Voltage
Failure Rate/
Design
Lead Material
Packaging (C-Spec)
T =
Tantalum
Industrial
A = 3216-18
B = 3528-21
C = 6032-28
D = 7343-31
E = 7260-38
R = 2012-12
S = 3216-12
T = 3528-12
U = 6032-15
V = 7343-20
X = 7343-43
First two digits
represent significant
figures. Third digit
specifies number of
zeros.
K = ±10%
M = ±20%
2R5 = 2.5V
003 = 3V
004 = 4V
006 = 6.3V
010 = 10V
016 = 16V
020 = 20V
025 = 25V
035 = 35V
050 = 50V
A = N/A
Z = N/A
T = 100% Matte Tin
(Sn) Plated
H = Standard Solder
Coated (SnPb 5%
Pb minimum)
G = Gold Plated (A, B,
C, D, X only)
Blank = 7" Reel
7280 = 13" Reel
Roll Over for
Order Info.


Similar Part No. - T491D157K010AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491D157K010AT KEMET-T491D157K010AT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491D157K010AT7280 KEMET-T491D157K010AT7280 Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
More results

Similar Description - T491D157K010AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491E476M035AH KEMET-T491E476M035AH Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491B106K006AT KEMET-T491B106K006AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491A106M010ZT KEMET-T491A106M010ZT Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491B106K016AT7280 KEMET-T491B106K016AT7280 Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491B685K006AT KEMET-T491B685K006AT Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491A106K010AG KEMET-T491A106K010AG Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491A226M006AT KEMET-T491A226M006AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491A335K016AT KEMET-T491A335K016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491X477K006AT KEMET-T491X477K006AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491A336K010AT KEMET-T491A336K010AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com