Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2818DTR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2818DTR
Description  BCMOS POWER FACTOR PREREGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2818DTR Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC2818DTR Datasheet HTML 4Page - Texas Instruments UCC2818DTR Datasheet HTML 5Page - Texas Instruments UCC2818DTR Datasheet HTML 6Page - Texas Instruments UCC2818DTR Datasheet HTML 7Page - Texas Instruments UCC2818DTR Datasheet HTML 8Page - Texas Instruments UCC2818DTR Datasheet HTML 9Page - Texas Instruments UCC2818DTR Datasheet HTML 10Page - Texas Instruments UCC2818DTR Datasheet HTML 11Page - Texas Instruments UCC2818DTR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
UCC2817, UCC2818, UCC3817, UCC3818
BiCMOS POWER FACTOR PREREGULATOR
SLUS395J - FEBRUARY 2000 - REVISED MARCH 2009
8
www.ti.com
APPLICATION INFORMATION
power stage
LBOOST : The boost inductor value is determined by:
L
BOOST +
V
IN(min)
D
(
DI
fs)
where D is the duty cycle,
∆I is the inductor ripple current and fS is the switching frequency. For the example
circuit a switching frequency of 100 kHz, a ripple current of 875 mA, a maximum duty cycle of 0.688 and a
minimum input voltage of 85 VRMS gives us a boost inductor value of about 1 mH. The values used in this
equation are at the peak of low line, where the inductor current and its ripple are at a maximum.
COUT : Two main criteria, the capacitance and the voltage rating, dictate the selection of the output capacitor.
The value of capacitance is determined by the holdup time required for supporting the load after input ac voltage
is removed. Holdup is the amount of time that the output stays in regulation after the input has been removed.
For this circuit, the desired holdup time is approximately 16 ms. Expressing the capacitor value in terms of output
power, output voltage, and holdup time gives the equation:
C
OUT +
2
P
OUT
Dt
V
OUT
2 * V
OUT(min)
2
In practice, the calculated minimum capacitor value may be inadequate because output ripple voltage
specifications limit the amount of allowable output capacitor ESR. Attaining a sufficiently low value of ESR often
necessitates the use of a much larger capacitor value than calculated. The amount of output capacitor ESR
allowed can be determined by dividing the maximum specified output ripple voltage by the inductor ripple
current. In this design holdup time was the dominant determining factor and a 220-
µF, 450-V capacitor was
chosen for the output voltage level of 385 VDC at 250 W.
Power switch selection: As in any power supply design, tradeoffs between performance, cost and size have
to be made. When selecting a power switch, it can be useful to calculate the total power dissipation in the switch
for several different devices at the switching frequencies being considered for the converter. Total power
dissipation in the switch is the sum of switching loss and conduction loss. Switching losses are the combination
of the gate charge loss, COSS loss and turnon and turnoff losses:
P
GATE +
Q
GATE
V
GATE
fs
P
COSS +
1
2
C
OSS
V2
OFF
fs
P
ON )
P
OFF +
1
2
V
OFF
I
L
t
ON )
t
OFF
fs
where QGATE is the total gate charge, VGATE is the gate drive voltage, fS is the clock frequency, COSS is the drain
source capacitance of the MOSFET, IL is the peak inductor current, tON and tOFF are the switching times
(estimated using device parameters RGATE, QGD and VTH) and VOFF is the voltage across the switch during the
off time, in this case VOFF = VOUT.


Similar Part No. - UCC2818DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2818DTR TI-UCC2818DTR Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2818DTRG4 TI-UCC2818DTRG4 Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
More results

Similar Description - UCC2818DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2818D TI-UCC2818D Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com