Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27537DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27537DBVT
Description  2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27537DBVT Datasheet(HTML) 5 Page - Texas Instruments

  UCC27537DBVT Datasheet HTML 1Page - Texas Instruments UCC27537DBVT Datasheet HTML 2Page - Texas Instruments UCC27537DBVT Datasheet HTML 3Page - Texas Instruments UCC27537DBVT Datasheet HTML 4Page - Texas Instruments UCC27537DBVT Datasheet HTML 5Page - Texas Instruments UCC27537DBVT Datasheet HTML 6Page - Texas Instruments UCC27537DBVT Datasheet HTML 7Page - Texas Instruments UCC27537DBVT Datasheet HTML 8Page - Texas Instruments UCC27537DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
UCC27531
UCC27533, UCC27536
UCC27537, UCC27538
www.ti.com
SLUSBA7D – DECEMBER 2012 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise noted, VDD = 18 V, TA = TJ = -40°C to 140°C, 1-µF capacitor from VDD to GND, f = 100 kHz. Currents are
positive into, negative out of the specified terminal. OUTH and OUTL are tied together for UCC27531/8. Typical condition
specifications are at 25°C.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
Outputs (OUTH/OUTL)
Source peak current (OUTH)/
ISRC/SNK
CLOAD = 0.22 µF, f = 1 kHz
-2.5/+5
A
sink peak current (OUTL)(13)
VDD -
VDD -
VOH
OUTH, high voltage
IOUTH = -10 mA
VDD -0.2
0.12
0.07
VOL
OUTL, low voltage
IOUTL = 100 mA
0.065
0.125
V
OUTL, Low Voltage
VOL
IOUTL = 100 mA
0.130
0.23
UCC27536
TA = 25°C, IOUT = -10 mA
11
12
12.5
ROH
OUTH, pull-up resistance (15)
TA = -40°C to 140°C, IOUT = -10 mA
7
12
20
TA = 25°C, IOUT = 100 mA
0.45
0.65
0.85
ROL
OUTL, pull-down resistance
TA = -40°C to 140°C, IOUT = 100 mA
0.3
0.65
1.25
TA = 25°C, IOUT = 100 mA
0.9
1.3
1.7
OUTL, pull-down resistance
ROL
UCC27536
TA = -40°C to 140°C, IOUT = 100 mA
0.6
1.3
2.3
Switching Time
tR
Rise time
CLOAD = 1.8 nF
15
tF
Fall time
CLOAD = 1.8 nF
7
tF
Fall Time UCC27536DBV
CLOAD = 1.8 nF
10
tD1
Turn-on propagation delay
CLOAD = 1.8 nF, IN, IN+ = 0 V to 5 V
17
26
ns
tD2
Turn-off propagation delay
CLOAD = 1.8 nF, IN, IN+ = 5 V to 0 V
17
26
Inverting turn-off propagation
tD3
CLOAD = 1.8 nF, IN- = 0 V to 5 V
17
28
delay
Inverting turn-on propagation
tD4
CLOAD = 1.8 nF, IN- = 5 V to 0 V
20
28
delay
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: UCC27531 UCC27533, UCC27536 UCC27537, UCC27538


Similar Part No. - UCC27537DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27537DBVT TI1-UCC27537DBVT Datasheet
1Mb / 45P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
More results

Similar Description - UCC27537DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27531 TI1-UCC27531 Datasheet
450Kb / 23P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27532-Q1 TI-UCC27532-Q1_15 Datasheet
916Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531 TI1-UCC27531_15 Datasheet
1Mb / 45P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531-Q1 TI1-UCC27531-Q1 Datasheet
994Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27532 TI-UCC27532 Datasheet
989Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531 TI-UCC27531_13 Datasheet
648Kb / 35P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531-Q1 TI1-UCC27531-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   UCC27531-Q1 2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
logo
Vishay Siliconix
VOW3120 VISHAY-VOW3120_V01 Datasheet
198Kb / 12P
   Widebody 2.5 A IGBT and MOSFET Driver
01-Jan-2022
logo
Texas Instruments
ISO5452-Q1 TI1-ISO5452-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com