Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27538DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27538DBVT
Description  2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27538DBVT Datasheet(HTML) 2 Page - Texas Instruments

  UCC27538DBVT Datasheet HTML 1Page - Texas Instruments UCC27538DBVT Datasheet HTML 2Page - Texas Instruments UCC27538DBVT Datasheet HTML 3Page - Texas Instruments UCC27538DBVT Datasheet HTML 4Page - Texas Instruments UCC27538DBVT Datasheet HTML 5Page - Texas Instruments UCC27538DBVT Datasheet HTML 6Page - Texas Instruments UCC27538DBVT Datasheet HTML 7Page - Texas Instruments UCC27538DBVT Datasheet HTML 8Page - Texas Instruments UCC27538DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
UCC27531
UCC27533, UCC27536
UCC27537, UCC27538
SLUSBA7D – DECEMBER 2012 – REVISED APRIL 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DESCRIPTION(CONT.)
Leaving the input pin of driver open holds the output low. The logic behavior of the driver is shown in the
application diagram, timing diagram and input and output logic truth table.
Internal circuitry on VDD pin provides an under voltage lockout function that holds output low until VDD supply
voltage is within operating range.
The UCC2753x driver is offered in a 5-pin or 6-pin standard SOT-23 (DBV) package. The device operates over
wide temperature range of -40°C to 140°C.
ORDERING INFORMATION(1)
OPERATING
PEAK CURRENT
INPUT THRESHOLD
PART NUMBER
PACKAGE(2)
TEMPERATURE RANGE
(SOURCE AND SINK)
LOGIC
TA
UCC27531DBV
SOT-23, 6-PIN
2.5 A and 5 A
UCC27533DBV
SOT-23, 5-PIN
2.5-A/5-A
TTL/CMOS –Compatible
UCC27536DBV
SOT-23, 5-PIN
2.5-A/2.5-A
(low-voltage, independent
-40°C to +140°C
of VDD bias voltage)
UCC27537DBV
SOT-23, 5-PIN
2.5-A/5-A
UCC27538DBV
SOT-23, 6-PIN
2.5-A/5-A
(1)
DBV package uses Pb-Free lead finish of Pd-Ni-Au which is compatible with MSL level 1 at 255°C to 260°C peak reflow temperature to
be compatible with either lead free or Sn/Pb soldering operations.
(2)
For the most up-to-date packaging information see the TI web site.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage range,
VDD
-0.3
35
Continuous
OUTH, OUTL, OUT
-0.3
VDD +0.3
V
Pulse
OUTH, OUTL, OUT (200 ns)
-2
VDD +0.3
Continuous IN, EN, IN+, IN-, IN1,
-5
27
IN2
Pulse IN, EN, IN+, IN-, IN1, IN2 (1.5
-6.5
27
V
µs)
Human body model, HBM (ESD)
4000
Charged device model, CDM (ESD)
1000
Operating virtual junction temperature range, TJ
-40
150
Storage temperature range, Tstg
-65
150
°C
Soldering, 10 sec.
300
Lead temperature
Reflow
260
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND unless otherwise noted. Currents are positive into, negative out of the specified terminal. See
Packaging Section of the datasheet for thermal limitations and considerations of packages.
(3)
These devices are sensitive to electrostatic discharge; follow proper device handling procedures.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: UCC27531 UCC27533, UCC27536 UCC27537, UCC27538


Similar Part No. - UCC27538DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27538DBVT TI1-UCC27538DBVT Datasheet
1Mb / 45P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
More results

Similar Description - UCC27538DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27531 TI1-UCC27531 Datasheet
450Kb / 23P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27532-Q1 TI-UCC27532-Q1_15 Datasheet
916Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531 TI1-UCC27531_15 Datasheet
1Mb / 45P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531-Q1 TI1-UCC27531-Q1 Datasheet
994Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27532 TI-UCC27532 Datasheet
989Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531 TI-UCC27531_13 Datasheet
648Kb / 35P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531-Q1 TI1-UCC27531-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   UCC27531-Q1 2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
logo
Vishay Siliconix
VOW3120 VISHAY-VOW3120_V01 Datasheet
198Kb / 12P
   Widebody 2.5 A IGBT and MOSFET Driver
01-Jan-2022
logo
Texas Instruments
ISO5452-Q1 TI1-ISO5452-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com