Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD610816C Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # CD610816C
Description  POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

CD610816C Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  CD610816C Datasheet HTML 1Page - Power Analog Micoelectronics CD610816C Datasheet HTML 2Page - Power Analog Micoelectronics CD610816C Datasheet HTML 3Page - Power Analog Micoelectronics CD610816C Datasheet HTML 4Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
http://www.pwrx.com
Single & Dual Diode Isolated Module
160 Amperes / 800 to 1800 Volts
Revision Date: 08/31/2011
CD61__16C, CS61__16C
CC61__16C, CN61__16C
®
Absolute Maximum Ratings
Characteristics
Conditions
Symbol
Units
Repetitive Peak Reverse Blocking Voltage
VRRM
up to 1800
V
Non-Repetitive Peak Reverse Blocking Voltage
(t < 5 msec)
VRSM
VRRM + 200
V
RMS Forward Current
180° Conduction, TC=99°C
IF(RMS)
250
A
Average Forward Current
180° Conduction, TC=99°C
IF(AV)
160
A
Peak One Cycle Surge Current, Non-Repetitive
50 Hz, 60% VRRM reapplied, Tj=150°C
IFSM
6,000
A
I
2t for Fusing for One Cycle, 10 milliseconds
50 Hz, 60% VRRM reapplied, Tj=150°C
I
2t
184,000
A
2 sec
Operating Temperature
TJ
-40 to +150
°C
Storage Temperature
Tstg
-40 to +125
°C
Max. Mounting Torque, M6 Mounting Screw on
Terminals
53
6
in.-Lb.
Nm
Max. Mounting Torque, Module to Heatsink
53
6
in.-Lb.
Nm
Module Weight, Typical
320
g
0.71
lb
V Isolation @ 25C
50
– 60 Hz, 1 minute
Vrms
2500
V
Information presented is based upon manufacturers testing and projected capabilities.
This information is subject to change without notice.
The manufacturer makes no claim as to the suitability of use, reliability, capability,
or future availability of this product.


Similar Part No. - CD610816C

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
CD610816C PAM-CD610816C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CD610816C PAM-CD610816C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CD610816C PAM-CD610816C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
logo
Inchange Semiconductor ...
CD610816C ISC-CD610816C Datasheet
209Kb / 2P
   Dual Diode Isolated Module
More results

Similar Description - CD610816C

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
CC611216C PAM-CC611216C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CC610816C PAM-CC610816C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CC611016C PAM-CC611016C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CC612016C PAM-CC612016C Datasheet
454Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
logo
Powerex Power Semicondu...
CD410899C POWEREX-CD410899C Datasheet
476Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 100 Amperes / Up to 1800 Volts
logo
Power Analog Micoelectr...
CC612216C PAM-CC612216C Datasheet
454Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
CC612416C PAM-CC612416C Datasheet
454Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
logo
Powerex Power Semicondu...
CD420840B POWEREX-CD420840B Datasheet
118Kb / 4P
   POW-R-BLOKTM Dual SCR/Diode Isolated Module 40 Amperes / Up to 1800 Volts
PD471207 POWEREX-PD471207 Datasheet
373Kb / 5P
   POW-R-BLOKTM Dual Diode / SCR Isolated Module 700 Amperes / Up to 1800 Volts
PD421407 POWEREX-PD421407 Datasheet
376Kb / 5P
   POW-R-BLOKTM Dual SCR / Diode Isolated Module 700 Amperes, Up to 1800 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com