Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD612016C Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # CD612016C
Description  POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

CD612016C Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  CD612016C Datasheet HTML 1Page - Power Analog Micoelectronics CD612016C Datasheet HTML 2Page - Power Analog Micoelectronics CD612016C Datasheet HTML 3Page - Power Analog Micoelectronics CD612016C Datasheet HTML 4Page - Power Analog Micoelectronics CD612016C Datasheet HTML 5Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
http://www.pwrx.com
Single & Dual Diode Isolated Module
160 Amperes / 2000 to 2500 Volts
Revision Date: 05/20/2013
CD61__16C, CS61__16C
CC61__16C, CN61__16C
®
Absolute Maximum Ratings
Characteristics
Conditions
Symbol
Units
Repetitive Peak Reverse Blocking Voltage
VRRM
2000 to 2500
V
Non-Repetitive Peak Reverse Blocking Voltage
(t < 5 msec)
VRSM
VRRM +100
V
RMS Forward Current
180° Conduction, TC=95°C
IF(RMS)
250
A
Average Forward Current
180° Conduction, TC=95°C
IF(AV)
160
A
Peak One Cycle Surge Current, Non-Repetitive
50 Hz, 60% VRRM reapplied, Tj=150°C
IFSM
6,000
A
I
2t for Fusing for One Cycle, 10 milliseconds
50 Hz, 60% VRRM reapplied, Tj=150°C
I
2t
184,000
A
2 sec
Operating Temperature
TJ
-40 to +150
°C
Storage Temperature
Tstg
-40 to +125
°C
Max. Mounting Torque, M6 Mounting Screw on
Terminals
53
6
in.-Lb.
Nm
Max. Mounting Torque, Module to Heatsink
53
6
in.-Lb.
Nm
Module Weight, Typical
320
g
0.71
lb
V Isolation @ 25C
50
– 60 Hz, 1 minute
50
– 60 Hz, 1 second
Vrms
2500
3000
V
V
Information presented is based upon manufacturers testing and projected capabilities.
This information is subject to change without notice.
The manufacturer makes no claim as to the suitability of use, reliability, capability,
or future availability of this product.


Similar Part No. - CD612016C

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
CD612016C PAM-CD612016C Datasheet
454Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
CD612016C PAM-CD612016C Datasheet
454Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
More results

Similar Description - CD612016C

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
CC612216C PAM-CC612216C Datasheet
454Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
CC612416C PAM-CC612416C Datasheet
454Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
CD412499C PAM-CD412499C Datasheet
463Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 100 Amperes / 2000 to 2500 Volts
logo
Powerex Power Semicondu...
CC412099C POWEREX-CC412099C Datasheet
463Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 100 Amperes / 2000 to 2500 Volts
logo
Power Analog Micoelectr...
CC611416C PAM-CC611416C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CC611216C PAM-CC611216C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CC610816C PAM-CC610816C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CC611016C PAM-CC611016C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
logo
Powerex Power Semicondu...
CD410899C POWEREX-CD410899C Datasheet
476Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 100 Amperes / Up to 1800 Volts
LD412260 POWEREX-LD412260 Datasheet
393Kb / 6P
   POW-R-BLOKTM Dual Diode Isolated Module 600 Amperes / Up to 2600 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com