Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC29002DRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC29002DRG4
Description  ADVANCED 8-PIN LOAD-SHARE CONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC29002DRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC29002DRG4 Datasheet HTML 4Page - Texas Instruments UCC29002DRG4 Datasheet HTML 5Page - Texas Instruments UCC29002DRG4 Datasheet HTML 6Page - Texas Instruments UCC29002DRG4 Datasheet HTML 7Page - Texas Instruments UCC29002DRG4 Datasheet HTML 8Page - Texas Instruments UCC29002DRG4 Datasheet HTML 9Page - Texas Instruments UCC29002DRG4 Datasheet HTML 10Page - Texas Instruments UCC29002DRG4 Datasheet HTML 11Page - Texas Instruments UCC29002DRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
UCC29002
UCC29002/1
UCC39002
SLUS495H − SEPTEMBER 2001 − REVISED AUGUST 2007
8
www.ti.com
FUNCTIONAL DESCRIPTION
error amplifier (EAO)
As pictured in the block diagram, the UCC39002 employs a transconductance also called gM type error
amplifier. The gM amplifier was chosen because it requires only one pin, the output to be accessible for
compensation.
The purpose of the error amplifier is to compare the average, per module current level to the output current of
the respective module controlled by the UCC39002. It is accommodated by connecting the buffered VLS voltage
to its non−inverting input and the VCSO signal to its inverting input. If the average per module current,
represented by the load share bus is higher than the module’s own output current, an error signal will be
developed across the compensation components connected between the EAO pin and ground. The error signal
is than used by the adjust amplifier to make the necessary output voltage adjustments to ensure equal output
currents among the parallel operated power supplies.
In case the UCC39002 assumes the role of the master load share controller in the system or it is used in
conjunction with a stand alone power module, the measured current signal on VCSO is approximately equal to
the VLS voltage. To avoid erroneous output voltage adjustment, the input of the error amplifier incorporates a
typically 25 mV offset to ensure that the inverting input of the error amplifier is biased higher than the
non−inverting input. Consequently, when the two signals are equal, there will be no adjustment made and the
initial output voltage set point is maintained.
adjust amplifier output (ADJ)
A current proportional to the error voltage VEAO on pin 6 is sunk by the ADJ pin. This current flows through the
adjust resistor RADJ and changes the output voltage of the module controlled by the UCC39002. The amplitude
of the current is set by the 500-
Ω internal resistor between ground and the emitter of the amplifier’s open
collector output transistor according to Figure 1. The adjust current value is given as:
I
ADJ +
V
EAO
500
W
At the master module VEAO is 0 V, thus the adjust current must be zero as well. This ensures that the output
voltage of the master module remains at its initial output voltage set point at all times.
Furthermore, at insufficient bias level, during a fault or when the UCC39002 is disabled, the non-inverting input
of the adjust amplifier is pulled to ground to prevent erroneous adjustment of the module’s output voltage by
the load share controller.
(2)


Similar Part No. - UCC29002DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29002DRG4 TI-UCC29002DRG4 Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
More results

Similar Description - UCC29002DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC39002DR TI1-UCC39002DR Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002 TI1-UCC29002_16 Datasheet
1Mb / 30P
[Old version datasheet]   Advanced 8-Pin Load-Share Controller
UCC39002 TI-UCC39002 Datasheet
272Kb / 19P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DRG4 TI1-UCC39002DRG4 Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002D TI-UCC29002D Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UC1902 TI-UC1902 Datasheet
147Kb / 6P
[Old version datasheet]   Load Share Controller
UC1907 TI-UC1907 Datasheet
169Kb / 8P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3902D TI1-UC3902D Datasheet
305Kb / 10P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3907N TI1-UC3907N Datasheet
357Kb / 12P
[Old version datasheet]   LOAD SHARE CONTROLLER
logo
Linear Technology
LTC4350 LINER-LTC4350 Datasheet
186Kb / 16P
   Hot Swappable Load Share Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com