Selected language     English  ▼


CS612216C Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part No. CS612216C
Description  POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PAM [Power Analog Micoelectronics]
Homepage  http://www.poweranalog.com
Logo 

   
 1 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
http://www.pwrx.com
Single & Dual Diode Isolated Module
160 Amperes / 2000 to 2500 Volts
Revision Date: 05/20/2013
CD61__16C, CS61__16C
CC61__16C, CN61__16C
®
Outline Dimensions
Dimension
Inches
Millimeters
A
3.70
94
B
1.34
34
C
1.15
29.2
D
3.15
80
E
0.94
24
F
0.91
23
G
0.51
13
H
0.35
9
J
M6
M6
K
0.24
6.2
Note: Dimensions are for reference only.
Ordering Information:
Select the complete nine digit module
part number from the table below.
Example: CD612216C is a 2200Volt,
160 Ampere Dual Diode Isolated
POW-R-BLOK
TM Module
Type
Voltage
Volts
(x100)
Current
Amperes
Version
CD61
CN61
CC61
CS61
20
22
24
25
16
(160 A)
C
Description:
Powerex Single and Dual Diode
Modules are designed for use in
applications requiring rectification and
isolated packaging. The modules are
isolated for easy mounting with other
components on a common heatsink.
Features:
 Electrically Isolated Heatsinking
 Compression bonded construction
 Low Thermal Impedance
for Improved Current Capability
 RoHS Compliant
 UL Recognized (E78240)
Benefits:
 No Additional Insulation
Components Required
 Easy Installation
 No Clamping Components
Required
 Reduce Engineering Time
Applications:
 Power Supplies
 Bridge Circuits
 AC & DC Motor Drives
 Battery Supplies
 Large IGBT Circuit Front Ends
 Welders




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl