Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC39002DGKR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC39002DGKR
Description  ADVANCED 8-PIN LOAD-SHARE CONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC39002DGKR Datasheet(HTML) 4 Page - Texas Instruments

  UCC39002DGKR Datasheet HTML 1Page - Texas Instruments UCC39002DGKR Datasheet HTML 2Page - Texas Instruments UCC39002DGKR Datasheet HTML 3Page - Texas Instruments UCC39002DGKR Datasheet HTML 4Page - Texas Instruments UCC39002DGKR Datasheet HTML 5Page - Texas Instruments UCC39002DGKR Datasheet HTML 6Page - Texas Instruments UCC39002DGKR Datasheet HTML 7Page - Texas Instruments UCC39002DGKR Datasheet HTML 8Page - Texas Instruments UCC39002DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
UCC29002
UCC29002/1
UCC39002
SLUS495H − SEPTEMBER 2001 − REVISED AUGUST 2007
4
www.ti.com
electrical characteristics VDD = 12 V, 0°C < TA < 70°C for the UCC39002, −40°C < TA < 105°C for the
UCC29002 and UCC29002/1, TA = TJ (unless otherwise noted) (continued)
error amplifier
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VOH
High-level output voltage
IOUT_EAO = 0 mA
3.50
3.65
3.80
V
gM
Transconductance
IEAO = ± 50 µA
14
mS
IOH
High-level output current
VLS − VCSO = 0.4 V,REAO = 2.2 kΩ
0.70
0.85
1.00
mA
ADJ buffer
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VIO
Input offset voltage(2)
VADJ = 1.5 V,
VEAO = 0 V,
−60
mV
ISINK
Sink current
VADJ = 5.0 V,
VEAO= 0 V
0
5
10
µA
TA = 25_C
V
= 5.0 V,
V
= 2.0 V
3.60
3.95
4.30
ISINK
Sink current
0
_C ≤ TA ≤ 70_C
VADJ = 5.0 V,
VEAO= 2.0 V
LS = floating
3.45
3.95
4.45
mA
ISINK
Sink current
−40
_C ≤ TA ≤ 105_C
LS = floating
3.35
3.95
4.55
mA
(1)
Enables the load share bus at start-up.
(2)
Ensured by design. Not production tested.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ADJ
5
O
Adjust amplifier output. This is the buffered output of the error amplifier block to adjust output
voltage of the power supply being controlled. This pin must always be connected to a voltage
equal to or greater than VEAO + 1 V.
CS−
1
I
Current sense amplifier inverting input.
CS+
2
I
Current sense amplifier non-inverting input.
CSO
8
O
Current sense amplifier output.
EAO
6
O
Output for load share error amplifier. (Transconductance error amplifier.)
GND
4
Ground. Reference ground and power ground for all device functions. Return the device to the
low current sense− path of the converter.
LS
7
I/O
Load share bus. Output of the load share bus driver amplifier.
VDD
3
I
Power supply providing bias to the device. Bypass with a good quality, low ESL 0.1-
µF to 1-µF,
maximum, capacitor as close to the VDD pin and GND as possible.


Similar Part No. - UCC39002DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC39002DGKR TI1-UCC39002DGKR Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DGKR TI-UCC39002DGKR Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DGKR TI1-UCC39002DGKR Datasheet
1Mb / 30P
[Old version datasheet]   Advanced 8-Pin Load-Share Controller
UCC39002DGKRG4 TI-UCC39002DGKRG4 Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
More results

Similar Description - UCC39002DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29002DR TI-UCC29002DR Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DR TI1-UCC39002DR Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002 TI1-UCC29002_16 Datasheet
1Mb / 30P
[Old version datasheet]   Advanced 8-Pin Load-Share Controller
UCC39002 TI-UCC39002 Datasheet
272Kb / 19P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DRG4 TI1-UCC39002DRG4 Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UC1902 TI-UC1902 Datasheet
147Kb / 6P
[Old version datasheet]   Load Share Controller
UC1907 TI-UC1907 Datasheet
169Kb / 8P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3902D TI1-UC3902D Datasheet
305Kb / 10P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3907N TI1-UC3907N Datasheet
357Kb / 12P
[Old version datasheet]   LOAD SHARE CONTROLLER
logo
Linear Technology
LTC4350 LINER-LTC4350 Datasheet
186Kb / 16P
   Hot Swappable Load Share Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com