Selected language     English  ▼


CS612516C Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part No. CS612516C
Description  POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PAM [Power Analog Micoelectronics]
Homepage  http://www.poweranalog.com
Logo 

   
 4 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
http://www.pwrx.com
Single & Dual Diode Isolated Module
160 Amperes / 2000 to 2500 Volts
Revision Date: 05/20/2013
CD61__16C, CS61__16C
CC61__16C, CN61__16C
®
0
0.05
0.1
0.15
0.2
0.25
0.0001
0.001
0.01
0.1
1
10
100
Time - t - Seconds
Maximum Transient Thermal Impedance
(Junction to Case)
0
1
2
3
4
5
10
100
1000
10000
Instantaneous On-State Current - Ifm - Amperes
Maximum On-State Forward Voltage Drop
( Tj = 150 C )
15°
30°
60°
90°
120°
180°
0
50
100
150
200
250
0
20
40
60
80
100
120
140
160
180
Average On-State Current - If(av) - Amperes
Maximum On-State Power Dissipation
(Sinusoidal Waveform)
15°
30°
60°
90°
120°
180°
70
80
90
100
110
120
130
140
150
160
0
20
40
60
80
100
120
140
160
180
Average On-State Current - If(av) - Amperes
Maximum Allowable Case Temperature
(Sinusoidal Waveform)
15°
30°
60°
90°
120°
180°
270°
360°
0
50
100
150
200
250
300
350
0
50
100
150
200
250
300
Average On-State Current - If(av) - Amperes
Maximum On-State Power Dissipation
(Rectangular Waveform)
15°
30°
60°
90° 120°
180°
270°
360°(DC)
70
80
90
100
110
120
130
140
150
160
0
50
100
150
200
250
300
Average On-State Current - If(av) - Amperes
Maximum Allowable Case Temperature
(Rectangular Waveform)




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl