Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3817N Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3817N
Description  BCMOS POWER FACTOR PREREGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3817N Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC3817N Datasheet HTML 6Page - Texas Instruments UCC3817N Datasheet HTML 7Page - Texas Instruments UCC3817N Datasheet HTML 8Page - Texas Instruments UCC3817N Datasheet HTML 9Page - Texas Instruments UCC3817N Datasheet HTML 10Page - Texas Instruments UCC3817N Datasheet HTML 11Page - Texas Instruments UCC3817N Datasheet HTML 12Page - Texas Instruments UCC3817N Datasheet HTML 13Page - Texas Instruments UCC3817N Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
UCC2817, UCC2818, UCC3817, UCC3818
BiCMOS POWER FACTOR PREREGULATOR
SLUS395J - FEBRUARY 2000 - REVISED MARCH 2009
10
www.ti.com
APPLICATION INFORMATION
multiplier (continued)
The IIAC signal is obtained through a high-value resistor connected between the rectified ac line and the IAC
pin of the UCC3817/18. This resistor (RIAC) is sized to give the maximum IIAC current at high line. For the
UCC3817/18 the maximum IIAC current is about 500 µA. A higher current than this can drive the multiplier out
of its linear range. A smaller current level is functional, but noise can become an issue, especially at low input
line. Assuming a universal line operation of 85 VRMS to 265 VRMS gives a RIAC value of 750 kΩ. Because of
voltage rating constraints of standard 1/4-W resistor, use a combination of lower value resistors connected in
series to give the required resistance and distribute the high voltage amongst the resistors. For this design
example two 383-k
Ω resistors were used in series.
The current into the IAC pin is mirrored internally to the VFF pin where it is filtered to produce a voltage feed
forward signal proportional to line voltage. The VFF voltage is used to keep the power stage gain constant; and
to provid input power limiting. Please refer to Texas Instruments application note SLUA196 for detailed
explanation on how the VFF pin provides power limiting. The following equation can be used to size the VFF
resistor (RVFF) to provide power limiting where VIN(min) is the minimum RMS input voltage and RIAC is the total
resistance connected between the IAC pin and the rectified line voltage.
R
VFF +
1.4 V
V
IN(min)
0.9
2
R
IAC
[ 30 kW
Because the VFF voltage is generated from line voltage it needs to be adequately filtered to reduce total
harmonic distortion caused by the 120 Hz rectified line voltage. Refer to Unitrode Power Supply Design
Seminar, SEM−700 Topic 7, [Optimizing the Design of a High Power Factor Preregulator.] A single pole filter
was adequate for this design. Assuming that an allocation of 1.5% total harmonic distortion from this input is
allowed, and that the second harmonic ripple is 66% of the input ac line voltage, the amount of attenuation
required by this filter is:
1.5 %
66 %
+ 0.022
With a ripple frequency (fR) of 120 Hz and an attenuation of 0.022 requires that the pole of the filter (fP) be placed
at:
f
P +
120 Hz
0.022
[ 2.6 Hz
The following equation can be used to select the filter capacitor (CVFF) required to produce the desired low pass
filter.
C
VFF +
1
2
p
R
VFF
f
P
[ 2.2 mF
The RMOUT resistor is sized to match the maximum current through the sense resistor to the maximum multiplier
current. The maximum multiplier current, or IMOUT(max), can be determined by the equation:
I
MOUT(max) +
I
IAC
@V
IN(min)
V
VAOUT(max) *
1V
K
V
VFF
2
(min)


Similar Part No. - UCC3817N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3817N TI-UCC3817N Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC3817NG4 TI-UCC3817NG4 Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
More results

Similar Description - UCC3817N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2818D TI-UCC2818D Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com