Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS401 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HS401
Description  Heatshrink Adhesive Lined
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HS401 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HS401 Datasheet HTML 1Page - List of Unclassifed Manufacturers HS401 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <2>
V1.0
01/03/13
Heatshrink
Adhesive Lined
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Heatshrink, Sleeving, 4:1, 4mm
HS400
Heatshrink, Sleeving, 4:1, 6mm
HS401
Heatshrink, Sleeving, 4:1, 8mm
HS402
Heatshrink, Sleeving, 4:1, 12mm
HS403
Heatshrink, Sleeving, 4:1, 16mm
HS404
Heatshrink, Sleeving, 4:1, 20mm
HS405
Heatshrink, Sleeving, 4:1, 24mm
HS406
Heatshrink, Sleeving, 4:1, 32mm
HS407
Heatshrink, Sleeving, 4:1, 52mm
HS408
Heatshrink, Sleeving, 4:1, 4mm, 5m
HS409
Heatshrink, Sleeving, 4:1, 6mm, 5m
HS410
Heatshrink, Sleeving, 4:1, 8mm, 5m
HS411
Heatshrink, Sleeving, 4:1, 12mm, 5m
HS412


Similar Part No. - HS401

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS4011 RENESAS-HS4011 Datasheet
1Mb / 27P
   High Performance Relative Humidity and Temperature Sensor with Membrane and Digital Output
Jun 6, 2022
HS4011 RENESAS-HS4011 Datasheet
1Mb / 27P
   High Performance Relative Humidity and Temperature Sensor with Membrane and Digital Output
Mar 14, 2023
HS4012 RENESAS-HS4012 Datasheet
1Mb / 27P
   High Performance Relative Humidity and Temperature Sensor with Membrane and Digital Output
Jun 6, 2022
HS4013 RENESAS-HS4013 Datasheet
1Mb / 27P
   High Performance Relative Humidity and Temperature Sensor with Membrane and Digital Output
Jun 6, 2022
HS4013 RENESAS-HS4013 Datasheet
1Mb / 27P
   High Performance Relative Humidity and Temperature Sensor with Membrane and Digital Output
Mar 14, 2023
More results

Similar Description - HS401

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CGAT MACOM-CGAT Datasheet
48Kb / 2P
   Adhesive lined polyolefin heat-shrinkable tubing
logo
Qualtek Electronics Cor...
Q5-4X QUALTEK-Q5-4X_13 Datasheet
684Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
QRA-6X QUALTEK-QRA-6X_13 Datasheet
663Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
Q5-F3X QUALTEK-Q5-F3X_13 Datasheet
737Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
Q5-4XR QUALTEK-Q5-4XR_13 Datasheet
637Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
logo
List of Unclassifed Man...
QD-2000 ETC-QD-2000 Datasheet
2Mb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
QEC-150 ETC-QEC-150 Datasheet
350Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
logo
Qualtek Electronics Cor...
Q5-F4X QUALTEK-Q5-F4X_13 Datasheet
701Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
Q5-3X QUALTEK-Q5-3X_13 Datasheet
806Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
logo
List of Unclassifed Man...
QFR-135 ETC-QFR-135 Datasheet
550Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com