Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IHLP6767GZER220M11 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IHLP6767GZER220M11
Description  Low Profile, High Current IHLP® Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHLP6767GZER220M11 Datasheet(HTML) 2 Page - Vishay Siliconix

  IHLP6767GZER220M11 Datasheet HTML 1Page - Vishay Siliconix IHLP6767GZER220M11 Datasheet HTML 2Page - Vishay Siliconix IHLP6767GZER220M11 Datasheet HTML 3Page - Vishay Siliconix IHLP6767GZER220M11 Datasheet HTML 4Page - Vishay Siliconix IHLP6767GZER220M11 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: magnetics@vishay.com
Document Number: 34282
2
Revision: 30-Aug-10
IHLP-6767GZ-11
Vishay Dale
Low Profile, High Current IHLP® Inductors
PERFORMANCE GRAPHS
60
100
20
40
80
0
IHLP-6767GZ-11 0.33 µH
DC CURRENT (A)
0.0
0.1
0.2
0.3
0.4
0.5
0
20
40
60
80
100
120
ΔT°C
L
60
100
20
40
80
0
IHLP-6767GZ-11 0.47 µH
DC CURRENT (A)
0.0
0.1
0.2
0.3
0.4
0.5
0
2040
6080
100
ΔT°C
L
60
100
20
40
80
0
IHLP-6767GZ-11 0.56 µH
DC CURRENT (A)
0
2040
6080
100
ΔT°C
L
0.00
0.12
0.24
0.36
0.48
0.60
60
100
20
40
80
0
IHLP-6767GZ-11 0.82 µH
DC CURRENT (A)
ΔT°C
L
0.0
0.2
0.4
0.6
0.8
1.0
0
1530
45607590
60
100
20
40
80
0
IHLP-6767GZ-11 1.0 µH
DC CURRENT (A)
ΔT°C
L
0
1530
45607590
0.0
0.3
0.5
0.8
1.0
1.3
60
100
20
40
80
0
IHLP-6767GZ-11 1.5 µH
DC CURRENT (A)
ΔT°C
L
0.0
0.4
0.8
1.2
1.6
2.0
0
10
20304050
6070
60
100
20
40
80
0
IHLP-6767GZ-11 2.2 µH
DC CURRENT (A)
ΔT°C
L
0
10
20304050
6070
0.0
0.5
1.0
1.5
2.0
2.5
IHLP-6767GZ-11 3.3 µH
DC CURRENT (A)
ΔT°C
L
0.0
0.8
1.6
2.4
3.2
4.0
0
1020
30405060
60
100
20
40
80
0


Similar Part No. - IHLP6767GZER220M11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP6767GZER220M01 VISHAY-IHLP6767GZER220M01 Datasheet
421Kb / 7P
   Low Profile, High Current IHLP® Inductors
Revision: 17-Apr-14
More results

Similar Description - IHLP6767GZER220M11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP1212BZER3R3M11 VISHAY-IHLP1212BZER3R3M11 Datasheet
198Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 16-Jul-13
IHLP5050CEER3R3M01 VISHAY-IHLP5050CEER3R3M01 Datasheet
140Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 24-Feb-11
IHLP2020CZER2R2M01 VISHAY-IHLP2020CZER2R2M01 Datasheet
118Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 08-Mar-11
IHLP5050EZER3R3M01 VISHAY-IHLP5050EZER3R3M01 Datasheet
125Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 25-Feb-11
LP40DZ11 VISHAY-LP40DZ11 Datasheet
126Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 20-Oct-11
IHLP2525BDERR33M01 VISHAY-IHLP2525BDERR33M01 Datasheet
108Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 28-Feb-11
IHLP4040DZER100M11 VISHAY-IHLP4040DZER100M11 Datasheet
138Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 28-Mar-14
IHLP1212BZER1R5M11 VISHAY-IHLP1212BZER1R5M11 Datasheet
198Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 19-May-14
IHLP5050FDER1R0M01 VISHAY-IHLP5050FDER1R0M01 Datasheet
135Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 25-Feb-11
IHLP1616BZER4R7M11 VISHAY-IHLP1616BZER4R7M11 Datasheet
214Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 19-Dec-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com