Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65110A1867 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # Q65110A1867
Description  Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65110A1867 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button Q65110A1867 Datasheet HTML 4Page - OSRAM GmbH Q65110A1867 Datasheet HTML 5Page - OSRAM GmbH Q65110A1867 Datasheet HTML 6Page - OSRAM GmbH Q65110A1867 Datasheet HTML 7Page - OSRAM GmbH Q65110A1867 Datasheet HTML 8Page - OSRAM GmbH Q65110A1867 Datasheet HTML 9Page - OSRAM GmbH Q65110A1867 Datasheet HTML 10Page - OSRAM GmbH Q65110A1867 Datasheet HTML 11Page - OSRAM GmbH Q65110A1867 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LB E63C, LV E63C, LT E63C
2006-04-13
8
Durchlassstrom
2) Seite 18
Forward Current
2) page 18
I
F = f (VF); TA = 25 °C
Relative Lichtstärke
2) 7) Seite 18
Relative Luminous Intensity
2) 7) page 18
E
V/EV(30 mA) = f (IF); TA = 25 °C
Relative Lichtstärke
2) Seite 18
Relative Luminous Intensity
2) page 18
E
V/EV(25 °C) = f (Tj); IF = 30 mA
V
OHL02619
1.5
mA
IF
2.5
3.5
4.5
5.5 V 6.5
F
true green
verde,
blue
10
-1
5
10
0
10
5
1
10
5
2
I
F
V
E
V (30 mA)
E
OHL10036
0
10
10 12
10
10
-2
-1
10
10
0
1
10
mA
true green
verde
blue
5
5
5
OHL32637
-60
0
T
˚C
-40 -20
0
20 40 60
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
true green
blue
verde
j
V (25 ˚C)
E
V
E


Similar Part No. - Q65110A1867

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q65110A1058 ETC1-Q65110A1058 Datasheet
178Kb / 15P
   Vorlaufige Daten Preliminary Data
logo
ams AG
Q65110A1203 AMSCO-Q65110A1203 Datasheet
1Mb / 19P
   Silicon PIN Photodiode
Version 1.3 2022-08-11
logo
OSRAM GmbH
Q65110A1209 OSRAM-Q65110A1209 Datasheet
139Kb / 8P
   Silizium-PIN-Fotodiode in SMT und als Reverse Gullwing
Q65110A1209 OSRAM-Q65110A1209 Datasheet
756Kb / 17P
   LIDAR, Pre-Crash, ACC Rain Sensors
logo
List of Unclassifed Man...
Q65110A1458 ETC1-Q65110A1458 Datasheet
200Kb / 14P
   Vorlaufige Daten Preliminary Data
More results

Similar Description - Q65110A1867

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBE67C OSRAM-LBE67C Datasheet
153Kb / 15P
   Power TOPLED짰 Enhanced optical Power LED (ATON짰)
LATBT66B OSRAM-LATBT66B Datasheet
187Kb / 18P
   Enhanced optical Power LED (HOP2000 / ATON짰)
LWT67C OSRAM-LWT67C Datasheet
525Kb / 16P
   Hyper TOPLED짰 Enhanced optical Power LED
LBE63C OSRAM-LBE63C Datasheet
69Kb / 16P
   Power TOPLED with Lens Enhanced Optical Power LED (ATON)
LRTBGFUG OSRAM-LRTBGFUG Datasheet
626Kb / 28P
   Enhanced optical Power LED
LWP4SG OSRAM-LWP4SG Datasheet
642Kb / 18P
   Enhanced optical Power LED
LTRBGFSF OSRAM-LTRBGFSF Datasheet
1Mb / 32P
   Enhanced optical Power LED
LAYT67B OSRAM-LAYT67B Datasheet
353Kb / 15P
   Enhanced optical Power LED
LAM67B OSRAM-LAM67B Datasheet
448Kb / 15P
   Enhanced optical Power LED
LYYYG6SF OSRAM-LYYYG6SF Datasheet
437Kb / 17P
   Enhanced optical Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com